Part Number Hot Search : 
HB3140V AT1202 MBR10005 11084 1N5352 08A2397 00AXI M13B0
Product Description
Full Text Search
 

To Download ASPI-4122L-5R7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH CURRENT SHIELDED INDUCTOR
ASPI-4122
FEATURES & APPLICATIONS:
* Suface Mountable High Saturation Power Inductors * Applications: Power supply for VTR, OA equipment, LCD television set, notebook PC, portable communication, equipments, DC/DC converters, etc.
|||||||||||||||
10.4 x 10.4 x 5.6m
STANDARD SPECIFICATIONS:
Part Number ASPI-4122HASPI-4122SASPI-4122HASPI-4122LASPI-4122SASPI-4122HASPI-4122L(S,H)ASPI-4122HASPI-4122SASPI-4122LASPI-4122HASPI-4122SASPI-4122HASPI-4122LASPI-4122S(H)ASPI-4122HASPI-4122L(S)ASPI-4122SASPI-4122LASPI-4122SASPI-4122LASPI-4122LASPI-4122LR15 R22 R30 R36 R45 R50 R80 1R2 1R3 1R4 1R5 1R8 2R0 2R2 2R5 3R0 3R2 4R0 4R3 5R0 5R7 7R2 8R8
ASPI-4122 (Low D.C.R Type) L (H) DCR Saturation Rated Temperature 20% (m) Current (A) Rise Current(A) Max 0.15 0.22 0.30 0.36 1.7 24.0 19.0 0.45 0.50 0.80 2.4 16.0 17.7 1.2 1.3 1.4 4.1 12.0 13.0 1.5 1.8 2.0 2.2 5.3 9.6 11.2 2.5 3.0 3.2 7.5 7.8 9.0 4.0 4.3 10.5 6.8 7.8 5.0 5.7 12.4 5.8 7.4 7.2 18.0 5.3 6.2 8.8 23.8 4.8 4.9 ASPI-4122 (Standard Type) ASPI-4122 (High Power Type)
DCR (m) Max 1.7
Saturation Rated Temperature Current (A) Rise Current(A)
DCR (m) Max 1.7 2.4
Saturation Rated Temperature Current (A) Rise Current(A)
55.0 40.0
19.0 17.7
40.0
19.0
2.4 4.1 5.3
26.4 20.8 16.8
17.7 13.0 11.2 10.5 18.0 15.8 14.0 12.6 7.8 7.4 6.2 4.9 4.1 5.3 7.5 30.4 25.2 21.0 13.0 11.2 9.0
7.5
13.8
9.0 12.4
10.5 12.4 18.0 23.8
11.8 10.5 9.3 8.4
7.8 7.4 6.2 4.9
18.0 23.8
TECHNICAL INFORMATION:
* Open Circuit Inductance Test Parameters: 100KHZ, 0.25V * DCR limits 25C * Tolerance of inductance: ASPI-4122(L)- 0.36uH 30%(N) 0.8uH~8.8uH 20%((M) ASPI-4122(S)- 0.22uH 30%(N) 0.45uH~5.0uH 20%((M) ASPI-4122(H)- 0.15uH 30%(N) 0.5uH~3.0uH 20%((M) * Saturation Rated Current: The current either the inductance value becomes 35% (tolerance: +30%) lower than its nominal value or becomes 25%(tolerance: +20%) lower than its nominal value. (Ta=25C) * Temperature Rise Current (Typ.): The actual current when temperature of coil becomes T=40C (Ta=25C) Note: All specifications subject to change without notice.
OUTLINE DRAWING:
LAND PATTERN
(UNIT IN mm) inductance value, in H
REMARKS:
* All solder and material are lead free * Label packing box and reel: RoHS Compliance
ORDERING CODE:
ASPI-4122L(S,H)- R80 Inductor L (Low D.C.R Type) S (Standard Type) H (High Power Type) Size
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
rev1.1-9/06
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASPI-4122L-5R7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X