Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download ASJ-37-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.6mm & 3.5mm AUDIO JACKS
Adam Technologies, Inc.
STEREO & MONO EARPHONE JACKS
ASJ SERIES
INTRODUCTION: Adam Tech ASJ Series Stereo Jacks are a complete line of 2.6mm and 3.5mm jacks used primarily in computer and multi-media audio applications. This series provides a multitude of sizes and configurations that are available in single or multiple switching forms. Options include choice of full plastic or metal reinforced bodies, single, stacked or ganged versions and color-coded jacks for port identification. FEATURES: Broad range of sizes and configurations Single or Multiple switching functions Plastic or Metal reinforced bodies Ganged and Stacked versions Color Coded option for Port Identification MATING PLUGS: All industry standard 2.50mm and 3.50mm mono or stereo plugs. SPECIFICATIONS: Material: Standard insulator: PBT or LCP, Glass reinforced, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Color: Black Bushing: Brass, Nickel plated Contacts: Copper alloy Contact Plating: Tin over Copper underplate Electrical: Operating voltage: 12V DC max. Current rating: 1 Amp max. Contact resistance: 30 m max. initial Insulation resistance: 100 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 4.4 lbs max. Withdrawal force: 0.3 kg min Mating durability: 5000 cycles min. Temperature Rating: Operating temperature: -65C to +125C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic bags or Tape and Reel APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
OPTIONS: Add designator(s) to end of part number E = No back cover (Type 1 only) K = Kinked soldertails (Standard on Type 6, 7, 40) M = M6 x 0.5 threaded bushing HT = Hi-Temp Nylon 6T insulator for Hi-Temp soldering processes up to 260C TR = Tape & Reel packaging
ORDERING INFORMATION ASJ 1 3
SERIES INDICATOR ASJ = Stereo Jack
CONTACT FORMS 2, 3, 3A, 4A, 4B, 5 (see bottom of page 161 for schematic of contact and switch forms)
JACK TYPE 1, 5, 6, 7, 12, 15, 18, 37, 38, 40, 41 (see page 205-207)
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
204
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
3.5mm AUDIO JACKS
Adam Technologies, Inc.
ASJ-1
.472 [12.00] ASJ-1 .197 [5.00] .354 [9.00] .551 [14.00] o.142 [3.60] o.236 [6.00] .157 [4.00] .453 [11.50] .256 [6.50]
STEREO & MONO EARPHONE JACKS
ASJ SERIES
o.051 [1.30] .098 [2.50] .197 [5.00]
.118 [3.00]
.394 [10.00]
.157 [4.00] .256 [6.50] .453 [11.50]
ASJ-1-3
o.059 [1.50] 3 PLCS
.197 [5.00]
Recommended PCB Layout RECOMENDED PCB LAYOUT
ASJ-5
.126 [3.20] .193 [4.90] o.142 [o3.60] .157 [4.00] .551 [14.00] .456 [11.60] .317 [8.05] .096 [2.45] o.236 [6.00] o.075 [1.90] .045 [1.15]
ASJ-5
.209 [5.30] .276 [7.00]
.137 [3.50] .059 [1.50] M6 THREAD OPTIONAL
.047 [1.20] .242 [6.15]
.033 [0.85]
ASJ-5-4A
RECOMMENDED PCB Layout Recommended PCBLAYOUT
ASJ-37
.453 [11.50] o.142 [3.60] .236 [6.00] .118 [3.00] .118 [3.00]
M6 THREAD OPTIONAL
.531 [13.50] .693 [17.60] .138 [3.50] CLEAR TOP .197 [5.00] .476 [12.10] .210 [5.30]
o.236 [6.00]
.201 [5.10]
.177 [4.50] .378 [9.60]
.208 [5.30]
ASJ-37-5-M
.204 [5.20] .402 [10.20]
.031 X .071 [0.80 X 1.80]
.362 [9.20] .650 [16.51]
Recommended PCB Layout
RECOMMENDED PCB LAYOUT
ASJ-6
.472 [12.00] ASJ-6 .276 [7.00] .275 [7.00] .157 [4.00] .394 [10.00] .020 [0.50] .118 [3.00] o.142 [3.60] o.275 [7.00]
.453 [11.50] .138 [3.50]
.118 [3.00]
.197 [5.00] o.051 [o1.30] (5X)
.394 .197 [5.00] [10.00] o.059 [1.50] POSTS
ASJ-6-5
o.051 [1.30]
.315 [8.00]
Recommended PCB Layout RECOMMENDED PCB LAYOUT
CONTACT FORM Contact Form FORM 2 Form 2 1 SCHEMATIC Schematic 2 FORM 3 Form 3 1 3 FORM 3A Form 3A 1 FORM 4A Form 4A 1 3 11 2 FORM 4B Form 4B 1 3 10 2 FORM 5 Form 5 1 3 11 10 2
2
10 2
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
205
3.5mm AUDIO JACKS
Adam Technologies, Inc.
ASJ-7 ASJ-7 .472 [12.00] o.142 [3.60] .354 [9.00] .417 [10.60] .118 [3.00] .197 [5.00]
STEREO & MONO EARPHONE JACKS
ASJ SERIES
.140 [3.50]
.256 [6.50]
.275 [7.00]
o.236 [6.00] o.059 [1.50] POST (3X) .197 [5.00]
.197 .394 [5.00] [10.00]
o.051 [1.30]
ASJ-7-5
.394 [10.00]
.118 [3.00]
Recommended PCB Layout RECOMMENDED PCB LAYOUT
ASJ-40
1.456 [37.00] .236 [6.00] A .354 [9.00] .492 [12.50] B C .256 [6.50] o.142 [3.60] o.236 [6.00] .456 [11.60]
ASJ-40-4A
.394 [10.00] .197 [5.00] .118 [3.00] .315 [8.00]
Recommended PCB Layout
ASJ-15
.169 [4.30] .670 [17.00] o.142 [3.60] .189 [4.80] .390 [9.90] .620 [15.75] .276 [7.00] o.063 [1.60]
.236 [6.00] .197 [5.00]
ASJ-15-4B
.059 [1.50] .138 [3.50]
.276 [7.00]
.094 [2.40] .461 [11.70]
.114 [2.90]
Recommended Solder Pad Layout
ASJ-41
.496 [12.60]
LT BLUE AUDIO LINE IN
.238 [6.05] .147 [3.73] .050 [1.27] .050 [1.27] .147 [3.73] .238 [6.05] .059 [1.50] 1.516 [38.50]
4-o2.3 [.091]
1.240 [31.50]
3-o3.6 [.141]
.748 [19.00]
.994 [25.25]
LIME AUDIO LINE OUT
13-o.039 [1.00] .394 [10.00] .295 [7.50] .197 [5.00] 0.00 .149 [3.80] UNPLATED THRU HOLE
.256 [6.50]
PINK MICROPHONE
ASJ-41-5
Recommended PCB Layout
206
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
.197 .098 .00 .098 .197
2.6mm AUDIO JACKS
Adam Technologies, Inc.
ASJ-12
.531 [13.50] .236 [6.00]
STEREO & MONO EARPHONE JACKS
ASJ SERIES
12
4
.197 [5.00]
.394 [10.00]
.157 [4.00]
.295 [7.50]
3
5
o.157 [4.00]
.295 [7.00] .354 [9.00] o.102 [2.60] .158 [4.00]
.216 [5.50]
.197 [5.00]
.295 .157 [7.50] [4.00]
ASJ-12-5
.110 [2.80]
Recommended Solder Pad Layout
ASJ-18
.173 [4.40] .067 [1.70] .197 [5.00] o.102 [2.60] o.157 [4.00] .453 [11.50] .197 [5.00] .091 [2.30] .035 [0.90]
ASJ-18-4B
.031 [0.80]
.276 [7.00]
.059 [1.50]
.276 [7.00] .427 [10.85]
.067 [1.70]
Recommended Solder Pad Layout
ASJ-38
.197 [5.00] o.102 [2.60] o.157 [4.00] o.039 [1.00]
.472 [12.00] .079 [2.00]
.453 [11.50] .157 [4.00] o.047 [1.20]
.059 [1.50]
.157 [4.00]
.340 [8.60]
.299 [7.60]
ASJ-38-5
.291 [7.40]
.252 [6.40]
.098 [2.50] .295 [7.50]
Recommended Solder Pad Layout
Mono AUDIO PLUG MONO Audio Plug
1.389 [35.30] X X
Stereo AUDIO Plug STEREO AudioPLUG
1.389 [35.30]
oY
oY
PART No. ASP-2.5-M-SR ASP-3.5-M-SR
X .468 [11.90] .590 [15.00]
Y o.098 [2.50] o.137 [3.50]
PART No. ASP-2.5-S-SR ASP-3.5-S-SR
X .468 [11.90] .590 [15.00]
Y o.098 [2.50] o.137 [3.50]
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
207


▲Up To Search▲   

 
Price & Availability of ASJ-37-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X