|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APD-064M033 Vishay Dale Plasma Panel Display Modules 64 Character Display with Drive Electronics and Controller, Serial and Parallel Versions FEATURES * * * * * * * * * The APD-064M033 display module displays up to 64 alphanumeric 5 x 7 dot matrix characters arranged in 4 lines of 16 characters each. The module includes drive electronics, a controller consisting of refresh memory, character generator and control logic with ASCII input. Interfacing is very simple and requires minimum handshake to enable the module to serve as a cost effective direct readout device for many applications including POS terminals, industrial controls, computer peripherals, measurement instruments and office machines. Serial and parallel versions are available as well as single + 5 VDC power input. 64 (4 x 16) alpha numeric characters (5 x 7 dot matrix). Only + 5 and + 185 VDC required (+ 5 volt only avail able). ASCII character set (optional character sets available). Parallel or serial interface. Wide viewing angle (150). Rugged design/slim profile. Flicker free refresh, high speed data input. High brightness. Compatible with Babcock DP-0416-C1. ENVIRONMENTAL SPECIFICATIONS Operating Temperature: 0C to + 55C. Storage Temperature: - 55C to + 85C. Relative Humidity: 10-90% R.H. non-condensing. Mechanical Shock: 50G 1/2 sine wave, 11 msec duration, 5 shocks in each of 6 directions. Vibration: 0.018" [0.457mm] displacement amplitude from 10 to 50Hz, 2G acceleration from 50 to 2000Hz logarithmic sweep rate, along each side of the 3 major axes. OPTICAL SPECIFICATIONS Viewing Area: 4.76" [120.90mm] W x 2.0" [50.80mm] H. Number of Characters: 64. Character Size: 0.330" [8.38mm] W x .230" [5.84mm] H. Luminance: 80 foot lamberts. Color: Neon orange. Viewing Angle: 150 cone. GENERAL DESCRIPTION The APD-064M033 plasma display module consists of a multiplexed DC plasma display, driver circuitry and a microprocessor-based controller board. The interface is a basic 8 bit parallel ASCII interface with handshaking and some dedicated control lines or a serial data interface which requires no handshaking. The EPROM based character generator is programmed with an ASCII character set but is easily configured for any character set. Vishay Dale's patented open construction display technology assures a stable, flicker free screen. Parallel ASCII and cursor data are presented to the unit in negative logic convention and a separate strobe line for each determines which is entered. A single busy signal indicates to the host system when the display is busy. The logic input is one 74LS type input with a 4.75 kilohm to + 5 VDC and a 1000pF capacitor to ground. The output is driven from a 74LS06 open collector gate and is not internally pulled up. The serial interface is RS-232 compatible. Baud rate is 9600(other baud rates can be supplied) and the data byte format is 8 data bits, 1 stop bit and no parity. The serial interface supports Reset, Backspace, Line Feed and Carriage Return in addition to Cursor Position selection. www.vishay.com 2 STANDARD ELECTRICAL SPECIFICATIONS Logic Supply Voltage Logic Supply Current Panel Supply Voltage Panel Supply Current (+ 5 VDC only option) Supply Voltage Supply Current MIN. + 4.75 -- + 175 -- + 4.75 -- TYP. + 5.0 -- + 185 -- + 5.0 -- MAX. + 5.25 750 + 195 30 + 5.25 1.0 UNITS V mA V mA V A INTERFACE SIGNAL DESCRIPTION DB0-DB7 (Data bus) - Data bus to enter character and cursor data. CUR-LD (Cursor Load) - The cursor is moved to the address given by DB0-DB7 where: 00H = home position. 0FH = last character position, 1st line. 3FH = last character position, 4th line. WR (Write) - The ASCII character, as defined by the code given by DB0-DB7, is displayed at the selected address. The display auto-increments from a given address. BUSY (Busy Signal) - I/O is inhibited when busy is high. Document Number: 37047 Revision 05-Dec-00 APD-064M033 Vishay Dale DIMENSIONS in inches [millimeters] 8.0 [203.20] 6.70 [170.18] 0.650 [16.51] 1.13 [28.70] 0.125 [3.18] 2.20 [55.88] 1.90 [48.26] 2.76 [70.10] 3.40 [86.36] 0.455 [11.56] 4.75 [120.65] 0.975 [24.77] 0.320 [8.13] PIN DESCRIPTION CONNECTOR J1 PIN 1, 3, 5, 7, 9, 11, 13, 15 2 4 6, 8, 10, 12 14 16 1 2 3 4 1 2 3 4 5 6 SIGNAL DB0-DB7 BUSY SERIAL DATA GROUND (Data) WR CUR-LD + 185 VDC GROUND (H) GROUND (L) + 5 VDC + 185 VDC GROUND (L) SERIAL DATA GROUND (Data) + 5 VDC GROUND (H) PARALLEL INPUT FUNCTION TABLE CUR-LD L H WR H L FUNCTION Select a cursor address with DB0-DB7 DB0-DB7 ASCII character loaded at cursor address, increment address J2 SERIAL DATA CONTROL CODES Reset 01H 08H 0AH 0DH 1BH, XX (XX = cursor address) TB1 Backspace Line Feed Carriage Return Load Cursor Position WARNING: Wrong connections may cause permanent damage to the display and host system. When using APD-064M033-1 (+ 5 VDC only version), no connections must be made to pins 1, 2 of J2 and 1, 6 of TB1. ORDERING INFORMATION DESCRIPTION PARALLEL VERSION, + 5, + 185 VDC INPUT Display, Drive Electronics and Controller .................................................................................................................................... APD-064M033 SERIAL VERSION, + 5 VDC INPUT, 9600 BAUD Display, Drive Electronics and Controller ................................................................................................................................. APD-064M033-1 J1 Data Connector Kit ........................................................................................................................................................................ 280105-02 J2 Power Connector Kit .................................................................................................................................................................... 280108-06 Non-Glare Filter (amber circular polarized) - other filters available, contact factory .......................................................................... 280109-15 PART NUMBER Document Number: 37047 Revision 05-Dec-00 www.vishay.com 3 |
Price & Availability of APD-064M033 |