Part Number Hot Search : 
A6531 B39881 IL1815D 5083NW 74ACT541 TSH82IPT HCTS21MS 24LC0
Product Description
Full Text Search
 

To Download 94SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 94SC
Vishay
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
FEATURES
* Designed for general use. * Superior high frequency characteristics. * 94SC capacitors are suitable for use in noise limiters and switching power supplies.
STANDARD RATINGS
CASE CODE A PART* NUMBER 94SC105X0030ABP MAX. ALLOWABLE MAX. LEAKAGE RIPPLE CURRENT NOMINAL MAX. TANGENT MAX. ESR RATED CURRENT (mArms) OF LOSS 100k ~ 300kHz (A) VOLTAGE CAPACITANCE (@ 100kHz, + 45C) (After 2 Minutes) (F) ANGLE (m) (V) 30.0 1.0 1.0 1.5 2.2 3.3 4.7 6.8 1.5 2.2 2.2 3.3 4.7 6.8 10.0 15.0 3.3 4.7 6.8 10.0 10.0 15.0 22.0 33.0 4.7 6.8 15.0 22.0 33.0 47.0 10.0 22.0 33.0 47.0 22.0 430 430 435 450 500 540 560 435 695 695 700 720 745 780 815 820 1130 1140 1150 1150 1230 1270 1320 1300 1340 1650 1800 1900 2020 1380 2330 2900 2980 1830 1.00 0.50 0.50 0.50 0.53 0.50 0.50 1.00 1.32 0.55 0.83 0.75 1.09 1.00 0.95 1.98 1.18 1.70 2.50 1.60 2.40 2.20 2.08 2.82 4.08 3.75 3.52 5.28 4.70 6.00 5.50 8.25 11.75 13.20 0.03 0.03 0.03 0.04 0.04 0.05 0.05 0.03 0.03 0.03 0.03 0.04 0.04 0.05 0.05 0.03 0.03 0.03 0.03 0.04 0.04 0.05 0.05 0.04 0.04 0.04 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.06 350 350 300 280 280 280 250 300 250 200 200 180 150 150 120 200 100 100 90 90 90 70 70 120 120 70 70 70 60 110 40 35 35 80
94SC105X0025(16)ABP 25.0 (16.0) 94SC155X0025(16)ABP 25.0 (16.0) 94SC225X0016ABP 94SC335X0016ABP 94SC475X0010ABP 94SC685X06R3ABP B 94SC155X0030BBP 94SC225X0030BBP 94SC225X0025BBP 94SC335X0025BBP 94SC475X0016BBP 94SC685X0016BBP 94SC106X0010BBP 94SC156X06R3BBP C 94SC335X0030CBP 94SC475X0025CBP 94SC685X0025CBP 94SC106X0025CBP 94SC106X0016CBP 94SC156X0016CBP 94SC226X0010CBP 94SC336X06R3CBP D 94SC475X0030DBP 94SC685X0030DBP 94SC156X0025DBP 94SC226X0016DBP 94SC336X0016DBP 94SC476X0010DBP E F 94SC106X0030EBP 94SC226X0025EBP 94SC336X0025FBP 94SC476X0025FBP 94SC226X0030FBP 16.0 16.0 10.0 6.3 30.0 30.0 25.0 25.0 16.0 16.0 10.0 6.3 30.0 25.0 25.0 25.0 16.0 16.0 10.0 6.3 30.0 30.0 25.0 16.0 16.0 10.0 30.0 25.0 25.0 25.0 30.0
*Part Numbers shown are for 20% capacitance tolerance (X0). 94SC106X0016_ _ _ Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack. Document Number: 90004 Revision 23-May-01 www.vishay.com 11
Type 94SC
Vishay
DIMENSIONS in inches (millimeters)
Standards of Lead Position
Sleeve OD + .020 [0.5] Max. L + .040 [1.0] Max. Od .002 [0.05]
CASE CODE A B
ODxL .157 x .268 [4.0 x 6.8] .197 x .268 [5.0 x 6.8] .248 x .268 [6.3 x 6.8] .248 x .386 [6.3 x 9.8] .315 x .413 [8.0 x 10.5] .394 x .413 [10.0 x 10.5]
F .079 [2.0] .079 [2.0] .098 [2.5] .098 [2.5] .138 [3.5] 0.20 [5.0]
Od .018 [0.45] .018 [0.45] .018 [0.45] .236 [0.60] .236 [0.60] .236 [0.60]
G (Max.) .020 [0.5] .020 [0.5] .020 [0.5] .020 [0.5] .031 [0.8] .031 [0.8]
K (Max.) .020 [0.5] .020 [0.5] .020 [0.5] .020 [0.5] .031 [0.8] .031 [0.8]
.020
[0.5] .591 [15.0] Min. .157 [4.0] Min.
F
B A. B' C A' G
F
C
K
D E F
.787 [20.0] Min.
Mark * = Ideal Lead Position C = The Middle Point of A-A'
ENVIRONMENTAL PERFORMANCE
ITEMS 1. Operating Temperature Range 2. Capacitance Tolerance @ 120Hz 3. Tangent of Loss Angle (tan ) @ 120Hz 4. Leakage Current (A/2 minutes) (or less)* 5. Equivalent Series Resistance () (100k ~ 300kHz) 6. Temperature Characteristics Impedance Ratio at 100kHz 7. High Temperature Load** + 105C, 2,000 hours. Rated Voltage Applied (25 WV- 20V applied) 8. Moisture Resistance (+ 60C, 90 ~ 95% RH, 1,000 hours, no voltage) C/C tan Leakage Current C/C tan Leakage Current 9. Reverse Voltage Guarantee CHARACTERISTICS - 55C ~ + 105C X0 = 20% Values in Standard Ratings Table 6.3 ~ 25 WV : 0.01 CV or 0.5 30 WV : 0.02 CV or 1.0 (Whichever is greater) Values in Standard Ratings Table - 55C + 105C Z/Z20C Z/Z20C 1.0 ~ 1.25 0.75 ~ 1.0
Within 20% of the initial value 1.5 times the value of Item 3 The value of Item 4 Within 10% of the initial value 1.5 times the value of Item 3 The value of Item 4
Temporary: Less than 20% of the rated voltage Continuous: Less than 10% of the rated voltage
*If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at + 105C. The rated voltage should be applied for 6.3 to 16.30 WV, while a temperature reduction voltage should be applied for 25 WV. **To use a Vishay OS-CON capacitor when the operating temperature exceeds + 85C on a component with a rated voltage of 25V, reduce the voltage by 0.25V for every degree (1C) relative to the value at + 85C (25V).
CASE CODE LIST
CAPACITANCE (F) 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 WV*** 6.3 10 (11.5) -- -- -- -- A -- B -- C -- D 16 (18.4) A A A A B B C C D D -- 25 (25) A A B B C C C D E F F 30 (34.5) A B B C D D E -- F -- -- (SV)**** (7.3) -- -- -- -- -- A -- B -- C --
TEMPERATURE COEFFICIENT FOR RIPPLE CURRENT
Ambient Temperature ~ + 45C Coefficient 1.0 + 85C 0.7 + 95C 0.4 + 105C 0.25
PART MARKING*****
-- Polarity -- Rated voltage -- Capacitance -- OS-CON -- Lot number -- Maximum operating temperature (+ 105C)
***WV = Rated Voltage. ****(SV) = Surge Voltage (at room temperature). www.vishay.com 12
*****Sleeve color: Blue. Marking: White. Document Number: 90004 Revision 23-May-01


▲Up To Search▲   

 
Price & Availability of 94SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X