Part Number Hot Search : 
XFADSL13 AN7C51BH CS161 F20JC10 MV881X LM224 MV881X F20JC10
Product Description
Full Text Search
 

To Download 880-03-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. 1. PHYSICAL DIMENSIONS 65.7REF.
REVISION REV. B DESCRIPTION RoHS Compliancy DATE 06-01-06 APPROVED DP
ELECTRICAL CHARACTERISTICS: 1-1. VOLTAGE RATING...................................115/250VAC 1-2. CURRENT RATING A. @ 115 VAC..........................................3 A RMS MAX B. @ 250 VAC.........................................3 A RMS MAX OPERATING FREQUENCY......................50/60Hz LEAKAGE CURRENT: EACH LINE TO GROUND A. @ 115 VAC 60Hz............................0.20 mA MAX B. @ 250 VAC 50Hz.............................0.40 mA MAX HIPOT RATING (FOR ONE MINUTE) A. LINE TO GROUND...........................2250 VDC B. LINE TO LINE.....................................1450 VDC MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM)
.01 2 / .05 10 2 .10 12 8 .15 15 8 .50 30 15 1.0 35 20 5.0 35 30 10 40 35 30 35 35
R2.5MAX.
1-3.
50.7MAX.
40.0 0.5
29.5 0.5
40.0 0.1
1-4.
1-5.
O3.3 0.2
M3 60.0 1.0
1-6.
FREQ. MHz
28.7MAX.
66.0MAX.
62.5MAX.
COM. MODE dB DIF. MODE dB
14.5 1.0
56.0MAX.
1-7. 1-8.
OPERATING TEMPERATURE.................-25 TO +85 C SAFETY: USE 5X20mm FUSE RoHS COMPLIANT
59.5MAX.
1-9. 1-10.
2. ELECTRICAL SCHEMATIC
Dim range (mm)
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
CONTROLLED Qualtek Electronics Corp.
Part Number: Description:
PPC DIVISION 880-03/002
EMI FILTER
UNIT: mm
L: C1: C2: R:
2.0mH 0.22uF 2200pF 1.0M
0-1 1-6 6-18 18-50 50-120 120-250 250-500
REV. B
Approved / Date JJH / 03-18-04
Drawn / Date B.ZHANG 03-18-04
Checked / Date 03-18-04


▲Up To Search▲   

 
Price & Availability of 880-03-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X