Part Number Hot Search : 
2N2762 NJU7301 20N120 R1C10 AP431AQ CY7C1380 X9221UP 11SRW
Product Description
Full Text Search
 

To Download 5962R9569001VXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS-5104ARH
TM
Data Sheet
August 2001
File Number
3025.4
Radiation Hardened Low Noise Quad Operational Amplifier tle 4A iadThe HS-5104ARH is a radiation hardened, monolithic quad operational amplifier that provides highly reliable performance in harsh radiation environments. Its excellent noise characteristics coupled with an unique array of dynamic specifications make this amplifier well-suited for a variety of satellite system applications. Dielectrically isolated, bipolar processing makes this device immune to Single Event Latch-Up. The HS-5104ARH shows almost no change in offset voltage after exposure to 100kRAD(Si) gamma radiation, with only a minor increase in current. Complementing these specifications is a post radiation open loop gain in excess of 40K. This quad operational amplifier is available in an industry standard pinout, allowing for immediate interchangeability with most other quad operational amplifiers. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering. Detailed Electrical Specifications for these devices are contained in SMD 5962-95690. A "hot-link" is provided on our homepage for downloading. http://www.intersil.com
Features
* Electrically Screened to SMD # 5962-95690 * QML Qualified per MIL-PRF-38535 Requirements * Radiation Environment - Gamma Dose () . . . . . . . . . . . . . . . . . 1 x 105RAD(Si) * Low Noise - At 1kHz . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/Hz (Typ) - At 1kHz . . . . . . . . . . . . . . . . . . . . . . . . 0.6pA/Hz (Typ) * Low Offset Voltage . . . . . . . . . . . . . . . . . . . . .3.0mV (Max) * High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 2.0V/s (Typ) * Gain Bandwidth Product . . . . . . . . . . . . . . . 8.0MHz (Typ)
se d raal plitho ds rpon, ior, iad,
Applications
* High Q, Active Filters * Voltage Regulators * Integrators * Signal Generators * Voltage References * Space Environments
Ordering Information
ORDERING NUMBER 5962R9569001V9A 5962R9569001VCC 5962R9569001VXC INTERNAL MKT. NUMBER HS0-5104ARH-Q HS1-5104ARH-Q HS9-5104ARH-Q TEMP. RANGE (oC) 25 -55 to 125 -55 to 125 -55 to 125
HS1-5104ARH/PROTO HS1-5104ARH/PROTO
Pinouts
HS-5104ARH (SBDIP) CDIP2-T14 TOP VIEW
OUT 1 -IN1 +IN1 V+ +IN2 -IN2 OUT 2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUT 4 -IN4 +IN4 V+IN3 -IN3 OUT 3 OUT 1 -IN1
HS-5104ARH (FLATPACK) CDFP3-F14 TOP VIEW
1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUT 4 -IN4 +IN4 V+IN3 -IN3 OUT 3
d, L,
+IN1 V+ +IN2 -IN2 OUT 2
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2001, All Rights Reserved
HS-5104ARH Burn-In Circuit
1 2 R1 3 +V C1 4 D1 R2 5 6 7 + 2 3 + 1 + 4 + 14
Irradiation Circuit
+15V R4 12 11 R3 10 D2 C2 -V
-
-
13 +
-
-15V (ONE OF FOUR)
-
-
9 8
NOTES: 5. +V = 15V 6. -V = -15V 7. Group E Sample Size = 4 Die Per Wafer
NOTES: 1. R1 = R2 = R3 = R4 = 1MW, 5%, 1/4W (Min) 2. C1 = C2 = 0.01F/Socket (Min) or 0.1F/Row (Min) 3. D1 = D2 = IN4002 or Equivalent/Board 4. |(V+) - (V-)| = 31V 1V
2
HS-5104ARH Die Characteristics
DIE DIMENSIONS: 95 mils x 99 mils x 19 mils 1 mils (2420m x 2530m x 483m 25.4m) INTERFACE MATERIALS: Glassivation: Type: Nitride (SI3N4) over Silox (SIO2, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA Top Metallization: Type: Al, 1% Cu Thickness: 16kA 2kA Substrate: Bipolar Dielectric Isolation Backside Finish: Silicon ASSEMBLY RELATED INFORMATION: Substrate Potential (Powered Up): Unbiased ADDITIONAL INFORMATION: Worst Case Current Density: <2.0 x 105 A/cm 2 Transistor Count: 175
Metallization Mask Layout
HS-5104ARH
+IN2 V+ +IN1
-IN2
-IN1
OUT2 OUT3
OUT1 OUT4
-IN3
-IN4
+IN3
V-
+IN4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
3


▲Up To Search▲   

 
Price & Availability of 5962R9569001VXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X