Part Number Hot Search : 
12005 2508A 2508A K2466 MC4194 SPT5303 182K00 10A30
Product Description
Full Text Search
 

To Download 527-047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 527-047 Multi-Function Backshell
for Size 2 ARINC 600 Series Connector
527-047 NF P 01 03 05 A Basic Part No. Finish (Table III) Connector Designator (Table IV) Dash No. (Table I) Position 1 Dash No. (Table I) Position 2 Dash No. (Table I) Position 3 Height Code (Table II) 45 Chamfer Both Ends
ARINC 600 Backshells
A
Outlet Type C Shown Position 3
Mounting Hardware Supplied - 10 Places
Outlet Type H Shown Position 2
5.61 (142.5) Outlet Type B (Accomodates 600-052 Bands) 35 Position 1 Chamfer 4 Places
H
A
Metric dimensions (mm) are indicated in parentheses.
1.79 (45.5)
View A-A
(c) 2004 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com F-8
for Size 2 ARINC 600 Series Connector TABLE I: CABLE ENTRY
Outlet Type B B H H C C Omit
Dash No. 01 02 03* 04** 05 06 07
Cable Entry Max .500 (12.7) 1.000 (25.4) .346 (8.8) .840 (21.3) .312 (7.9) .594 (15.1) N/A
1. Metric dimensions (mm) are indicated in parentheses. 2. Material/Finish: Backshell and Fittings = Al Alloy/See Table II Hardware = SST/Passivate 3. Height code C not available with P2 or P6 connectors.
* Dash No. 03 mates with MIL-C-38999 Series III and IV Size 09 Accessories ** Dash No. 04 mates with MIL-C-38999 Series III and IV Size 17 Accessories
TABLE III: FINISH OPTIONS
Symbol B C* G* J LF M N Finish Cadmium Plate/Olive Drab Black Anodize Anodic Hard Coat Gold Iridite over Cadmium Plate over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Electroless Nickel Cadmium Plate/Olive Drab over Electroless Nickel Symbol NC NF T U** ZN Finish Zinc Cobalt/Dark Olive Drab Cadmium Plate/Olive Drab over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Cadmium Plate/Black Zinc-Nickel Alloy/Olive Drab
TABLE II
Height Code A B C D 1.00 1.25 .44 .84 H (25.4) (31.8) (11.2) (21.3)
*Anodize finish is not suitable for EMI shielding or grounding applications. **Applicable to corrosion resisting steel backshells and accessories. Consult factory for other available finishes.
TABLE IV: CONNECTOR DESIGNATOR
ARINC 600 series connector backshells are designed to replace the insert retainer plates. Due to non-standard modifications by the connector manufacturer, the backshell may require special design alterations to mate properly. The following should be used to determine if a backshell modification is required. Prior to ordering, consult factory with connector part numbers not shown to ensure a proper fit. Connector Designator P Connector Description All Manufacturer's Plug and Receptacle Shells, Except for Those Listed Below (Prior to ordering, consult factory with connector part numbers not listed below to ensure a proper fit.) Cannon BKAD****322 Series Plug Cannon/Radiall Environmental Plug Cannon/Boeing BACC 66 Plug Radiall/Boeing BACC66 Plug Cannon BKAC & BKAE XXX322 Series Environmental Plug
CAGE Code 06324 Printed in U.S.A.
P1 P2 P3 P5 P6
(c) 2004 Glenair, Inc.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com F-9
ARINC 600 Backshells
527-047 Multi-Function Backshell


▲Up To Search▲   

 
Price & Availability of 527-047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X