Part Number Hot Search : 
AR0330 2SC4320 LC60134 28F256 0BEEVAE FT2000KC DFREE CMD54152
Product Description
Full Text Search
 

To Download 5082-313E-H0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HDSP-311x/313x 10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Data Sheet
Applications * Suitable for indoor use * Not recommended for industrial application, i.e., operating temperature requirements exceeding +85C or below -25C[1] * Extreme temperature cycling not recommended
Note: 1. For additional details, please contact your local Agilent sales office or an authorized distributor.
Description This 10.16 mm (0.4 inch) LED single digit seven segment display uses industry standard size package and pinout. The device is available in either common anode or common cathode. The choice of colors includes High Efficiency Red (HER), Green, AlGaAs Red, and Yellow. The gray face displays are suitable for indoor use.
Features * Industry standard size * Industry standard pinout 10.16 mm (0.4 inch) character height DIP lead on 2.54 mm * Choice of colors High Efficiency Red (HER), Green, AlGaAs Red, and Yellow * Excellent appearance Evenly lighted segments gray package gives optimum contrast 50 ft. viewing angle * Design flexibility Common anode right hand decimal point or common cathode right hand decimal point * Categorized for luminous intensity Green and yellow categorized for color
Devices HER HDSP-311E HDSP-313E Green HDSP-311G HDSP-313G AlGaAs Red HDSP-311A HDSP-313A Yellow HDSP-311Y HDSP-313Y Description Common Anode Right Hand Decimal Common Cathode Right Hand Decimal Package Drawing A B
Part Numbering System
5082 -X X X X-X X X X X HDSP-X X X X-X X X X X Mechanical Options [1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color [1] A: AlGaAs Red E: High Efficiency Red G: Green Y: Yellow Device Specific Configuration[1] Refer to Respective Datasheet Package[1] Refer to Respective Datasheet
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
2
Package Dimensions
Package Drawing A
FRONT VIEW
TOP END VIEW COUNTRY OF ORIGIN 8
PIN 1 +
5.51 (0.220)
COLOR BINNING (NOTE 3)
0.50 (0.020)
18.75 (0.738)
1.20 (0.047)
10.16 (0.400)
HDSP-XXXX YWW XZ COO
2.54 x 6 (0.100)
1.4 (0.55) 5.54 (0.218)
LUMINOUS INTENSITY CATEGORY DATE CODE 4.10 (0.161)
SIDE VIEW 9.80 (0.386) 0.60 (0.020) F A G B C D 0.30 (0.012) 7.62 (0.300) DP
E 5.10 (0.201)
NOTE: NO PINS 4, 5, 6, AND 12 DIMENSIONS IN MILLIMETERS (INCHES)
3
Package Dimensions
Package Drawing B
FRONT VIEW
RIGHT SIDE COUNTRY OF ORIGIN LUMINOUS INTENSITY CATEGORY 0.90 (0.035)
6.00 (0.236) 10.00
COLOR BIN 2.54 0.38 (0.100)
10.00 (0.394)
HDSP-XXXX YWW XZ COO
1.85 (0.073)
12.80 0.25 (0.504)
4 x 2.54 (0.400)
1.20 (0.047)
6.40 0.25 (0.252) 7.00 0.25 (0.276)
0.50 0.05 (0.02) DATE CODE
TOP SIDE 9.70 0.25 (0.382) 3.90 (0.153) F
10.40 MIN. (0.409)
A B C D DP 0.30 0.05 (0.012) 7.62 0.38 (0.300) DIMENSIONS IN MILLIMETERS (INCHES)
G E
4
Internal Circuit Diagram
COMMON ANODE RIGHT HAND DECIMAL
HDSP-311E/311G/311Y/311A 3.14 COM PIN No. 1 2 3 7 8 9 A 1 B 13 C 10 D 8 E 7 F 2 G 11 DP 9 10 11 13 14 CONNECTION CATHODE A CATHODE F COMMON ANODE CATHODE E CATHODE D CATHODE DP CATHODE C CATHODE G CATHODE B COMMON ANODE PINS 4, 5, 6, 12: NO PIN
COMMON CATHODE RIGHT HAND DECIMAL
HDSP-313E/313G/313Y/313A 3.8 COM PIN NO. 1 2 3 4 5 6 A 10 B 9 C 7 D 5 E 4 F 2 G 1 DP 6 7 8 9 10 CONNECTION ANODE G ANODE F COMMON CATHODE ANODE E ANODE D ANODE DP ANODE C COMMON CATHODE ANODE B ANODE A
5
Absolute Maximum Ratings at TA = 25C Description Power Dissipation Segment Forward Current Segment Peak Forward Current per Segment (1/10 Duty Factor at 10 KHz) Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wavesoldering Temperature for 3 seconds (at 2 mm Distance from the body)
Notes: 1. Derate above 25C at 0.33 mA/C. 2. Derate above 25C at 0.33 mA/C. 3. Derate above 25C at 0.2 mA/C. 4. Derate above 25C at 0.27 mA/C.
HER HDSP-31xE 65 25[1] 100 -35 to +85 -35 to +85 5 250
Green HDSP-31xG 65 25[2] 100 -35 to +85 -35 to +85 5 250
AlGaAs Red HDSP-31xA 30 15[3] 80 -35 to +85 -35 to +85 5 250
Yellow HDSP-31xY 52 20[4] 80 -35 to +85 -35 to +85 5 250
Units mW mA mA C C V C
Electrical/Optical Characteristics at TA = 25C High Efficiency Red (HER) Devices HDSPParameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 1.25 311E 313E Typ. 1.49 3.20 2.05 635 620 Max. Units mcd mcd V nm nm V Test Conditions IF = 5 mA IF = 10 mA IF = 20 mA
2.40
5
IR = 100 A
Green Devices HDSPParameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 1.25 1.80 Typ. 3.20 2.06 2.25 568 573 Max. Units mcd V V nm nm V Test Conditions IF = 10 mA IF = 10 mA IF = 20 mA
311G 313G
2.60
5
IR = 100 A
6
AlGaAs Red Devices HDSPParameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 3.20 311A 313A Typ. 4.54 7.50 1.85 660 643 5 Max. Units mcd mcd V nm nm V Test Conditions IF = 5 mA IF = 10 mA IF = 20 mA
2.00
IR = 100 A
Yellow Devices HDSPParameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 0.80 311Y 313Y Typ. 0.86 1.50 2.15 595 590 Max. Units mcd mcd V nm nm V Test Conditions IF = 5 mA IF = 10 mA IF = 20 mA
2.60
5
IR = 100 A
Intensity Bin Limits (mcd at 10 mA) Bin Name G H I J K L HER/Green Min.[1] NA 1.251 2.001 3.201 NA NA Max.[1] NA 2.000 3.200 5.050 NA NA Yellow Min.[1] 0.801 1.251 2.001 NA NA NA Max.[1] 1.250 2.000 3.200 NA NA NA AlGaAs Red Min.[1] Max.[1] NA NA NA NA NA NA 3.201 5.050 5.051 8.000 8.001 12.650
Note: 1. Tolerance for each bin limit is 10%.
Color Bin Limits (nm at 10 mA) Color Green Bin 3 4 5 1 2 3 Dominant Wavelength (nm) Min.[1] Max.[1] 569.1 571.0 571.1 573.0 573.1 575.0 585.5 588.5 588.5 591.5 591.5 594.5
Yellow
Note: 1. Tolerance for each bin limit is 1 nm.
7
High Efficiency Red (HER)
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
30 HIGH EFFICIENCY RED (HER) 25 20 15 10 5 0
120 100 80 60 40 20 0
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 1. Maximum allowable average or DC current vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
2.5
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 10 mA)
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
35
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
0
5
10 15 20 25 30 35 40 45 50
IF - FORWARD CURRENT FOR SEGMENT - mA
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 3. Relative luminous intensity vs. DC forward current.
Figure 4. Relative efficiency (luminous intensity per unit current) vs. peak current.
8
Green
30 GAP GREEN 25 20 15 10 5 0
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
120 100 80 60 40 20 0
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 5. Maximum allowable average or DC current vs. ambient temperature.
Figure 6. Forward current vs. forward voltage.
3.0
RELATIVE LUMINOUS INTENSITY (NORMALIZEDTO 1 AT 10 mA)
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0
2.5 2.0 1.5 1.0 0.5 0
0
5
10
15
20
25
30
35
0
5 10 15 20 25 30 35 40 45 50 IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
IF - FORWARD CURRENT FOR SEGMENT - mA
Figure 7. Relative luminous intensity vs. DC forward current.
Figure 8. Relative efficiency (luminous intensity per unit current) vs. peak current.
9
AlGaAs Red
16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 AIGaAs RED
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
120 100 80 60 40 20 0
0
0.5
1.0
1.5
2.0
2.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 9. Maximum allowable average or DC current vs. ambient temperature.
Figure 10. Forward current vs. forward voltage.
3.0
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 10 mA)
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0
2.5 2.0 1.5 1.0 0.5 0
0
5
10
15
20
25
30
35
0
5 10 15 20 25 30 35 40 45 50 IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
IF - FORWARD CURRENT FOR SEGMENT - mA
Figure 11. Relative luminous intensity vs. DC forward current.
Figure 12. Relative efficiency (luminous intensity per unit current) vs. peak current.
10
Yellow
25 YELLOW 20
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
120 100 80 60 40 20 0
15
10
5
0
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 13. Maximum allowable average or DC current vs. ambient temperature.
Figure 14. Forward current vs. forward voltage.
3.5
RELATIVE LUMINOUS INTENSITY (NORMALIZEDTO 1 AT 10 mA)
1.4
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 15 20 25 30 35 IF - FORWARD CURRENT FOR SEGMENT - mA
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 15. Relative luminous intensity vs. DC forward current.
Figure 16. Relative efficiency (luminous intensity per unit current) vs. peak current.
11
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/ International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. June 30, 2004 5988-2969EN


▲Up To Search▲   

 
Price & Availability of 5082-313E-H0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X