Part Number Hot Search : 
2F0515XS 3006P101 2689J2 64N90 MM3Z5V6 CDLL4112 CGD1042H CSNF631
Product Description
Full Text Search
 

To Download 45970-0163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0459700163 Active
searay 1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 114 Circuits, 2.00mm (.078") Unmated Height, 6 Rows
Documents: 3D Model Drawing (PDF) Product Specification PS-45970-001 (PDF)
Product Specification PS-45970-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179 EU RoHS Not RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed China RoHS
General
Product Family Series Application Overview Product Name PCB Headers 45970 Board-to-Board searay SEARAY*
Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 114 114 114 Black 100 No 94V-0 No Yes None Yes Copper Alloy Gold Tin-Lead High Temperature Thermoplastic 6 Vertical Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.75 100 2.5 Yes Yes
Search Parts in this Series 45970Series Mates With 45971 SEARAY* Receptacle
Robotic Placement Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Pick and Place Cap No No Yes -55C to +125C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 2.7A 240V AC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Replacement RoHS Compliant Part Number 3 Reflow Capable (SMT only) 1 230 0459700161
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing Test Summary *SEARAY is a trademark of Samtec, Inc. AS-45970-001, AS-45970-002, AS-45970-990 PK-45970-001 PS-45970-001, PS-45970-002 SD-45970-001 TS-45970-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 45970-0163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X