Part Number Hot Search : 
FPF1504 SSI22106 05S30 45984 R4000 1N4948 58M08 42700
Product Description
Full Text Search
 

To Download 2SB0819 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SB0819 (2SB819)
Silicon PNP epitaxial planar type
For low-frequency output amplification Complementary to 2SD1051
(0.4)
Unit: mm
6.90.1 (1.5) (1.5)
3.50.1
2.50.1 (1.0)
(1.0) 2.00.2 2.40.2
1.00.1
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature
*
Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg
Rating -50 -40 -5 -1.5 -3 1 150 -55 to +150
Unit V V V A A W C C
3 (2.5) 2 (2.5) 1
1.250.05
Absolute Maximum Ratings Ta = 25C
(0.85) 0.550.1
0.450.05
1: Base 2: Collector 3: Emitter M-A1 Package
Note) *: Print circuit board: Copper foil area of 1 or more, and the board thickness of 1.7 mm for the collector portion
cm2
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio *1, 2 Collector-emitter saturation voltage Base-emitter saturation voltage *1 Transition frequency Collector output capacitance (Common base, input open circuited)
*1
Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) fT Cob
Conditions IC = -1 mA, IE = 0 IC = -2 mA, IB = 0 VCB = -20 V, IE = 0 VCE = -10 V, IB = 0 VEB = -5 V, IC = 0 VCE = -5 V, IC = -1 A IC = -1.5 A, IB = - 0.15 A IC = -2 A, IB = - 0.2 A VCB = -5 V, IE = 0.5 A, f = 200 MHz VCB = -20 V, IE = 0, f = 1 MHz
Min -50 -40
Typ
Max
Unit V V
-1 -100 -10 80 220 -1 -1.5 150 45
A A A V V MHz pF
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *1: Pulse measurement *2: Rank classification Rank hFE Q 80 to 160 R 120 to 220 Note) The part number in the parenthesis shows conventional part number.
Publication date: November 2002 SJC00059BED
4.10.2
* High collector-emitter voltage (Base open) VCEO * Large collctor power dissipation PC * M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
R 0.9 R 0.7
4.50.1
Features
1
2SB0819
PC Ta
1.2
IC VCE
Ta = 25C IB = -40 mA -35 mA -3.5
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-100 IC / IB = 10
Collector power dissipation PC (W)
1.0
Copper plate at the collector is more than 1 cm2 in area, 1.7 mm in thickness
-4.0
Collector current IC (A)
-3.0 -2.5 -2.0 -1.5 -1.0
0.8
-30 mA -25 mA -20 mA -15 mA -10 mA -5 mA
-10
0.6
-1
Ta = 75C 25C -25C
0.4
- 0.1
0.2
- 0.5 0 -2 -4 -6 -8 -10
0
0
20
40
60
80 100 120 140 160
0
- 0.01 - 0.01
- 0.1
-1
-10
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
-100
hFE IC
600 VCE = -5 V
fT I E
240 VCB = -5 V Ta = 25C
Base-emitter saturation voltage VBE(sat) (V)
IC / IB = 10
Forward current transfer ratio hFE
-10
Transition frequency fT (MHz)
-1 -10
500
200
400
160
25C -1
Ta = -25C 75C
300
Ta = 75C 25C -25C
120
200
80
- 0.1
100
40
- 0.01 - 0.01
- 0.1
-1
-10
0 - 0.01
- 0.1
0 0.01
0.1
1
10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (A)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
150
VCER RBE
Collector-emitter voltage (V) (Resistor between B and E) VCER
IE = 0 f = 1 MHz Ta = 25C
ICEO Ta
Ta = 25C
1 000 VCE = -12 V
-60
120
-50
90
-30
60
-20
ICEO (Ta) ICEO (Ta = 25C)
-40
100
10
30
-10
0 -1
-10
-100
0 0.001
1
0.01
0.1
1
10
0
20
40
60
80
100
120
Collector-base voltage VCB (V)
Base-emitter resistance RBE (k)
Ambient temperature Ta (C)
2
SJC00059BED
2SB0819
Safe operation area
-10 ICP IC -1 Single pulse Ta = 25C t = 10 ms t=1s - 0.1
Collector current IC (A)
- 0.01
- 0.001 - 0.1
-1
-10
-100
Collector-emitter voltage VCE (V)
SJC00059BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB0819

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X