Part Number Hot Search : 
2SC4180 PM100 1EDK3 NQ03LT GW3B2 TAR8H01K 4LVC3 KA75290Z
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
B
2N3904
EPITAXIAL PLANAR NPN TRANSISTOR
C
Low Leakage Current : ICEX=50nA(Max.), IBL=50nA(Max.) @VCE=30V, VEB=3V. Excellent DC Current Gain Linearity. Low Saturation Voltage : VCE(sat)=0.3V(Max.) @IC=50mA, IB=5mA. Low Collector Output Capacitance : Cob=4pF(Max.) @VCB=5V. Complementary to 2N3906.
L M
1 2 3 F
H
A
FEATURES
N K D G E
F
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. BASE 3. COLLECTOR
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING 60 40 6 200 50 625 1.5 150 -55 150 UNIT V V V mA mA mW W
TO-92
2002. 9. 12
Revision No : 1
1/4
2N3904
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Base Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage * Emitter-Base Breakdown Voltage SYMBOL ICEX IBL V(BR)CBO V(BR)CEO V(BR)EBO hFE(1) hFE(2) DC Current Gain * hFE(3) hFE(4) hFE(5) Collector-Emitter Saturation Voltage * VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob Cib hie hre hfe hoe NF VCE=5V, IC=0.1mA Rg=1k f=10Hz 15.7kHz
Vout V in 275
TEST CONDITION VCE=30V, VEB=3V VCE=30V, VEB=3V IC=10 A, IE=0 IC=1mA, IB=0 IE=10 A, IC=0 VCE=1V, IC=0.1mA VCE=1V, IC=1mA VCE=1V, IC=10mA VCE=1V, IC=50mA VCE=1V, IC=100mA IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA VCE=20V, IC=10mA, f=100MHz VCB=5V, IE=0, f=1MHz VBE=0.5V, IC=0, f=1MHz
MIN. 60 40 6.0 40 70 100 60 30 0.65 300 1.0
TYP. -
MAX. 50 50 300 0.2
UNIT nA nA V V V
V 0.3 0.85 V 0.95 4.0 8.0 10 8.0 400 40 5.0 dB MHz pF pF k x10-4
Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small-Signal Current Gain Collector Output Admittance Noise Figure
*
VCE=10V, IC=1mA, f=1kHz
0.5 100 1.0 , -
Delay Time
td
10k
C Total< 4pF
-
-
35
300ns
Rise Time Switching Time
tr
10.9V -0.5V
VCC =3.0V 0 t r ,t f < 1ns, Du=2% Vout
-
-
35 nS
V in
275
Storage Time
tstg
10k 1N916 or equiv.
C Total< 4pF
-
-
200
Fall Time
tf
20s 10.9V -9.1V
VCC =3.0V 0 t r ,t f < 1ns, Du=2%
-
-
50
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
2002. 9. 12
Revision No : 1
2/4
2N3904
I C - V CE
COLLECTOR CURRENT I C (mA) 100 80 60 40 20 0
I B =0.1mA COMMON EMITTER Ta=25 C 1
0.9 0.8 0.7 0.6 0.5
h FE - I C
1k DC CURRENT GAIN h FE 500 300
Ta=125 C Ta=25 C COMMON EMITTER VCE =1V
0.4 0.3 0.2
100 50 30
Ta=-55 C
0
1
2
3
4
10
0.1
0.3
1
3
10
30
100
300
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT I C (mA)
V BE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V) 10 BASE-EMITTER SATURATION VOLTAGE VBE(sat) (V) 5 3
Ta=-55 C COMMON EMITTER I C /I E =10
VCE(sat) - I C
1 0.5 0.3
COMMON EMITTER I C /I B =10
1 0.5 0.3
0.1 0.05 0.03
Ta=125 C Ta=25 C Ta=-55 C
Ta=25 C Ta=125 C
0.1 0.1 0.3 1 3 10 30 100 300 COLLECTOR CURRENT I C (mA)
0.01
0.1
0.3
1
3
10
30
100
300
COLLECTOR CURRENT I C (mA)
COLLECTOR-EMITTER VOLTAGE VCE (V)
I C - VBE
COLLECTOR CURRENT I C (mA) 200 160 120
Ta= 125 C Ta= 25 C Ta=5 5C
VCE - I B
1.0 0.8 0.6 0.4 0.2
IC =1mA IC =10mA I C =30mA I C =100mA
COMMON EMITTER VCE =1V
80 40 0
0
0.4
0.8
1.2
1.6
0 0.001
COMMON EMITTER Ta=25 C
0.01
0.1
1
10
BASE-EMITTER VOLTAGE VBE (V)
BASE CURRENT I B (mA)
2002. 9. 12
Revision No : 1
3/4
2N3904
COLLECTOR POWER DISSIPATION PC (mW)
Cob - VCB , C ib - VEB
50 30 CAPACITANCE Cob (pF) C ib (pF)
f=1MHz Ta=25 C
Pc - Ta
700 600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
10 5 3
C ib C ob
1 0.5 0.1 0.3 1 3 10 30
REVERSE VOLTAGE V CB (V) V EB (V)
AMBIENT TEMPERATURE Ta ( C)
2002. 9. 12
Revision No : 1
4/4


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X