Part Number Hot Search : 
01140 MLXSP FU20TM5 IRF840 M1261S CPH3327 PIC18F8 M1261S
Product Description
Full Text Search
 

To Download 26-22-2171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0026222171 Active
kk 3.96mm (.156") Pitch KK(R) Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 17 Circuits, Gold (Au) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0087 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72090224 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV
General
Product Family Series Application Overview Product Name PCB Headers 3190 Wire-to-Board kk KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 17 17 Natural No 94V-2 No No None None Brass Gold Gold Nylon 1 Vertical 0.175 In 4.45 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 20 0.5 20 0.5 No Partial No 0C to +75C Through Hole
Search Parts in this Series 3190Series Mates With 3069 KK(R) Crimp Terminal Housing. 3215 KK(R) PC Board Connector
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 250V
Material Info
Old Part Number 319017AG
Reference - Drawing Numbers
Product Specification PS-99020-0087
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 26-22-2171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X