Part Number Hot Search : 
MMSZ523 MLL4617 CM48G ELT3082 EMK43H KBPC604 STRPB 0232025
Product Description
Full Text Search
 

To Download 20N60C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Worldwide best R DS(on) in TO 220 * Ultra low gate charge
www..com * Periodic
Product Summary VDS @ Tjmax 650 R DS(on) ID
P-TO220-3-31 P-TO263-3-2
V A
0.19 20
avalanche rated
P-TO220-3-1
* Extreme dv/dt rated * Ultra low effective capacitances
1 P-TO220-3-31
2
3
Type SPP20N60C2 SPB20N60C2 SPA20N60C2
Package P-TO220-3-1 P-TO263-3-2
Ordering Code Q67040-S4320 Q67040-S4322
Marking 20N60C2 20N60C2 20N60C2
P-TO220-3-31 Q67040-S4333
Maximum Ratings Parameter Symbol ID Value SPP_B SPA Unit
Continuous drain current
TC = 25 C TC = 100 C
A 20 13 201) 131) 40 690 1 20 6 20
30
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID =10A, VDD =50V
ID puls EAS EAR IAR
40 690 1 20 6 20
30
A mJ
Avalanche energy, repetitive tAR limited by Tjmax 2)
ID =20A, VDD =50V
Avalanche current, repetitive tAR limited by Tjmax Reverse diode dv/dt
IS = 20 A, VDS < VDD , di/dt=100A/s, Tjmax =150C
A V/ns V W
dv/dt
VGS VGS Ptot
Gate source voltage Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C
208
34.5
Operating and storage temperature
Page 1
Tj , Tstg
-55...+150
C
2002-08-12
Final data Thermal Characteristics Parameter Characteristics
SPP20N60C2, SPB20N60C2 SPA20N60C2
Symbol min.
Values typ. max.
Unit
Thermal resistance, junction - case Thremal www..com resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK SMD version, device on PCB: @ min. footprint @ 6 cm2 cooling area 3) Linear derating factor Linear derating factor, FullPAK Soldering temperature, 1.6 mm (0.063 in.) from case for 10s
RthJC RthJC_FP RthJA RthJA_FP RthJA
-
35 -
0.6 3.6 62 80 62 1.67 0.28 260
K/W
W/K C
Tsold
-
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Static Characteristics Drain-source breakdown voltage
VGS =0V, ID =0.25mA
V(BR)DSS V(BR)DS VGS(th) IDSS
600 3.5
700 4.5
5.5
V
Drain-source avalanche breakdown voltage
VGS =0V, ID =20A
Gate threshold voltage, VGS = VDS
ID =1mA
Zero gate voltage drain current
VDS = 600 V, VGS = 0 V, Tj = 25 C VDS = 600 V, VGS = 0 V, Tj = 150 C
A 0.1 0.16 0.54 1 100 100 0.19 nA
Gate-source leakage current
VGS =20V, VDS=0V
IGSS RDS(on) RG
-
Drain-source on-state resistance
VGS =10V, ID=13A, Tj =25C
Gate input resistance f = 1 MHz, open drain
Page 2
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
Electrical Characteristics Parameter Characteristics Transconductance
www..com
Symbol
Conditions min.
Values typ. 12 3000 1170 28 83 160 21 51 56 6
21 46 79 8
Unit max. 84 9
103 V nC
gfs Ciss Coss Crss
VDS 2*ID *RDS(on)max, ID =13A VGS =0V, VDS =25V, f=1MHz
-
S pF
Input capacitance Output capacitance Reverse transfer capacitance energy related
Effective output capacitance, 4) Co(er) Effective output capacitance, 5) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
VGS =0V, VDS =0V to 480V
td(on) tr td(off) tf
VDD =380V, VGS =0/13V, ID =20A, RG=3.6, Tj=125C
-
ns
VDD =350V, ID =20A
-
VDD =350V, ID =20A, VGS =0 to 10V
V(plateau) VDD =350V, ID =20A
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as P
AV =EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 4C is a fixed capacitance that gives the same stored energy as C while V is rising from 0 to 80% V
o(er) oss DS
DSS .
5C o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS .
Page 3
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
Electrical Characteristics Parameter Characteristics Inverse diode continuous forward www..com pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current VSD trr Qrr Irrm dirr /dt
Tj=25C VGS =0V, IF=IS VR =350V, IF =IS , diF /dt=100A/s
Symbol
Conditions min.
Values typ. 1 610 12 48 1500 max. 20 40 1.2 1040 -
Unit
IS ISM
TC=25C
-
A
current
Inverse diode direct current,
V ns C A A/s
Typical Transient Thermal Characteristics Symbol SPP_B Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.007416 0.016 0.021 0.06 0.083 0.038 Value SPA 0.077 0.015 0.022 0.063 0.214 2.479 K/W Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n T case
Unit
Symbol
Value SPP_B 0.0004409 0.001462 0.0024 0.003031 0.02 0.146 SPA 0.000376 0.00141 0.00192 0.00332 0.019 0.412
Unit Ws/K
Tj P tot (t)
R th1
E xternal H eatsink
C th1
C th2
C th,n T am b
Page 4
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
1 Power dissipation Ptot = f (TC )
240
SPP20N60C2
2 Power dissiaption FullPAK Ptot = f (TC )
35
W
W
200 www..com 180 25
Ptot
160 140 120 100 80
P tot
20 15 10 5 20 40 60 80 100 120
60 40 20 0 0
C
160
0 0
20
40
60
80
100
120
TC
C 160 TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC =25C
10
2
4 Safe operating area FullPAK ID = f (VDS ) parameter: D = 0, TC = 25C
10 2
A
A
10 1
10 1
ID
10 0
ID
10 0
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10 -2 0 10
10
1
10
2
10 V VDS
3
10 -2 0 10
10
1
10
2
10 V VDS
3
Page 5
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
5 Transient thermal impedance ZthJC = f (tp ) parameter: D = tp/T
10 0
6 Transient thermal impedance FullPAK ZthJC = f (tp ) parameter: D = tp/t
10 1
K/W
www..com
10 -1
K/W
10 0
ZthJC
10 -2
ZthJC
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -1
10 -3
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
0 s 10 tp
10 -3 -6 10
10
-5
10
-4
10
-3
10
-2
10
-1
1 s 10
tp
7 Typ. output characteristic ID = f (VDS ); Tj=25C parameter: tp = 10 s, VGS
A
75
8 Typ. output characteristic ID = f (VDS ); Tj=150C parameter: tp = 10 s, VGS
35
60 55
20V 15V 12V 11V
A
20V 12V 10V
9V
25
ID
45 40 35 30 25 20 15 10 5 0 0 5 10 15 20
9V
ID
50
10V
8.5V
20
8V
15
7.5V
10
8V
7V 6.5V
5
7V
6V
V
30
0 0
5
10
15
V VDS
25
VDS
Page 6
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
9 Typ. drain-source on resistance RDS(on) =f(ID ) parameter: Tj =150C, VGS
1.5
10 Drain-source on-state resistance RDS(on) = f (Tj ) parameter : ID = 13 A, VGS = 10 V
1.1
SPP20N60C2
1.3 www..com
RDS(on)
RDS(on)
1.2 1.1 1 0.9
6V 6.5V 7V 7.5V 8V 8.5V 9V 10V 12V 20V
0.9 0.8 0.7 0.6 0.5
0.8 0.7 0.6 0.5 0.4 0.3 0 5 10 15 20 25 30 0.4 0.3 98% 0.2 0.1 typ
A ID
40
0 -60
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
70
12 Typ. gate charge VGS = f (QGate) parameter: ID = 20 A pulsed
16
SPP20N60C2
A
V
60 55 50
45 40 35 30 25 20
V GS
25C 150C
12
0,2 VDS max
0,8 VDS max
ID
10
8
6
4 15 10 5 0 0 5 10 2
V
20
0 0
20
40
60
80
nC
120
VGS
QGate
Page 7
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
13 Forward characteristics of body diode IF = f (VSD ) parameter: Tj , tp = 10 s
10 2
SPP20N60C2
14 Typ. switching time t = f (ID), inductive load, Tj =125C par.: VDS=380V, VGS=0/+13V, RG =3.6
10 3
A
www..com
ns
tr
10 1
10 2
IF
t
td(off)
td(on)
10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10 -1 0
10 1
tf
0.4
0.8
1.2
1.6
2
2.4 V
3
10 0 0
5
10
15
20
25
30
35
40
VSD
A ID
50
15 Typ. switching time t = f (RG), inductive load, Tj =125C par.: VDS=380V, VGS=0/+13V, ID=20A
10
3
16 Typ. switching losses1) E = f (ID ), inductive load, Tj=125C par.: VDS=380V, VGS=0/+13V, RG =3.6
1.6
*) Eon includes SDP06S60 diode commutation losses. 1This chart helps to estimate the switching power losses. The values can be different 1.2 under other operating conditions.
ns
td(off)
mWs
10 2
tr
E
td(on)
t
1
0.8
10 1
tf
0.6
Eon*
0.4
Eoff
0.2 10 0 0
5
10
15
20
25
30
40 RG
0 0
5
10
15
20
25
30
35
A 45 ID
Page 8
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
17 Typ. switching losses1) E = f(RG ), inductive load, Tj =125C par.: VDS=380V, VGS=0/+13V,ID =20A
*) E on includes SDP06S60 diode mWs commutation losses. 1This chart helps to estimate the switching power losses. www..com 0.8 The values can be different under other operating conditions.
18 Avalanche SOA IAR = f (tAR ) par.: Tj 150 C
20
1
A IAR
10
0.7
E
0.6 0.5 0.4 0.3 0.2 0.1 0 0
Eoff E on*
Tj (START)=25C
5
Tj (START)=125C
5
10
15
20
25
30
40 RG
0 -3 10
10
-2
10
-1
10
0
10
1
10
2
4 s 10 tAR
19 Avalanche energy EAS = f (Tj ) par.: ID = 10 A, VDD = 50 V
20 Drain-source breakdown voltage V(BR)DSS = f (Tj )
SPP20N60C2
750
720
mJ V
600 550
V (BR)DSS
C
680 660 640 620 600 580 560 540 -60
E AS
500 450 400 350 300 250 200 150 100 50 0 20 40 60 80 100 120 160
-20
20
60
100
C
180
Tj
Page 9
Tj
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
21 Avalanche power losses PAR = f (f ) parameter: EAR =1mJ
500
22 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10 5
pF W www..com
10 4
Ciss
P AR
300
10 3
C
200
10 2
Coss
100
10 1
Crss
04 10
10
5
Hz f
10
6
10 0 0
100
200
300
400
V
600
VDS
23 Typ. Coss stored energy Eoss=f(VDS )
14
J
12 11
E oss
10 9 8 7 6 5 4 3 2 1 0 0 100 200 300 400
V
600
VDS
Page 10
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
Definition of diodes switching characteristics
www..com
Page 11
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
P-TO-263-3-1 (D2-PAK)
4.4 10 0.2 0...0.3 8.5 1) A 1.27 0.1 B 0.1 2.4
1 0.3
0.05
(15)
9.25 0.2
7.55 1)
0...0.15 0.75 0.1 1.05 2.54 5.08
1)
4.7 0.5
2.7 0.3
0.5 0.1
8 MAX.
0.25
M
AB
0.1 B
Typical All metal surfaces: tin plated, except area of cut. Metal surface min. x=7.25, y=6.9
9.98 0.48
www..com
0.05
Page 12
2002-08-12
Final data
SPP20N60C2, SPB20N60C2 SPA20N60C2
P-TO-220-3-31 (FullPAK)
10.5 0.005 6.1 0.002 1.5 0.001
www..com
4.7 0.005 2.7 0.005
7
15.99 0.005
14.1 0.005
12.79 0.005
9.68 0.005
123
1.28 +0.003 -0.002 0.7 +0.003 -0.002 2.54 2.57 0.002
13.6 0.005
0.5 +0.005 -0.002
Please refer to mounting instructions (application note AN-TO220-3-31-01)
3.3 0.005
Page 13
2002-08-12
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
www..com Attention
SPP20N60C2, SPB20N60C2 SPA20N60C2
please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 14
2002-08-12


▲Up To Search▲   

 
Price & Availability of 20N60C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X