Part Number Hot Search : 
AN2492FH LH28F160 RS1MB PW654425 BA5936S ISPLSI NTE2413 KA2902
Product Description
Full Text Search
 

To Download 20-M40-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20-M40-11 Thru-Hole .040 [1.02] Male DIP Strips
FEATURES: * These DIP strips are used in conjunction with Aries' Shorting Jack SJ200, available separately, for your programming needs. * "Break" feature allows strips to be cut to any number of positions desired. SPECIFICATIONS: * Standard DIP strip body material is black UL 94V-0 Glass-filled 4/6 Nylon. * Pin is Brass Alloy 360 1/2 hard per UNS C36000 ASTM-B16-85. * Pin plating is 10 [.25m] min. Gold per MIL-G-45204 over 50 [1.27m] min. Nickel per SAE-AMS-QQ-N-290. * Current rating=3 Amps. * Operating temperature= -67F to 257F [-55C to 125C] MOUNTING CONSIDERATIONS: * Suggested PCB hole size=.028 .002 [.71 .05] dia. ALL DIMENSIONS: [MILLIMETERS]
Note: Aries specializes in custom design and production. In addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. Aries reserves the right to change product specifications without notice.
INCHES
ORDERING INFORMATION
Specify Part No. 20-M40-11
All tolerances .005 [.13] unless otherwise specified
Mates with Aries' Shorting Jacks, Part No. SJ200. Consult Data Sheet No. 16009 for details.
Consult Data Sheet No. 16008 for female DIP strips.
16007 REV. H PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED http://www.arieselec.com * info@arieselec.com
Bristol, PA USA TEL: (215) 781-9956 FAX: (215) 781-9845
abc


▲Up To Search▲   

 
Price & Availability of 20-M40-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X