Part Number Hot Search : 
TDA3740 1N410 LN487YPX C68HC 2SA1972 R1620 RT9193 LC9801
Product Description
Full Text Search
 

To Download 1E4UM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-Trip Characteristic
E137938
UL508 Listed
Application Examples: High efficiency motors, which have exceedingly high inrush currents. Relatively short thermal trip delays and very high magnetic trip points. Type/ Cat. No. 1E03UM 1E05UM 1E075UM NA 1E1UM 1E1.6UM 1E2UM 1E2.5UM 1E3UM 1E3.5UM 1E4UM 1E5UM 1E6UM 1E8UM 1E10UM 1E12UM 1E125UM 1E13UM 1E15UM 1E16UM 1E20UM 1E25UM 1E30UM 1E32UM 1E40UM 1E50UM 1E60UM 1E63UM Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A Rating 0.3-63A/ 480Y/277V Type/ Cat. No. 3E03UM 3E05UM 3E075UM NA 3E1UM 3E1.6UM 3E2UM 3E2.5UM 3E3UM 3E3.5UM 3E4UM 3E5UM 3E6UM 3E8UM 3E10UM 3E12UM 3E125UM 3E13UM 3E15UM 3E16UM 3E20UM 3E25UM 3E30UM 3E32UM 3E40UM 3E50UM 3E60UM 3E63UM
Standard Pack: 12 Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
One Pole
Standard Pack: 6
Two Pole
Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A
Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A
Approvals
Approvals
Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
Standard Pack: 4
Three Pole
Type/ Cat. No. 2E03UM 2E05UM 2E075UM NA 2E1UM 2E1.6UM 2E2UM 2E2.5UM 2E3UM 2E3.5UM 2E4UM 2E5UM 2E6UM 2E8UM 2E10UM 2E12UM 2E125UM 2E13UM 2E15UM 2E16UM 2E20UM 2E25UM 2E30UM 2E32UM 2E40UM 2E50UM 2E60UM 2E63UM
Approvals
Standard Dual Connection Terminal
* Box clamp terminals Top: 18-3 AWG; Bottom: 18-2 AWG (Line/Load reversible)
Dimensions*:
11.3 mm (0.44 in.)
* Ring tongue terminals
Ring tongue
18.3 mm (0.72 in.)
M5 screw
* May differ by manufacturer.
Top terminal ring tongue maximum thickness 1.6 mm.
Altech Corp.(R) * 35 Royal Road * Flemington, NJ 08822-6000 * Phone (908)806-9400 * FAX (908)806-9490 * www.altechcorp.com
Altech UL508
Box clamp
Add-on Neutral Pole
Weight: 0.775kg (1.71lb.)
Standard Pack: 5
Type/ Cat. No. N63UM
Approvals
max. 8-12 mm (0.31-0.47 in.)
5.3 mm (0.21 in.)
11


▲Up To Search▲   

 
Price & Availability of 1E4UM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X