Part Number Hot Search : 
TINY1 RF541 SI9183 P300006 0M100 0603X SCDAR1 00144
Product Description
Full Text Search
 

To Download 1C4UM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C-Trip Characteristic
E137938
UL508 Listed
Application Examples: Low inrush motors, lighting, wiring protection, appliances, business equipment, and control circuit applications. Relatively long thermal trip delay and medium magnetic trip point. Type/ Cat. No. 1C03UM 1C05UM 1C075UM NA 1C1UM 1C1.6UM 1C2UM 1C2.5UM 1C3UM 1C3.5UM 1C4UM 1C5UM 1C6UM 1C8UM 1C10UM NA NA 1C13UM 1C15UM 1C16UM 1C20UM 1C25UM 1C30UM 1C32UM 1C40UM 1C50UM 1C60UM 1C63UM Type/ Cat. No. 2C03UM 2C05UM 2C075UM NA 2C1UM 2C1.6UM 2C2UM 2C2.5UM 2C3UM 2C3.5UM 2C4UM 2C5UM 2C6UM 2C8UM 2C10UM NA NA 2C13UM 2C15UM 2C16UM 2C20UM 2C25UM 2C30UM 2C32UM 2C40UM 2C50UM 2C60UM 2C63UM Approvals Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A Rating 0.3-63A/ 480Y/277V Type/ Cat. No. 3C03UM 3C05UM 3C075UM NA 3C1UM 3C1.6UM 3C2UM 3C2.5UM 3C3UM 3C3.5UM 3C4UM 3C5UM 3C6UM 3C8UM 3C10UM NA NA 3C13UM 3C15UM 3C16UM 3C20UM 3C25UM 3C30UM 3C32UM 3C40UM 3C50UM 3C60UM 3C63UM Type/ Cat. No. N63UM Approvals
Standard Pack: 12 Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
One Pole
Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A Rated Current 0.3A 0.5A 0.75A 0.8A 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A
Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
Standard Pack: 4
Three Pole
Approvals
Approvals
Standard Pack: 6
Two Pole
Standard Dual Connection Terminal
* Box clamp terminals Top: 18-3 AWG; Bottom: 18-2 AWG (Line/Load reversible)
Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
Dimensions*:
11.3 mm (0.44 in.)
* Ring tongue terminals
Ring tongue
18.3 mm (0.72 in.)
M5 screw
* May differ by manufacturer.
Top terminal ring tongue maximum thickness 1.6 mm.
Altech Corp.(R) * 35 Royal Road * Flemington, NJ 08822-6000 * Phone (908)806-9400 * FAX (908)806-9490 * www.altechcorp.com
Altech UL508
Box clamp
Add-on Neutral Pole
Weight: 0.775kg (1.71lb.)
Standard Pack: 5
max. 8-12 mm (0.31-0.47 in.)
5.3 mm (0.21 in.)
9


▲Up To Search▲   

 
Price & Availability of 1C4UM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X