Part Number Hot Search : 
FU024 1313TC 835KM C2012X7 F4606 NLAS6234 FR104 G936T82T
Product Description
Full Text Search
 

To Download SR28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR22 THRU SR29
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes
FEATURES l l l l l l l l l l Plastic package has Underwriters Laboratory Flammability Classification 94V-O For surface mounted applications Low profile package Built-in strain relief Metal to silicon rectifier majority carrier conduction Low power loss, High efficiency High current capability, low VF High surge capacity For use in low voltage high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 260 J /10 seconds at terminals
SMA/DO-214AC
MECHANICAL DATA Case: JEDEC DO-214AC molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode Standard packaging: 12mm tape (EIA-481) Weight: 0.002 ounce, 0.064 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. Resistive or inductive load.
SYMBOLS SR22 SR23 SR24 SR25 SR26 SR28 SR29 UNITS 20 30 40 50 60 80 90 Volts 14 21 28 35 42 56 64 Volts 20 30 40 50 60 80 90 Volts
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL (See Figure 1) Peak Forward Surge Current 8.3ms single half sinewave superimposed on rated load(JEDEC method) Maximum Instantaneous Forward Voltage at 2.0A (Note 1) Maximum DC Reverse Current TA=25 J (Note 1) At Rated DC Blocking Voltage TA=100 J Maximum Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range NOTES: 1. Pulse Test with PW=300 g sec, 2% Duty Cycle.
VRRM VRMS VDC I(AV) IFSM VF IR R KJL R KJA TJ TSTG
2.0 50.0 0.5 0.70 0.5 20.0 17 75 -50 to +125 -50 to +150 0.85
Amps Amps Volts mA J /W J J
2. Mounted on P.C.Board with 8.0mm2 (.013mm thick) copper pad areas.
RATING AND CHARACTERISTIC CURVES SR22 THRU SR29
INSTANTANEOUS FORWARD CURRENT, AMPERES
50 TJ = 25 J 10 f = 1.0mHz Vsig = 50Mvp-p SR22 - 24
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
20
1.5
RESISTIVE OR INDUCTIVE LOAD P.C. BOARD MOUNTED ON 8.0mm 2 COPPER LAND AREAS
SR25 - 26 1
1.0
0.5
SR29 0.1
0 50 60 70 80 90 100 110 120 130 150
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
LEAD TEMPERATURE, J
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
CAPACITANCE, pF
T J = 100 J 1.0
10
TJ = 25 J f = 1.0MHz Vsig = 50mVp-p
0.1 T J = 75 J 1 0.1 0.01 TJ = 25 J 0.4 1
SR22-24 SR25-29 4 10 40 80 100
REVERSE VOLTAGE VOLTS
SR22-24 SR25-29 0.001 20 40 60 80 100 120 140
Fig. 4-TYPICAL JUNCTION CAPACITANCE
PEAK FORWARD SURGE CURRENT, AMPERES
60 50 40 30 20 10 8.3ms SINGLE HALF SINE-WAVE JEDEC METHOD
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT


▲Up To Search▲   

 
Price & Availability of SR28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X