Part Number Hot Search : 
AM29F0 OSWOK5 800MHZ AM81LS95 LPC2109 150BACEM G13003 2SD2236
Product Description
Full Text Search
 

To Download S-25-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25W Single Output Switching Power Supply
Features :
Universal AC input / Full range
S-25
series
Protections:Short circuit/Over load/Over voltage Cooling by free air convection 100% full load burn-in test Fixed switching frequency at 56KHz 2 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY(Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE S-25-5 5V 5A 0 ~ 5A 25W 4.75 ~ 5.5V 2.0% 0.5% 1.0% 300ms, 50ms/230VAC 90ms/230VAC 85 ~ 264VAC 47 ~ 63Hz 72%/115VAC 76%/115VAC 77%/115VAC 80%115VAC 0.6A/115VAC 0.35A/230VAC COLD START 13A/115VAC 25A/230VAC <0.75mA / 240VAC 105 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed. 5.75V ~ 6.75V -10 ~ +60 -20 ~ +85 13.8V ~ 16.2V 17.25V ~ 20.25V 27.6V ~ 32.4V Protection type : Hiccup mode, recovers automatically after fault condition is removed. (Refer to output load derating curve) , 10 ~ 95% RH 20 ~ 90% RH non-condensing 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL1012, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC S-25-12 12V 2.1A 0 ~ 2.1A 25.2W 100mVp-p 10.8 ~ 13.2V 1.0% 0.5% 0.5% 800ms, 50ms/115VAC at full load 12ms/115VAC at full load 120 ~ 370VDC S-25-15 15V 1.7A 0 ~ 1.7A 25.5W 100mVp-p 13.5 ~ 16.5V 1.0% 0.5% 0.5% S-25-24 24V 1.1A 0 ~ 1.1A 26.4W 100mVp-p 21.6 ~ 26.4V 1.0% 0.5% 0.5%
RIPPLE & NOISE (max.) Note.2 50mVp-p
SAFETY & ISOLATION RESISTANCE I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC (Note 4) HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF OTHERS
NOTE
Compliance to EN61000-4-2,3,4,5; ENV50204, EN55024, Light industry level, criteria A 330.8K hrs min. MIL-HDBK-217F (25 99*97*36mm (L*W*H) 0.39Kg; 45pcs/18Kg/0.9CUFT )
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:S-25-SPEC 2005-09-13
25W Single Output Switching Power Supply
Mechanical Specification
S-25
Case No. 905
series
Unit:mm
51.5
1
9.5
5.5
4
8.2
5
3.5
4.5 89 98.5
6.5
87
7
17.5
3.5
18
2-M
3
74
3.5
28 36
Terminal Pin. No Assignment
Pin No. 1 2 Assignment DC OUTPUT -V DC OUTPUT +V Pin No. 3 4,5 Assignment FG AC INPUT
Derating Curve
Static Characteristics (24V)
Ta=25
55.5
3
2-
M
3
97
2
36
20.5
55
3.5
350 300 250 200 150 100 50
100
32 28 24 20 16 12 8
80
60
40
20
-10 -10
0 0
10
20
30
40
50 45
60 55
(HORIZONTAL) (VERTICAL)
60
80
100
120
140
160
180
200
220
240
260
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:S-25-SPEC 2005-09-13
OUTPUT RIPPLE (mVp-p)
OUTPUT VOLTAGE (V)
LOAD (%)


▲Up To Search▲   

 
Price & Availability of S-25-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X