Part Number Hot Search : 
GLZ24A UA739DC SV1016K UPA27 68000 EL6286C SER2009 R5021213
Product Description
Full Text Search
 

To Download PC0301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Power Chip Inductors
Dimensions: Inches (mm)
PC0301
Allied Part Number
Inductance (h)
Tolerance (%)
Test Freq. KHz,0.1v
DCR Max. ()
IDC (A)
Features * Unshielded SMD low cost design * Designed for high current applications * Accurate and consistent dimensions for auto insertion * Excellent for use in DC-DC converter application * High saturation for surface mounting
PC0301-2R2M-RC
2.2
20
100
0.33
1.08
PC0301-3R3M-RC
3.3
20
100
0.52
0.92
PC0301-4R7M-RC
4.7
20
100
0.62
0.74 Electrical
PC0301-6R8M-RC
6.8
20
100
0.87
0.63
PC0301-8R2M-RC
8.2
20
100
1.00
0.58
Inductance Range: 2.2h to 27h Tolerance: 20% over entire range Operating Temp: -40C ~ +85C IDC: Current at which Inductance drops 10% of original value
PC0301-100M-RC
10
20
100
1.14
0.50 Resistance to Soldering Heat
PC0301-120M-RC
12
20
100
1.44
0.46
PC0301-150M-RC
15
20
100
1.60
0.43
Pre-Heat 150C, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260C +/- 5C for 10 sec 1 sec.
PC0301-220M-RC
22
20
100
1.90
0.35
Test Equipment (L): PM3260 / HP44284A / HP4285A (RDC): Chen Hwa 502BC (IDC): Chen Hwa 1061 + Chen Hwa 301A or HP4284A + HP42841A Physical
PC0301-270M-RC
27
20
100
2.85
0.32
All specifications subject to change without notice.
www..com
Packaging: 1000 pieces per 7 inch reel. Marking: EIA Inductance Code
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 7/28/09 15
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of PC0301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X