|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MT5 5 WATT DC/DC CONVER TER SINGLE & MULTIPLE OUTPUTS ELECTRICAL SPECIFICATIONS All specifications are typical at nominal input, full load INPUT SPECIFICATIONS Input Voltage Range........................ 2:1 Wide Range Input OUTPUT SPECIFICATIONS Ripple Noise.....................................150 mVp-p (DC to 20MHZ) Line Regulation................................ 0.5% max. Line Filter......................................... Built-in FEATURES 5 SIDED METAL CASE WIDE INPUT RANGE HIGH EFFICIENCY AND RELIABILITY, UP TO 87% HIGH I/O ISOLATION 1500VDC INPUT FILTER TO MEET EN 55022-A, FCC-A, CISPR 22-2 CLASS A NO DERATING TO 71C LOW OUTPUT RIPPLE AND NOISE SHORT CIRCUIT PROTECTION DIRECT PCB-SOLDERING INDUSTRY STANDARD PINOUT (IC-24P) LOW PROFILE, 10mm (0.39") HEIGHT FIVE YEAR WARRANTY Load Regulation...............................Single: 1.0% max. (10% ~ 100%) Dual: 3.0% max. (10% ~ 100%) GENERAL SPECIFICATIONS Isolation Voltage Primary to Secondary............... 1500 VDC Primary to Case........................ 750 VDC Secondary to Case.................... 750 VDC MTBF.............................................. >1,000,000 hours Isolation Resistance........................ INPUT-OUTPUT-CASE 1000M-ohms min. (Measured at 500 VDC) Short-Circuit Protection................... Continuous ENVIRONMENTAL SPECIFICATIONS Operating Temperature ................... -25C ~ +71C Temperature Coefficient...................0.05% / C Humidity........................................... 30%~95% RH Storage Temperature....................... -25C ~ +85C EMI Complys with: CISPR CLASS A PHYSICAL SPECIFICATIONS Case Material.....................................Nickel-Plated Steel Dual In-Line Pin Configuration 10 Series MODEL MT5-2405SI MT5-2412SI MT5-2412WI MT5-2415WI MT5-4805SI MT5-4812SI MT5-4812WI MT5-4815WI INPUT VOLTAGE OUTPUT VOLTAGE OUTPUT CURRENT 5.1 VDC 12 VDC 12 VDC 15 VDC 5.1 VDC 12 VDC 12 VDC 15 VDC 1000mA 500mA 250mA 200mA 1000mA 500mA 250mA 200mA INPUT CURRENT 16mA 22mA 33mA 35mA 10mA 12mA 14mA 12 mA DUAL OUTPUT 2, 3 22, 23 11 14 9, 16 INPUT - V INPUT + V OUTPUT - V OUTPUT + V COMMON EFFICIENCY 83% 86% 85% 86% 84% 87% 87% 87% 24 VDC (18 ~ 36V) 48 VDC (36 ~ 72V) SINGLE OUTPUT 2, 3 22, 23 9, 10 11, 15 16 14 INPUT - V INPUT + V NC NC OUTPUT - V OUTPUT + V NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted.. Avoid sustained operation in overload or dead short conditions. Specifications subject to changes without notice. Dimensions in mm 11 |
Price & Availability of MT5 |