Part Number Hot Search : 
ICL323 6DQ6B 75N60 1N2228 5HF12 LTC1701 M19264 IP117AR
Product Description
Full Text Search
 

To Download MJE13003BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shenzhen SI Semiconductors Co., LTD.
Product Specification
MJE /MJE SERIES TRANSISTORS
MJE13003BRH
APPLICATION:
FLUORESCENT LAMP
ELECTRONIC BALLAST
Tc=25C Absolute Maximum RatingsTc=25C
TO-126
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter- Base Voltage
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg
VALUE 600 400 9 1.0 20 150 -65-150
UNIT V V V A W C C
Collector Current
Total Power Dissipation Junction Temperature Storage Temperature
Tc=25C Electronic CharacteristicsTc=25C
SYMBOL ICBO ICEO VCEO VEBO Vcesat Vbesat TEST CONDITION VCB=600V VCE=400V,IB=0 IC=10mA,IB=0 IE=1mA,IC=0 IC=0.20A,IB=0.04A IC=0.75A,IB=0.25A IC=0.2A,IB=0.04A VCE=5V,IC=1mA DC Current Gain 7 10 5 1.5 3.5 S 1.0 40 400 9 0.30 0.50 1.2 V MIN MAX 100 250 UNIT A A
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
hFE
VCE=10V,IC=0.1A VCE=5V,IC=1A
Storage Time Falling Time
tS tf
VCC=5V,IC=0.25A, (UI9600)
Si semiconductors
2009.09

CHARACTERISTICS Collector-Base Cutoff Current www..com Collector-Emitter Cutoff Current Collector-Emitter Voltage Emitter- Base Voltage


FEATURES HIGH VOLTAGE CAPABILITY
HIGH SPEED SWITCHING

RoHS




W IDE SOA
RoHS COMPLIANT











V V V
1
Shenzhen SI Semiconductors Co., LTD.
Product Specification
Ptot
Tj=125
Tj=125
Tj=25
Tj=25 Tj= - 40
Vce=1.5V
Vcesat - Ic
Tj=125
Vbesat - Ic
)v(sebV
Tj=25
Tj= - 40
Tj=25 Tj=125
Si semiconductors
2009.09
01
)A(cI
1


1.0
1
0
4.1
Tj= - 40
6.1
hFE=5
hFE=5
01
1
1.0
8.1
2.1
8.0
6.0
4.0
2.0
01
01
)A(cI
)A(cI
www..com
)A(cI
10.0 1
01
Tj= - 40
Vce=5V


EFh
hFE - Ic
hFE - Ic
002 )(jT 051
001

SOA (DC)
%
PcTj
IS/B

2
MJE /MJE SERIES TRANSISTORS
MJE13003BRH
05
0
0
08
06
04
02
021 001
001
0001
)V(ecV

001
1
1
1.0
01



)v(secV
)A(cI
EFh
10.0 1
1.0
1
1
01 1.0 10.0
1
01
1.0
10.0
01
001
Shenzhen SI Semiconductors Co., LTD.
Product Specification
TO-126 TO-126 MECHANICAL DATA
SYMBOL A B B1 b c D E e min nom max SYMBOL L L1 P P1 Q Q1 R min
2.30 1.15 0.70 0.65 0.45 10.50 7.20 2.29
2.80 1.42 1.00 0.90 0.66 11.10 7.80
15.00 1.50 2.90 5.0 3.60 0.90 0.5*
www..com
Si semiconductors
2009.09

nom max 16.5 2.54 3.20 4.40 1.50
:
/UNITmm






3


▲Up To Search▲   

 
Price & Availability of MJE13003BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X