Part Number Hot Search : 
FM160 T3055VL R1601 11ZCP KIA431BF 5KP15CA CDB5334 GN01022
Product Description
Full Text Search
 

To Download MCP3302-BISL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCP3302/04
13-Bit Differential Input, Low Power A/D Converter with SPITM Serial Interface
Features
* * * * * * * * * * * * * * Full Differential Inputs MCP3302: 2 Differential or 4 Single ended Inputs MCP3304: 4 Differential or 8 Single ended Inputs 1 LSB max DNL 1 LSB max INL (MCP3302/04-B) 2 LSB max INL (MCP3302/04-C) Single supply operation: 2.7V to 5.5V 100 ksps sampling rate with 5V supply voltage 50 ksps sampling rate with 2.7V supply voltage 50 nA typical standby current, 1 A max 450 A max active current at 5V Industrial temp range: -40C to +85C 14 and 16-pin PDIP, SOIC and TSSOP packages MXDEVTM Evaluation kit available
General Description
The Microchip Technology Inc. MCP3302/04 13-bit A/D converters feature full differential inputs and low power consumption in a small package that is ideal for battery powered systems and remote data acquisition applications. The MCP3302 is programmable to provide two differential input pairs or four single ended inputs. The MCP3304 is programmable and provides four differential input pairs or eight single ended inputs. Incorporating a successive approximation architecture with on-board sample and hold circuitry, these 13-bit A/D converters are specified to have 1 LSB Differential Nonlinearity (DNL); 1 LSB Integral Nonlinearity (INL) for B-grade and 2 LSB for C-grade devices. The industry-standard SPITM serial interface enables 13-bit A/D converter capability to be added to any PIC(R) microcontroller. The MCP3302/04 devices feature low current design that permits operation with typical standby and active currents of only 50 nA and 300 A, respectively. The devices operate over a broad voltage range of 2.7V to 5.5V and are capable of conversion rates of up to 100 ksps. The reference voltage can be varied from 400 mV to 5V, yielding input-referred resolution between 98 V and 1.22 mV.
14 13 12 11 10 9 8 VDD VREF AGND CLK DOUT DIN CS/SHDN
Applications
* Remote Sensors * Battery Operated Systems * Transducer Interface
Package Types
PDIP, SOIC, TSSOP
CH0 CH1 CH2 CH3 NC NC DGND 1 2 3 4 5 6 7
The MCP3302 is available in 14-pin PDIP, 150 mil SOIC and TSSOP packages. The MCP3304 is available in 16-pin PDIP and 150 mil SOIC packages. The full differential inputs of these devices enable a wide variety of signals to be used in applications such as remote data acquisition, portable instrumentation and battery operated applications.
MCP3302
PDIP, SOIC
CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD VREF AGND CLK DOUT DIN CS/SHDN DGND
(c) 2007 Microchip Technology Inc.
MCP3304
DS21697C-page 1
MCP3302/04
Functional Block Diagram
VREF VDD AGND DGND
CH0 CH1
Input Channel Mux CDAC Comparator 13-Bit SAR +
CH7*
Sample & Hold Circuits
-
Control Logic
Shift Register
CS/SHDN DIN
CLK
DOUT
* Channels 5-7 available on MCP3304 Only
DS21697C-page 2
(c) 2007 Microchip Technology Inc.
MCP3302/04
1.0 ELECTRICAL CHARACTERISTICS PIN FUNCTION TABLE
Name CH0-CH7 DGND CS/SHDN DIN DOUT CLK AGND VREF VDD Analog Inputs Digital Ground Chip Select / Shutdown Input Serial Data In Serial Data Out Serial Clock Analog Ground Reference Voltage Input +2.7V to 5.5V Power Supply Function
Maximum Ratings*
VDD........................................................................ 7.0V All inputs and outputs w.r.t. VSS .....-0.3V to VDD +0.3V Storage temperature .......................... -65C to +150C Ambient temp. with power applied ..... -65C to +125C Maximum Junction Temperature ....................... 150C ESD protection on all pins (HBM)......................... > 4 kV
*Notice: Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with TAMB = -40C to +85C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE Parameter Conversion Rate Maximum Sampling Frequency Conversion Time Acquisition Time DC Accuracy Resolution Integral Nonlinearity Differential Nonlinearity Positive Gain Error Negative Gain Error Offset Error Note 1: 2: 3: 4: 5: 6: 7: 8: INL DNL -- -- -- -3 -3 -3 12 data bits + sign 0.5 1 0.5 -0.75 -0.5 +3 1 2 1 +2 +2 +6 bits LSB LSB LSB LSB LSB LSB MCP3302/04-B MCP3302/04-C Monotonic over temperature FSAMPLE TCONV TACQ -- -- -- -- 13 1.5 100 50 ksps ksps CLK periods CLK periods Note 8 VDD = VREF = 2.7V, VCM =1.35V Symbol Min Typ Max Units Conditions
This specification is established by characterization and not 100% tested. See characterization graphs that relate converter performance to VREF level. VIN = 0.1V to 4.9V @ 1 kHz. VDD =5VP-P 500 mV @ 1 kHz, see test circuit Figure 3-3. Maximum clock frequency specification must be met. VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz TSSOP devices are only specified at 25C and +85C. For slow sample rates, see Section 6.2.1 for limitations on clock frequency.
(c) 2007 Microchip Technology Inc.
DS21697C-page 3
MCP3302/04
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with TAMB = -40C to +85C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE Parameter Dynamic Performance Total Harmonic Distortion Signal to Noise and Distortion Spurious Free Dynamic Range Common Mode Rejection Channel to Channel Crosstalk Power Supply Rejection Reference Input Voltage Range Current Drain Analog Inputs Full Scale Input Span Absolute Input Voltage Leakage Current Switch Resistance Sample Capacitor Digital Input/Output Data Coding Format High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Output Leakage Current Pin Capacitance Note 1: 2: 3: 4: 5: 6: 7: 8: VIH VIL VOH VOL ILI ILO CIN, COUT Binary Two's Complement 0.7 VDD -- 4.1 -- -10 -10 -- -- -- -- -- -- -- -- -- 0.3 VDD -- 0.4 10 10 10 V V V V A A pF IOH = -1 mA, VDD = 4.5V IOL = 1 mA, VDD = 4.5V VIN = VSS or VDD VOUT = VSS or VDD TAMB = 25C, F = 1 MHz, Note 1 RS CSAMPLE CH0 - CH7 CH0 - CH7 -VREF -0.3 -- -- -- -- -- 0.001 1 25 VREF VDD + 0.3 1 -- -- V V A k pF See Figure 6-3 See Figure 6-3 0.4 -- -- -- 100 0.001 VDD 150 3 V A A Note 2 CS = VDD = 5V THD SINAD SFDR CMRR CT PSR -- -- -- -- -- -- -91 78 92 79 > -110 74 -- -- -- -- -- -- dB dB dB dB dB dB Note 3 Note 3 Note 3 Note 6 Note 6 Note 4 Symbol Min Typ Max Units Conditions
This specification is established by characterization and not 100% tested. See characterization graphs that relate converter performance to VREF level. VIN = 0.1V to 4.9V @ 1 kHz. VDD =5VP-P 500 mV @ 1 kHz, see test circuit Figure 3-3. Maximum clock frequency specification must be met. VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz TSSOP devices are only specified at 25C and +85C. For slow sample rates, see Section 6.2.1 for limitations on clock frequency.
DS21697C-page 4
(c) 2007 Microchip Technology Inc.
MCP3302/04
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with TAMB = -40C to +85C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE Parameter Timing Specifications: Clock Frequency (Note 8) Clock High Time Clock Low Time CS Fall To First Rising CLK Edge Data In Setup time Data In Hold Time CLK Fall To Output Data Valid CLK Fall To Output Enable CS Rise To Output Disable CS Disable Time DOUT Rise Time DOUT Fall Time Power Requirements: Operating Voltage Operating Current Standby Current Temperature Ranges: Specified Temperature Range Operating Temperature Range Storage Temperature Range Thermal Package Resistance: Thermal Resistance, 14L-PDIP Thermal Resistance, 14L-SOIC Thermal Resistance, 14L-TSSOP Thermal Resistance, 16L-PDIP Thermal Resistance, 16L-SOIC Note 1: 2: 3: 4: 5: 6: 7: 8: JA JA JA JA JA -- -- -- -- -- 70 108 100 70 90 -- -- -- -- -- C/W C/W C/W C/W C/W TA TA TA -40 -40 -65 -- -- -- +85 +85 +150 C C C VDD IDD IDDS 2.7 -- -- -- -- 300 200 0.05 5.5 450 -- 1 V A A VDD, VREF = 5V, DOUT unloaded VDD, VREF = 2.7V, DOUT unloaded CS = VDD = 5.0V FCLK THI TLO TSUCS TSU THD TDO TEN TDIS TCSH TR TF 0.105 0.105 210 210 100 50 -- -- -- -- 475 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 2.1 1.05 -- -- -- -- 50 125 200 125 200 100 -- 100 100 MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns See test circuits, Figure 3-1 Note 1 See test circuits, Figure 3-1 Note 1 VDD = 5V, see Figure 3-1 VDD = 2.7V, see Figure 3-1 VDD = 5V, see Figure 3-1 VDD = 2.7V, see Figure 3-1 See test circuits, Figure 3-1 Note 1 VDD = 5V, FSAMPLE = 100 ksps VDD = 2.7V, FSAMPLE = 50 ksps Note 5 Note 5 Symbol Min Typ Max Units Conditions
This specification is established by characterization and not 100% tested. See characterization graphs that relate converter performance to VREF level. VIN = 0.1V to 4.9V @ 1 kHz. VDD =5VP-P 500 mV @ 1 kHz, see test circuit Figure 3-3. Maximum clock frequency specification must be met. VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz TSSOP devices are only specified at 25C and +85C. For slow sample rates, see Section 6.2.1 for limitations on clock frequency.
(c) 2007 Microchip Technology Inc.
DS21697C-page 5
MCP3302/04
.
TCSH CS TSUCS THI CLK TSU DIN THD TLO
MSB IN TEN TDO Null Bit Sign BIT TR TF LSB TDIS
DOUT
FIGURE 1-1:
Timing Parameters
DS21697C-page 6
(c) 2007 Microchip Technology Inc.
MCP3302/04
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
.
Note:
.
1 0.8 0.6 0.4 Positive INL
1 0.8 0.6 0.4
VDD=VREF=2.7V
Positive INL
INL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 0 50 100 150 200 Negative INL
INL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 0 10 20 30 40 50 60 70 Negative INL
Sample Rate (ksps)
Sample Rate (ksps)
FIGURE 2-1: vs. Sample Rate
2 1.5 1
Integral Nonlinearity (INL)
FIGURE 2-4: Integral Nonlinearity (INL) vs. Sample Rate (VDD = 2.7V)
.
2 1.5 1 Positive INL
VDD = 2.7V
Positive INL
INL (LSB)
0 -0.5 -1 -1.5 -2 0 1 2 3 4 5 Negative INL
INL(LSB)
0.5
0.5 0
-0.5 -1 -1.5 -2 0 0.5 1 1.5 2 2.5 3 Negative INL
VREF(V)
VREF(V)
FIGURE 2-2: vs. VREF.
1 0.8 0.6 0.4
Integral Nonlinearity (INL)
FIGURE 2-5: Integral Nonlinearity (INL) vs. VREF (VDD = 2.7V)
1 0.8 0.6 0.4
VDD=VREF=2.7V FSAMPLE = 50 ksps
INL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -4096
INL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1
-3072
-2048
-1024
0
1024
2048
3072
4096
-4096
-3072
-2048
-1024
0
1024
2048
3072
4096
Code
Code
FIGURE 2-3: Integral Nonlinearity (INL) vs. Code (Representative Part).
FIGURE 2-6: Integral Nonlinearity (INL) vs. Code (Representative Part, VDD = 2.7V).
(c) 2007 Microchip Technology Inc.
DS21697C-page 7
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
1 0.8 0.6 0.4 Positive INL 1 0.8 0.6 0.4
VDD=VREF=2.7V FSAMPLE = 50 ksps Positive INL
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -50 -25 0 25 50 75 100 125 150 Negative INL
INL (LSB)
INL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -50 -25 0 25 50 75 100 125 150 Negative INL
Temperature(C)
Temperature (C)
FIGURE 2-7: vs. Temperature.
1 0.8 0.6 0.4
Integral Nonlinearity (INL)
FIGURE 2-10: Integral Nonlinearity (INL) vs. Temperature (VDD = 2.7V).
1 0.8 0.6 Positive DNL
VDD=VREF=2.7V
Positive DNL
0.4
DNL (LSB)
DNL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 0 50 100 150 200 Negative DNL
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 0 10 20 30 40 50 60 70 Negative DNL
Sample Rate (ksps)
Sample Rate (ksps)
FIGURE 2-8: Differential Nonlinearity (DNL) vs. Sample Rate.
2 1.5 1
FIGURE 2-11: Differential Nonlinearity (DNL) vs. Sample Rate (VDD = 2.7V).
2 1.5 1
VDD=2.7V FSAMPLE = 50 ksps
DNL(LSB)
0 -0.5 -1 -1.5 -2 0 1 2 3 4 5 6 Negative DNL
DNL (LSB)
0.5
Positive DNL
Positive DNL 0.5 0 -0.5 -1 -1.5 -2 0 0.5 1 1.5 2 2.5 3 Negative DNL
VREF(V)
VREF (V)
FIGURE 2-9: (DNL) vs. VREF.
Differential Nonlinearity
FIGURE 2-12: Differential Nonlinearity (DNL) vs. VREF (VDD = 2.7V).]
DS21697C-page 8
(c) 2007 Microchip Technology Inc.
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
1 0.8 0.6 0.4
1 0.8 0.6 0.4 VDD=VREF=2.7V FSAMPLE = 50 ksps
DNL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -4096
DNL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1
-3072
-2048
-1024
0
1024
2048
3072
4096
-4096
-3072
-2048
-1024
0
1024
2048
3072
4096
Code
Code
FIGURE 2-13: Differential Nonlinearity (DNL) vs. Code (Representative Part).
FIGURE 2-16: Differential Nonlinearity (DNL) vs. Code (Representative Part, VDD = 2.7V).
1 0.8 0.6
1 0.8 0.6 0.4 Positive DNL
VDD=VREF=2.7V FSAMPLE = 50 ksps Positive DNL
0.4
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -50 -25 0 25 50 75 100 125 150 Negaitive DNL
DNL (LSB)
DNL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1 -50 -25 0 25 50 75 100 125 150 Negative DNL
Temperature (C)
Temperature (C)
FIGURE 2-14: Differential Nonlinearity (DNL) vs. Temperature.
4 3 2 1 0 -1 -2 -3 0 1 2 3 4 5 6 VDD=5V FSAMPLE = 100 ksps
FIGURE 2-17: Differential Nonlinearity (DNL) vs. Temperature (VDD = 2.7V).
20 18 16
Positive Gain Error (LSB)
Offset Error (LSB)
14 12 10 8 6 4 2 0 0
VDD = 2.7V FSAMPLE = 50 ksps VDD = 5V FSAMPLE = 100 ksps
1
2
3
4
5
6
VREF(V)
VREF(V)
FIGURE 2-15: VREF.
Positive Gain Error vs.
FIGURE 2-18:
Offset Error vs. VREF.
(c) 2007 Microchip Technology Inc.
DS21697C-page 9
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
0 -0.2 3.5 3
VDD=VREF=5V FSAMPLE = 100 ksps
Positive Gain Error (LSB)
Offset Error (LSB)
-0.4 -0.6 -0.8 -1 -1.2 -1.4 -1.6 -1.8 -50 0 50 VDD=VREF=2.7V FSAMPLE = 50 ksps
VDD=VREF=5V FSAMPLE = 100 ksps
2.5 2 1.5 1 0.5 0 -50 0 50 100 150
VDD=VREF=2.7V FSAMPLE = 50 ksps
100
150
Temperature (C)
Temperature (C)
FIGURE 2-19: Temperature.
100 90 80 70
Positive Gain Error vs.
FIGURE 2-22: Temperature.
90
Offset Error vs.
VDD=VREF=5V FSAMPLE = 100 ksps
80 70
SNR (db)
60 50 40 30 20 10 0 1 10
VDD=VREF=2.7V FSAMPLE = 50 ksps
SINAD (dB)
60 50 40 30 20 10 0
VDD=VREF=2.7V FSAMPLE = 50 ksps VDD=VREF=5V FSAMPLE = 100 ksps
100
1
10
100
Input Frequency (kHz)
Input Frequency (kHz)
FIGURE 2-20: Signal to Noise Ratio (SNR) vs. Input Frequency.
0 -10 -20 -30
FIGURE 2-23: Signal to Noise and Distortion (SINAD) vs. Input Frequency.
80 70 60
SINAD (dB)
THD (dB)
-40 -50 -60 -70 -80 -90 -100 1
VDD=VREF=2.7V FSAMPLE = 50 ksps
VDD=VREF=5V FSAMPLE = 100 ksps
50 40 30 20 10 0 VDD=VREF=2.7V FSAMPLE = 50 ksps VDD=VREF=5V FSAMPLE = 100 ksps
10
100
-40
-35
-30
-25
-20
-15
-10
-5
0
Input Frequency (kHz)
Input Signal Level (dB)
FIGURE 2-21: Total Harmonic Distortion (THD) vs. Input Frequency.
FIGURE 2-24: Signal to Noise and Distortion (SINAD) vs. Input Signal Level.
DS21697C-page 10
(c) 2007 Microchip Technology Inc.
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
13 12.8 12 12.6 11 10 9 8 11.4 7 0 1 2 3 4 5 11.2 1 10 100 VDD=2.7V FSAMPLE = 50 ksps VDD=5V FSAMPLE = 100 ksps 12.4 12.2 12 11.8 11.6 VDD=VREF=2.7V FSAMPLE = 50 ksps VDD=VREF=5V FSAMPLE = 100 ksps
13
ENOB (rms)
VREF(V)
ENOB (rms)
Input Frequency (kHz)
FIGURE 2-25: (ENOB) vs. VREF.
100 90 80 70
Effective Number of Bits
FIGURE 2-28: Effective Number of Bits (ENOB) vs. Input Frequency.
-30 -35 -40 -45 0.1 F Bypass Capacitor
VDD=VREF=5V FSAMPLE = 100 ksps
SFDR (dB)
PSR(dB)
10 100
60 50 40 30 20 10 0 1 VDD=VREF=2.7V FSAMPLE = 50 ksps
-50 -55 -60 -65 -70 -75 -80 1 10 100 1000 10000
Input Frequency (kHz)
Ripple Frequency (kHz)
FIGURE 2-26: Spurious Free Dynamic Range (SFDR) vs. Input Frequency.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 0 10000 20000 30000 40000 50000
FIGURE 2-29: Power Supply Rejection (PSR) vs. Ripple Frequency.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 0 5000 10000 15000 20000 25000
Frequency (Hz)
Amplitude (dB)
Amplitude (dB)
Frequency (Hz)
FIGURE 2-27: Frequency Spectrum of 10 kHz Input (Representative Part).
FIGURE 2-30: Frequency Spectrum of 1 kHz Input (Representative Part, VDD = 2.7V).
(c) 2007 Microchip Technology Inc.
DS21697C-page 11
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
120 100 350 300 250 200 150 100 20 50 0 2 2.5 3 3.5 4 4.5 5 5.5 6 0 2 2.5 3 3.5 4 4.5 5 5.5 6 80
450 400
IREF (A) VDD (V)
IDD (A)
60 40
VDD (V)
FIGURE 2-31:
600 500 400 300 200
IDD vs. VDD.
FIGURE 2-34:
120 100 80
IREF vs. VDD.
VDD=VREF=5V
VDD=VREF=5V
IREF (A)
IDD (A)
60 40
VDD=VREF=2.7V 100 0 0 50 100 150 200 20 0 0 50
VDD=VREF=2.7V
100
150
200
Sample Rate (ksps)
Sample Rate (ksps)
FIGURE 2-32:
400 350 300
IDD vs. Sample Rate.
FIGURE 2-35:
100 90 80
IREF vs. Sample Rate.
IREF (A)
IDD (A)
250 200 150 100 50 0 -50 0
VDD=VREF=5V FSAMPLE = 100 ksps
70 60 50 40 30 20 10 0
VDD=VREF=5V FSAMPLE = 100 ksps
VDD=VREF=2.7V FSAMPLE = 50 ksps
VDD=VREF=2.7V FSAMPLE = 50 ksps
50
100
150
-50
0
50
100
150
Temperature (C)
Temperature (C)
FIGURE 2-33:
IDD vs. Temperature.
FIGURE 2-36:
IREF vs. Temperature.
DS21697C-page 12
(c) 2007 Microchip Technology Inc.
MCP3302/04
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25C.
2
80
60
Negative Gain Error (LSB)
70
1.5 1 0.5 0 -0.5 -1 -1.5 -2 VDD=VREF=2.7V FSAMPLE = 50 ksps VDD=VREF=5V FSAMPLE = 100 ksps
IDDS (pA)
50 40 30 20 10 0 2 2.5 3 3.5 4 4.5 5 5.5 6
-50
0
50
100
150
VDD (V)
Temperature (C)
FIGURE 2-37:
100
IDDS vs. VDD.
FIGURE 2-40: Temperature.
80
Negative Gain Error vs.
Common Mode Rejection Ration(dB)
10
79 78 77 76 75 74 73 72 71 70 1 10 100 Input Frequency (kHz) 1000
IDDS (nA)
1
0.1
0.01
0.001 -50 -25 0 25 50 75 100
Temperature (C)
FIGURE 2-38:
4 3.5
IDDS vs. Temperature. FIGURE 2-41: vs. Frequency. Common Mode Rejection
Negative Gain Error (LSB)
3 2.5 2 1.5 1 0.5 0 -0.5 -1 0 1 2 3 4 5 6 VDD=5V FSAMPLE = 100 ksps
VREF (V)
FIGURE 2-39: Negative Gain Error vs. Reference Voltage.
(c) 2007 Microchip Technology Inc.
DS21697C-page 13
MCP3302/04
3.0 TEST CIRCUITS
1 k 1/2 MCP602 + 20 k 2.63V 5VP-P 1 k 5V 500 mVP-P To VDD on DUT
1.4V MCP330X DOUT 3 k Test Point
1 k
CL = 100 pF
FIGURE 3-1:
Test Point
Load Circuit for TR, TF, TDO.
FIGURE 3-3: Power Supply Sensitivity Test Circuit (PSRR).
VREF = 5V VDD = 5V 0.1 F
VDD MCP330X DOUT 3 k 100 pF VSS VDD/2 TDIS Waveform 2 TEN Waveform TDIS Waveform 1
5VP-P
1 F 0.1 F IN(+) IN(-) 5VP-P
VREF VDD MCP330X VSS
Voltage Waveforms for TDIS
CS
VIH 90% TDIS
VCM = 2.5V
DOUT Waveform 1*
FIGURE 3-4: Full Differential Test Configuration Example.
DOUT Waveform 2
10%
VREF = 2.5V 1F 0.1F 0.1F 5VP-P VREF VDD MCP330X IN(-) VSS IN(+) VDD = 5V
*Waveform 1 is for an output with internal conditions such that the output is high, unless disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is low, unless disabled by the output control.
FIGURE 3-2: TEN.
Load circuit for TDIS and
VCM = 2.5V
FIGURE 3-5: Pseudo Differential Test Configuration Example.
DS21697C-page 14
(c) 2007 Microchip Technology Inc.
MCP3302/04
4.0 PIN DESCRIPTIONS
4.6 Serial Clock (CLK)
The descriptions of the pins are listed in Table 4-1. The SPI clock pin is used to initiate a conversion and to clock out each bit of the conversion as it takes place. See Section 6.2 for constraints on clock speed. See Figure 7-2 for serial communication protocol.
TABLE 4-1:
Name CH0-CH7 DGND CS/SHDN DIN DOUT CLK AGND VREF VDD
PIN FUNCTION TABLE
Function Analog Inputs Digital Ground Chip Select / Shutdown Input Serial Data In Serial Data Out Serial Clock Analog Ground Reference Voltage Input +2.7V to 5.5V Power Supply
4.7
AGND
Ground connection to internal analog circuitry. To ensure accuracy, this pin must be connected to the same ground as DGND. If an analog ground plane is available, it is recommended that this device be tied to the analog ground plane in the circuit. See Section 6.6 for more information regarding circuit layout.
4.8
Voltage Reference (VREF)
4.1
CH0-CH7
This input pin provides the reference voltage for the device, which determines the maximum range of the analog input signal and the LSB size. The LSB size is determined according to the equation shown below. As the reference input is reduced, the LSB size is reduced accordingly.
Analog input channels. These pins have an absolute voltage range of VSS - 0.3V to VDD + 0.3V. The full scale differential input range is defined as the absolute value of (IN+) - (IN-). This difference can not exceed the value of VREF - 1 LSB or digital code saturation will occur.
EQUATION
LSB Size = 2 x VREF 8192
4.2
DGND
Ground connection to internal digital circuitry. To ensure accuracy this pin must be connected to the same ground as AGND. If an analog ground plane is available, it is recommended that this device be tied to the analog ground plane in the circuit. See Section 6.6 for more information regarding circuit layout.
When using an external voltage reference device, the system designer should always refer to the manufacturer's recommendations for circuit layout. Any instability in the operation of the reference device will have a direct effect on the accuracy of the ADC conversion results.
4.3
Chip Select/Shutdown (CS/SHDN)
4.9
VDD
The CS/SHDN pin is used to initiate communication with the device when pulled low. This pin will end a conversion and put the device in low power standby when pulled high. The CS/SHDN pin must be pulled high between conversions and cannot be tied low for multiple conversions. See Figure 7-2 for serial communication protocol.
The voltage on this pin can range from 2.7 to 5.5V. To ensure accuracy, a 0.1 F ceramic bypass capacitor should be placed as close as possible to the pin. See Section 6.6 for more information regarding circuit layout.
4.4
Serial Data Input (DIN)
The SPI port serial data input pin is used to clock in input channel configuration data. Data is latched on the rising edge of the clock. See Figure 7-2 for serial communication protocol.
4.5
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the results of the A/D conversion. Data will always change on the falling edge of each clock as the conversion takes place. See Figure 7-2 for serial communication protocol.
(c) 2007 Microchip Technology Inc.
DS21697C-page 15
MCP3302/04
5.0 DEFINITION OF TERMS
Bipolar Operation - This applies to either a differential or single ended input configuration, where both positive and negative codes are output from the A/D converter. Full bipolar range includes all 8192 codes. For bipolar operation on a single ended input signal, the A/D converter must be configured to operate in pseudo differential mode. Unipolar Operation - This applies to either a single ended or differential input signal where only one side of the device transfer is being used. This could be either the positive or negative side, depending on which input (IN+ or IN-) is being used for the DC bias. Full unipolar operation is equivalent to a 12-bit converter. Full Differential Operation - Applying a full differential signal to both the IN(+) and IN(-) inputs is referred to as full differential operation. This configuration is described in Figure 3-4. Pseudo-Differential Operation - Applying a single ended signal to only one of the input channels with a bipolar output is referred to as pseudo differential operation. To obtain a bipolar output from a single ended input signal the inverting input of the A/D converter must be biased above VSS. This operation is described in Figure 3-5. Integral Nonlinearity - The maximum deviation from a straight line passing through the endpoints of the bipolar transfer function is defined as the maximum integral nonlinearity error. The endpoints of the transfer function are a point 1/2 LSB above the first code transition (0x1000) and 1/2 LSB below the last code transition (0x0FFF). Differential Nonlinearity - The difference between two measured adjacent code transitions and the 1 LSB ideal is defined as differential nonlinearity. Positive Gain Error - This is the deviation between the last positive code transition (0x0FFF) and the ideal voltage level of VREF-1/2 LSB, after the bipolar offset error has been adjusted out. Negative Gain Error - This is the deviation between the last negative code transition (0X1000) and the ideal voltage level of -VREF-1/2 LSB, after the bipolar offset error has been adjusted out. Offset Error - This is the deviation between the first positive code transition (0x0001) and the ideal 1/2 LSB voltage level. Acquisition Time - The acquisition time is defined as the time during which the internal sample capacitor is charging. This occurs for 1.5 clock cycles of the external CLK as defined in Figure 7-2. Conversion Time - The conversion time occurs immediately after the acquisition time. During this time, successive approximation of the input signal occurs as the 13-bit result is being calculated by the internal circuitry. This occurs for 13 clock cycles of the external CLK as defined in Figure 7-2.
DS21697C-page 16
Signal to Noise Ratio - Signal to Noise Ratio (SNR) is defined as the ratio of the signal to noise measured at the output of the converter. The signal is defined as the rms amplitude of the fundamental frequency of the input signal. The noise value is dependant on the device noise as well as the quantization error of the converter and is directly affected by the number of bits in the converter. The theoretical signal to noise ratio limit based on quantization error only for an N-bit converter is defined as:
EQUATION
SNR = ( 6.02N + 1.76 )dB For a 13-bit converter, the theoretical SNR limit is 80.02 dB. Total Harmonic Distortion - Total Harmonic Distortion (THD) is the ratio of the rms sum of the harmonics to the fundamental, measured at the output of the converter. For the MCP3302/04, it is defined using the first 9 harmonics, as is shown in the following equation:
EQUATION
V2 + V 3 + V 4 + ..... + V 8 + V9 THD(-dB) = - 20 log -------------------------------------------------------------------------2 V1 Here V1 is the rms amplitude of the fundamental and V2 through V9 are the rms amplitudes of the second through ninth harmonics. Signal to Noise plus Distortion (SINAD) - Numerically defined, SINAD is the calculated combination of SNR and THD. This number represents the dynamic performance of the converter, including any harmonic distortion.
2 2 2 2 2
EQUATION
SINAD(dB) = 20 log 10
( SNR 10 )
+ 10
- ( THD 10 )
EffectIve Number of Bits - Effective Number of Bits (ENOB) states the relative performance of the ADC in terms of its resolution. This term is directly related to SINAD by the following equation:
EQUATION
SINAD - 1.76 ENOB ( N ) = ---------------------------------6.02 For SINAD performance of 78 dB, the effective number of bits is 12.66. Spurious Free Dynamic Range - Spurious Free Dynamic Range (SFDR) is the ratio of the rms value of the fundamental to the next largest component in ADC's output spectrum. This is, typically, the first harmonic, but could also be a noise peak.
(c) 2007 Microchip Technology Inc.
MCP3302/04
6.0
6.1
APPLICATIONS INFORMATION
Conversion Description
6.2
Driving the Analog Input
The MCP3302/04 A/D converters employ a conventional SAR architecture. With this architecture, the potential between the IN+ and IN- inputs are simultaneously sampled and stored with the internal sample circuits for 1.5 clock cycles. Following this sampling time, the input hold switches of the converter open and the device uses the collected charge to produce a serial 13-bit binary two's complement output code. This conversion process is driven by the external clock and must include 13 clock cycles, one for each bit. During this process, the most significant bit (MSB) is output first. This bit is the sign bit and indicates if the IN+ or INinput is at a higher potential.
The analog input of the MCP3302/04 is easily driven, either differentially or single ended. Any signal that is common to the two input channels will be rejected by the common mode rejection of the device. During the charging time of the sample capacitor, a small charging current will be required. For low source impedances, this input can be driven directly. For larger source impedances, a larger acquisition time will be required due to the RC time constant that includes the source impedance. For the A/D Converter to meet specification, the charge holding capacitor (CSAMPLE) must be given enough time to acquire a 13-bit accurate voltage level during the 1.5 clock cycle acquisition period. An analog input model is shown in Figure 6-3. This model is accurate for an analog input, regardless if it is configured as a single ended input, or the IN+ and INinput in differential mode. In this diagram, it is shown that the source impedance (RS) adds to the internal sampling switch (RSS) impedance, directly affecting the time that is required to charge the capacitor (CSAMPLE). Consequently, a larger source impedance with no additional acquisition time increases the offset, gain and integral linearity errors of the conversion. To overcome this, a slower clock speed can be used to allow for the longer charging time. Figure 6-2 shows the maximum clock speed associated with source impedances.
IN+
Hold CSAMP + -
CDAC
Comp
13-Bit SAR
INHold
CSAMP Shift Register DOUT
FIGURE 6-1:
Simplified Block Diagram.
Maximum Clock Frequency (MHz)
2.5
2.0
1.5
1.0
0.5
0.0 100 1000 10000 100000
Source Resistance (ohms)
FIGURE 6-2: Maximum Clock Frequency vs. Source Resistance (RS) to maintain 1 LSB INL.
(c) 2007 Microchip Technology Inc.
DS21697C-page 17
MCP3302/04
VDD VT = 0.6V Sampling Switch SS RS = 1 k CSAMPLE = DAC capacitance = 25 pF VSS
Legend VA = signal source RSS = source impedance CHx = input channel pad CPIN = input pin capacitance VT = threshold voltage ILEAKAGE = leakage current at the pin due to various junctions SS = sampling switch RS = sampling switch resistor CSAMPLE = sample/hold capacitance
RSS
CHx
VA
CPIN 7 pF
VT = 0.6V
ILEAKAGE 1 nA
FIGURE 6-3: 6.2.1
Analog Input Model.
MAINTAINING MINIMUM CLOCK SPEED
When the MCP3302/04 initiates, charge is stored on the sample capacitor. When the sample period is complete, the device converts one bit for each clock that is received. It is important for the user to note that a slow clock rate will allow charge to bleed off the sample cap while the conversion is taking place. For the MCP330X devices, the recommended minimum clock speed during the conversion cycle (TCONV) is 105 kHz. Failure to meet this criteria may induce linearity errors into the conversion outside the rated specifications. It should be noted that during the entire conversion cycle, the A/D converter does not have requirements for clock speed or duty cycle, as long as all timing specifications are met.
bring down the high pass corner. The value of R will need to be 1 k, or less, since higher input impedances require additional acquisition time. Using the RC values in Figure 6-4, we have a 100 Hz corner frequency. See Figure 2-12 for relation between input impedance and acquisition time.
VDD = 5V 0.1 F C 10 F VIN 1 k R
IN+ INMCP330X VREF
VOUT
VIN 0.1 F
6.3
Biasing Solutions
1 F
MCP1525
For pseudo-differential bipolar operation, the biasing circuit (shown in Figure 6-4) shows a single ended input AC coupled to the converter. This configuration will give a digital output range of -4096 to +4095. With the 2.5V reference, the LSB size equal to 610 V. Although the ADC is not production tested with a 2.5V reference as shown, linearity will not change more than 0.1 LSB. See Figure 2-2 and Figure 2-9 for DNL and INL errors versus VREF at VDD = 5V. A trade-off exists between the high pass corner and the acquisition time. The value of C will need to be quite large in order to
FIGURE 6-4: Pseudo-differential biasing circuit for bipolar operation.
Using an external operation amplifier on the input allows for gain and also buffers the input signal from the input to the ADC allowing for a higher source impedance. This circuit is shown in Figure 6-5.
DS21697C-page 18
(c) 2007 Microchip Technology Inc.
MCP3302/04
6.4
VDD = 5V 10 k 1 k VIN MCP6021 + 1 M IN+ INMCP330X VREF 0.1 F
Common Mode Input Range
1 F
1 F
VIN VOUT MCP1525
The common mode input range has no restriction and is equal to the absolute input voltage range: VSS -0.3V to VDD + 0.3V. However, for a given VREF, the common mode voltage has a limited swing, if the entire range of the A/D converter is to be used. Figure 6-7 and Figure 6-8 show the relationship between VREF and the common mode voltage swing. A smaller VREF allows for wider flexibility in a common mode voltage. VREF levels, down to 400 mv, exhibit less than 0.1 LSB change in DNL and INL. For characterization graphs that show this performance relationship, see Figure 2-9 and Figure 2-12.
VDD = 5V 5
0.1 F
4.05V
Common Mode Range (V)
4 3 2 1 0 -1 0.25
FIGURE 6-5: Adding an amplifier allows for gain and also buffers the input from any high impedance sources.
This circuit shows that some headroom will be lost due to the amplifier output not being able to swing all the way to the rail. An example would be for an output swing of 0V to 5V. This limitation can be overcome by supplying a VREF that is slightly less than the common mode voltage. Using a 2.048V reference for the A/D converter while biasing the input signal at 2.5V solves the problem. This circuit is shown in Figure 6-5.
2.8V
2.3V 0.95V
1.0
2.5
4.0
5.0
VREF (V)
FIGURE 6-7: Common Mode Input Range of Full Differential Input Signal versus VREF.
VDD = 5V 5
VDD = 5V 10 k 1 k VIN MCP606 + 1 F 1 M IN+ INMCP330X VREF 10 k 2.048V 0.1 F Common Mode Range (V)
4 3 2 1 0 -1 0.25
4.05V 2.8V
2.3V 0.95V
0.5
1.25
1 F
VOUT VIN MCP1525
2.0
2.5
VREF (V) 0.1 F
FIGURE 6-8: Common Mode Input Range versus VREF for Pseudo Differential Input. FIGURE 6-6: Circuit solution to overcome amplifier output swing limitation.
(c) 2007 Microchip Technology Inc.
DS21697C-page 19
MCP3302/04
6.5 Buffering/Filtering the Analog Inputs 6.6 Layout Considerations
When laying out a printed circuit board for use with analog components, care should be taken to reduce noise wherever possible. A bypass capacitor from VDD to ground should always be used with this device and should be placed as close as possible to the device pin. A bypass capacitor value of 0.1 F is recommended. Digital and analog traces on the board should be separated as much as possible, with no traces running underneath the device or the bypass capacitor. Extra precautions should be taken to keep traces with high frequency signals (such as clock lines) as far as possible from analog traces. Use of an analog ground plane is recommended in order to keep the ground potential the same for all devices on the board. Providing VDD connections to devices in a "star" configuration can also reduce noise by eliminating current return paths and associated errors (see Figure 6-10). For more information on layout tips when using the MCP3302/04, or other ADC devices, refer to Application Note 688, "Layout Tips for 12-Bit A/D Converter Applications".
VDD Connection
1 F MCP1541 CL VREF IN+ MCP330X 7.86 k VIN 14.6 k 1 F 2.2 F MCP601 + IN0.1 F
Inaccurate conversion results may occur if the signal source for the A/D converter is not a low impedance source. Buffering the input will overcome the impedance issue. It is also recommended that an analog filter be used to eliminate any signals that may be aliased back into the conversion results. This is illustrated in Figure 6-9, where an op amp is used to drive the analog input of the MCP3302/04. This amplifier provides a low impedance source for the converter input and a low pass filter, which eliminates unwanted high frequency noise. Values shown are for a 10 Hz Butterworth Low Pass filter. Low pass (anti-aliasing) filters can be designed using Microchip's interactive FilterLab(R) software. FilterLab will calculate capacitor and resistor values, as well as determine the number of poles that are required for the application. For more information on filtering signals, see Application Note 699 "Anti-Aliasing Analog Filters for Data Acquisition Systems".
VDD 4.096V Reference 0.1 F 10 F
Device 4
Device 1
FIGURE 6-9: The MCP601 Operational Amplifier is used to implement a 2nd order antialiasing filter for the signal being converted by the MCP3302/04.
Device 3 Device 2
FIGURE 6-10: VDD traces arranged in a `Star' configuration in order to reduce errors caused by current return paths.
DS21697C-page 20
(c) 2007 Microchip Technology Inc.
MCP3302/04
6.7 Utilizing the Digital and Analog Ground Pins
The MCP3302/04 devices provide both digital and analog ground connections to provide another means of noise reduction. As shown in Figure 6-11, the analog and digital circuitry are separated internal to the device. This reduces noise from the digital portion of the device being coupled into the analog portion of the device. The two grounds are connected internally through the substrate which has a resistance of 5 -10 . If no ground plane is utilized, then both grounds must be connected to VSS on the board. If a ground plane is available, both digital and analog ground pins should be connected to the analog ground plane. If both an analog and a digital ground plane are available, both the digital and the analog ground pins should be connected to the analog ground plane, as shown in Figure 6-11. Following these steps will reduce the amount of digital noise from the rest of the board being coupled into the A/D Converter.
VDD
MCP3302/04 Digital Side -SPI Interface -Shift Register -Control Logic Substrate 5 - 10 DGND Analog Side -Sample Cap -Capacitor Array -Comparator
AGND 0.1 F
Analog Ground Plane
FIGURE 6-11: Separation of Analog and Digital Ground Pins.
(c) 2007 Microchip Technology Inc.
DS21697C-page 21
MCP3302/04
7.0
7.1
SERIAL COMMUNICATIONS
Output Code Format
TABLE 7-1:
BINARY TWO'S COMPLEMENT OUTPUT CODE EXAMPLES.
Sign Bit 0 0 0 0 0 1 1 1 1 Binary Data Decimal DATA +4095 +4094 +2 +1 0 -1 -2 -4095 -4096
The output code format is a binary two's complement scheme, with a leading sign bit that indicates the sign of the output. If the IN+ input is higher than the INinput, the sign bit will be a zero. If the IN- input is higher, the sign bit will be a `1'. The diagram shown in Figure 7-1 shows the output code transfer function. In this diagram, the horizontal axis is the analog input voltage and the vertical axis is the output code of the ADC. It shows that when IN+ is equal to IN-, both the sign bit and the data word is zero. As IN+ gets larger with respect to IN-, the sign bit is a zero and the data word gets larger. The full scale output code is reached at +4095 when the input [(IN+) - (IN-)] reaches VREF - 1 LSB. When IN- is larger than IN+, the two's complement output codes will be seen with the sign bit being a one. Some examples of analog input levels and corresponding output codes are shown in Table 7-1.
Analog Input Levels Full Scale Positive (IN+)-(IN-)=VREF-1 LSB (IN+)-(IN-) = VREF-2 LSB IN+ = (IN-) +2 LSB IN+ = (IN-) +1 LSB IN+ = ININ+ = (IN-) - 1 LSB IN+ = (IN-) - 2 LSB (IN+)-(IN-) = VREF-2 LSB Full Scale Negative (IN+)-(IN-) = VREF-1 LSB
1111 1111 1111 1111 1111 1110 0000 0000 0010 0000 0000 0001 0000 0000 0000 1111 1111 1111 1111 1111 1110 0000 0000 0001 0000 0000 0000
Output Code
0 + 1111 1111 1111 (+4095) 0 + 1111 1111 1110 (+4094)
Positive Full Scale Output = VREF -1 LSB
0 + 0000 0000 0011 (+3) 0 + 0000 0000 0010 (+2) 0 + 0000 0000 0001 (+1) 0 + 0000 0000 0000 (0)
IN+ > IN1 + 1111 1111 1111 (-1) 1 + 1111 1111 1110 (-2) 1 + 1111 1111 1101 (-3)
-VREF
IN+ < IN-
VREF
Analog Input Voltage IN+ - IN-
1 + 0000 0000 0001 (-4095) 1 + 0000 0000 0000 (-4096)
Negative Full Scale Output = -VREF
FIGURE 7-1:
Output Code Transfer Function.
DS21697C-page 22
(c) 2007 Microchip Technology Inc.
MCP3302/04
7.2 Communicating with the MCP3302 and MCP3304
TABLE 7-2: CONFIGURATION BITS FOR THE MCP3302
Input Configuration D0 0 1 0 1 0 1 0 1 single ended single ended single ended single ended differential differential differential differential CH0 CH1 CH2 CH3 CH0 = IN+ CH1 = INCH0 = INCH1 = IN+ CH2 = IN+ CH3 = INCH2 = INCH3 = IN+ Channel Selection Control Bit Selections Single D2* D1 /Diff 1 1 1 1 0 0 0 0 X X X X X X X X 0 0 1 1 0 0 1 1
Communication with the MCP3302/04 devices is done using a standard SPI-compatible serial interface. Initiating communication with either device is done by bringing the CS line low (see Figure 7-2). If the device was powered up with the CS pin low, it must be brought high and back low to initiate communication. The first clock received with CS low and DIN high will constitute a start bit. The SGL/DIFF bit follows the start bit and will determine if the conversion will be done using single ended or differential input mode. Each channel in single ended mode will operate as a 12-bit converter with a unipolar output. No negative codes will be output in single ended mode. The next three bits (D0, D1 and D2) are used to select the input channel configuration. Table 7-2 and Table 7-3 show the configuration bits for the MCP3302 and MCP3304, respectively. The device will begin to sample the analog input on the fourth rising edge of the clock after the start bit has been received. The sample period will end on the falling edge of the fifth clock following the start bit. After the D0 bit is input, one more clock is required to complete the sample and hold period (DIN is a "don't care" for this clock). On the falling edge of the next clock, the device will output a low null bit. The next 13 clocks will output the result of the conversion with the sign bit first, followed by the 12 remaining data bits, as shown in Figure 7-2. Note that if the device is operating in the single ended mode, the sign bit will always be transmitted as a `0'. Data is always output from the device on the falling edge of the clock. If all 13 data bits have been transmitted, and the device continues to receive clocks while the CS is held low, the device will output the conversion result, LSB, first, as shown in Figure 7-3. If more clocks are provided to the device while CS is still low (after the LSB first data has been transmitted), the device will clock out zeros indefinitely. If necessary, it is possible to bring CS low and clock in leading zeros on the DIN line before the start bit. This is often done when dealing with microcontroller-based SPI ports that must send 8 bits at a time. Refer to Section 7.3 for more details on using the MCP3302/04 devices with hardware SPI ports
*D2 is don't care for MCP3302
TABLE 7-3:
Control Bit Selections SinglE /Diff 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
CONFIGURATION BITS FOR THE MCP3304
Input Configuration 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 single ended single ended single ended single ended single ended single ended single ended single ended differential differential differential differential differential differential differential differential Channel Selection CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH0 = IN+ CH1 = INCH0 = INCH1 = IN+ CH2 = IN+ CH3 = INCH2 = INCH3 = IN+ CH4 = IN+ CH5 = INCH4 = INCH5 = IN+ CH6 = IN+ CH7 = INCH6 = INCH7 = IN+
D1 D0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
(c) 2007 Microchip Technology Inc.
DS21697C-page 23
MCP3302/04
TSAMPLE TCSH CS TSUCS CLK TSAMPLE
DIN
Start SGL/ D2 D1 D0 DIFF
Don't Care
Start SGL/ DIFF
D2
DOUT
HI-Z
Null SB B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 * Bit TCONV TACQ TDATA **
HI-Z
* After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output LSB first data, followed by zeros indefinitely. See Figure 7-3 below. ** TDATA: during this time, the bias current and the comparator power down while the reference input becomes a high impedance node, leaving the CLK running to clock out the LSB-first data or zeros.
When operating in single ended mode, the sign bit will always be transmitted as a `0'.
FIGURE 7-2:
Communication with MCP3302/04 (MSB first Format).
TSAMPLE TCSH CS TSUCS CLK Power Down
Start
DIN
D2 D1 D0
SGL/ DIFF
Don't Care
DOUT
HI-Z
Null Bit SB B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 SB*
HI-Z
(MSB) TACQ TCONV TDATA **
* After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output zeros indefinitely. ** TDATA: During this time, the bias circuit and the comparator power down while the reference input becomes a high impedance node, leaving the CLK running to clock out LSB first data or zeroes.
When operating in single ended mode, the sign bit will always be transmitted as a `0'.
FIGURE 7-3:
Communication with MCP3302/04 (LSB first Format).
DS21697C-page 24
(c) 2007 Microchip Technology Inc.
MCP3302/04
7.3 Using the MCP3302/04 with Microcontroller (MCU) SPI Ports
With most microcontroller SPI ports, it is required to send groups of eight bits. It is also required that the microcontroller SPI port be configured to clock out data on the falling edge of clock and latch data in on the rising edge. Because communication with the MCP3302 and MCP3304 devices may not need multiples of eight clocks, it will be necessary to provide more clocks than are required. This is usually done by sending `leading zeros' before the start bit. For example, Figure 7-4 and Figure 7-5 show how the MCP3302/04 devices can be interfaced to a MCU with a hardware SPI port. Figure 7-4 depicts the operation shown in SPI Mode 0,0, which requires that the SCLK from the MCU idles in the `low' state, while Figure 7-5 shows the similar case of SPI Mode 1,1, where the clock idles in the `high' state. As shown in Figure 7-4, the first byte transmitted to the A/D Converter contains 6 leading zeros before the start bit. Arranging the leading zeros this way produces the 13 data bits to fall in positions easily manipulated by the MCU. The sign bit is clocked out of the A/D Converter on the falling edge of clock number 11, followed by the remaining data bits (MSB first). After the second eight clocks have been sent to the device, the MCU receive buffer will contain 2 unknown bits (the output is at high impedance for the first two clocks), the null bit, the sign bit and the 4 highest order bits of the conversion. After the third byte has been sent to the device, the receive register will contain the lowest order eight bits of the conversion results. Easier manipulation of the converted data can be obtained by using this method. Figure 7-5 shows the same situation in SPI Mode 1,1, which requires that the clock idles in the high state. As with mode 0,0, the A/D Converter outputs data on the falling edge of the clock and the MCU latches data from the A/D Converter in on the rising edge of the clock.
(c) 2007 Microchip Technology Inc.
DS21697C-page 25
MCP3302/04
CS MCU latches data from A/D Converter on rising edges of SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
SCLK
Data is clocked out of A/D Converter on falling edges DIN Start SGL/ D2 DIFF HI-Z Start Bit 0 0 0 0 1
SGL/ DIFF
D1
D0
Don't Care
DOUT
NULL SB B11 B10 B9 BIT
B8
B7
B6
B5
B4
B3
B2
B1
B0
MCU Transmitted Data (Aligned with falling edge of clock) MCU Received Data (Aligned with rising edge of clock) ? = Unknown Bits X = Don't Care Bits ?
D2
D1
DO
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
?
?
?
?
?
?
?
?
0 ? (Null) SB B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Data stored into MCU receive register after transmission of first 8 bits
Data stored into MCU receive register after transmission of second 8 bits
Data stored into MCU receive register after transmission of last 8 bits
FIGURE 7-4: idles low).
SPI Communication with the MCP3302/04 using 8-bit segments (Mode 0,0: SCLK
CS
MCU latches data from A/D Converter on rising edges of SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
SCLK
Data is clocked out of A/D Converter on falling edges DIN Start DIFF D2 HI-Z Start Bit 0 0 0 0 1
SGL/ DIFF SGL/
D1
D0
Don't Care Don't Care
DOUT
NULL SB B11 B10 B9 BIT
B8
B7
B6
B5
B4
B3
B2
B1
B0
MCU Transmitted Data (Aligned with falling edge of clock) MCU Received Data (Aligned with rising edge of clock)
D2
D1
DO
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
?
?
?
?
?
?
?
?
?
?
0 (Null)
SB B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
? = Unknown Bits X = Don't Care Bits
Data stored into MCU receive register after transmission of first 8 bits
Data stored into MCU receive register after transmission of second 8 bits
Data stored into MCU receive register after transmission of last 8 bits
FIGURE 7-5: idles high).
SPI Communication with the MCP3302/04 using 8-bit segments (Mode 1,1: SCLK
DS21697C-page 26
(c) 2007 Microchip Technology Inc.
MCP3302/04
8.0
8.1
PACKAGING INFORMATION
Package Marking Information
14-Lead PDIP (300 mil)
XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN
Example:
MCP3302-B e3 I/P 0725NNN
14-Lead SOIC (150 mil)
Example:
MCP3302-B e3
XXXXXXXXXXX XXXXXXXXXXX YYWWNNN
XXXXXXXXXXX
0725NNN
14-Lead TSSOP (4.4mm)
XXXXXXXX YYWW NNN
Example:
3302-C e3 0725 NNN
Legend: XX...X Y YY WW NNN
e3
*
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3 ) can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
(c) 2007 Microchip Technology Inc.
DS21697C-page 27
MCP3302/04
8.2 Package Marking Information (Continued)
16-Lead PDIP (300 mil) (MCP3304)
XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN
Example:
MCP3304-B e3 I/P 0725NNN
16-Lead SOIC (150 mil) (MCP3304)
Example:
MCP3304-B e3
XXXXXXXXXXXXX XXXXXXXXXXXXX YYWWNNN
XXXXXXXXXX
0725NNN
DS21697C-page 28
(c) 2007 Microchip Technology Inc.
MCP3302/04
14-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
N
NOTE 1
E1
1
2
3 D E A2 L c
A
A1 b
b1 e
Units Dimension Limits Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing N e A A2 A1 E E1 D L c b1 b eB - .115 .015 .290 .240 .735 .115 .008 .045 .014 - MIN INCHES NOM 14 .100 BSC - .130 - .310 .250 .750 .130 .010 .060 .018 - .210 .195 - .325 .280 .775 .150 .015 .070 .022 MAX
eB
.430 Notes: 1. Pin 1 visual index feature may vary, but must be located with the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Microchip Technology Drawing C04-005B
(c) 2007 Microchip Technology Inc.
DS21697C-page 29
MCP3302/04
14-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
D N
E E1 NOTE 1 1 2 b 3 e h h A2 c
A
A1
L L1
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer (optional) Foot Length Footprint Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom N e A A2 A1 E E1 D h L L1 c b 0 0.17 0.31 5 5 0.25 0.40 - 1.25 0.10 MIN
MILLMETERS NOM 14 1.27 BSC - - - 6.00 BSC 3.90 BSC 8.65 BSC - - 1.04 REF - - - - - 8 0.25 0.51 15 0.50 1.27 1.75 - 0.25 MAX
15 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Microchip Technology Drawing C04-065B
DS21697C-page 30
(c) 2007 Microchip Technology Inc.
MCP3302/04
14-Lead Plastic Thin Shrink Small Outline (ST) - 4.4 mm Body [TSSOP]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
D N
E E1
NOTE 1 1 b A A2 c 2 e
A1
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Molded Package Length Foot Length Footprint Foot Angle Lead Thickness N e A A2 A1 E E1 D L L1 c
L1
MILLIMETERS MIN NOM 14 0.65 BSC - 0.80 0.05 4.30 4.90 0.45 0 0.09 - 1.00 - 6.40 BSC 4.40 5.00 0.60 1.00 REF - - 8 0.20 4.50 5.10 0.75 1.20 1.05 0.15 MAX
L
Lead Width b 0.19 - 0.30 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 3. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Microchip Technology Drawing C04-087B
(c) 2007 Microchip Technology Inc.
DS21697C-page 31
MCP3302/04
16-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
N
NOTE 1
E1
1
2
3 D
E A A2 L A1
c
b1 b e eB
Units Dimension Limits Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing N e A A2 A1 E E1 D L c b1 b eB - .115 .015 .290 .240 .735 .115 .008 .045 .014 - MIN
INCHES NOM 16 .100 BSC - .130 - .310 .250 .755 .130 .010 .060 .018 - .210 .195 - .325 .280 .775 .150 .015 .070 .022 MAX
.430 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Microchip Technology Drawing C04-017B
DS21697C-page 32
(c) 2007 Microchip Technology Inc.
MCP3302/04
16-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
D N
E1 NOTE 1 1 2 b 3 e
E
h h c
A
A2
A1
L L1
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer (optional) Foot Length Footprint Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom N e A A2 A1 E E1 D h L L1 c b 0 0.17 0.31 5 5 0.25 0.40 - 1.25 0.10 MIN
MILLMETERS NOM 16 1.27 BSC - - - 6.00 BSC 3.90 BSC 9.90 BSC - - 1.04 REF - - - - - 8 0.25 0.51 15 0.50 1.27 1.75 - 0.25 MAX
15 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Microchip Technology Drawing C04-108B
(c) 2007 Microchip Technology Inc.
DS21697C-page 33
MCP3302/04
NOTES:
DS21697C-page 34
(c) 2007 Microchip Technology Inc.
MCP3302/04
APPENDIX A: REVISION HISTORY
Revision C (January 2007) This revision includes updates to the packaging diagrams.
(c) 2007 Microchip Technology Inc.
DS21697C-page 35
MCP3302/04
NOTES:
DS21697C-page 36
(c) 2007 Microchip Technology Inc.
MCP3302/04
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Grade X Temperature Range /XX Package Examples:
a) b)
Device: MCP3302: MCP3302T: MCP3304: MCP3304T: 13-Bit Serial A/D Converter 13-Bit Serial A/D Converter (Tape and Reel) 13-Bit Serial A/D Converter 13-Bit Serial A/D Converter (Tape and Reel)
MCP3302-BI/P: 1 LSB INL, Industrial Temperature, PDIP package MCP3302-BI/SL: 1 LSB INL, Industrial Temperature, SOIC package MCP3302-CI/ST: 2 LSB INL, Industrial Temperature, TSSOP package MCP3304-BI/P: 1 LSB INL, Industrial Temperature, PDIP package MCP3304-BI/SL: 1 LSB INL, Industrial Temperature, SOIC package
c)
a)
Grade: B C = 1 LSB INL = 2 LSB INL
b)
Temperature Range:
I
= -40C to +85C
Package:
P SL ST
= Plastic DIP (300 mil Body), 14-lead, 16-lead = Plastic SOIC (150 mil Body), 14-lead, 16-lead = Plastic TSSOP (4.4mm), 14-lead
(c) 2007 Microchip Technology Inc.
DS21697C-page37
MCP3302/04
NOTES:
DS21697C-page 38
(c) 2007 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Linear Active Thermistor, Mindi, MiWi, MPASM, MPLIB, MPLINK, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, REAL ICE, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance, UNI/O, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2007, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona, Gresham, Oregon and Mountain View, California. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2007 Microchip Technology Inc.
DS21697C-page 39
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Habour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7250 Fax: 86-29-8833-7256
ASIA/PACIFIC
India - Bangalore Tel: 91-80-4182-8400 Fax: 91-80-4182-8422 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Gumi Tel: 82-54-473-4301 Fax: 82-54-473-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Penang Tel: 60-4-646-8870 Fax: 60-4-646-5086 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
12/08/06
DS21697C-page 40
(c) 2007 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP3302-BISL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X