Part Number Hot Search : 
B0416 AOL1436 SMF36CA NTE336 SM4112 U7004B T7500 MCJ10A
Product Description
Full Text Search
 

To Download LV-1925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LV-1925 Reed Switch for Line Voltage Switching Form A, Center Contact, Contact Rating Configurable
All dimensions in mm The LV-1925 is designed for endurance at switching line voltage loads of 230V AC. Two versions are capable of switching 30W and 60W. The third version is manufactured with specially plated blades for endurance at high current levels and can switch up to 90W. When used with contact protection, direct switching of tungsten filament lamps is possible. This reed switch is Lead (Pb) free and RoHS compliant. Formations Available
Cropped
SMD
Welded
Soldered
Goal post
L Formed
Applications This reed switch is suitable for use in the following applications and many others: over current sensors, magnetic extensometers, electronics and science kits, high voltage reed relays, thermal sensors... Electrical Sub code Operate Range Release Range Contact Rating (max) Switching Current (max) Carry Current (max) Switching Voltage (max) Switching Voltage (max) Breakdown Voltage Initial Contact Resistance (max) Insulation Resistance (min) www..com Capacitance (min) Miscellaneous Operate Time (max) Bounce Time (max) Release Time (max) Resonance Frequency Operating Frequency Operating Temperature Test Coil Lead out plating Shock Resistance Vibration (10-2000Hz)
AT AT W/ VA A A VDC VAC VDC m pF
L 20 - 60 5 - 25 30.0 0.5 2.5 230 230 350 100 10 11 0.2
M 30 - 50 10 - 30 60.0 0.5 2.5 230 230 350 100 10 11 0.2
H 30 - 50 10 - 30 90.0 0.5 2.5 230 230 350 100 10 11 0.2
ms ms ms Hz Hz C
g g
1.0 0.6 0.15 >2000 300 -40 to +200 717 102 002 Sn (Pb free) 50 20
Ordering Code LV-1925-(Sub Code)-(Start Operate AT)(Finish Operate AT) Example LV-1925-L-26-30 Denotes 30 W contact rating in 26-30 Operate AT band. Other Configurations Available Dynamic contact resistance limit, Higher insulation resistance, Special release limits, Gold plates leads
Please refer to our reed switch usage notes
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
10 May 2008 Reed Relays and Electronics India Limited info@reed-switch.com Tel 91-44-6528-4022


▲Up To Search▲   

 
Price & Availability of LV-1925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X