Part Number Hot Search : 
AD5116 HFA3860 S6A00 ACT4060 519F2MT 2330QD1 15500 W83L7
Product Description
Full Text Search
 

To Download KK4034B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
TECHNICAL DATA
KK4034B
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
High-Voltage Silicon-Gate CMOS
The KK4034B is a static eight-stage parallel-or serial-input paralleloutput register. It can be used to: 1) bidirectionally transfer parallel information between two buses, 2) convert serial data to parallel form and direct the parallel data to either of two buses, 3) store (recirculate) parallel data, or 4) accept parallel data from either of two buses and convert that data to serial form. Inputs that control the operations include a single-phase CLOCK (CL), A DATA ORDERING INFORMATION ENABLE (AE), ASYNCHRONOUS/SYNCHRONOUS (A/S), A-BUSKK4034BN Plastic TO-B-BUS/ B-BUS-TO-A-BUS (A/B), and PARALLEL/SERIAL (P/S). KK4034BDW SOIC Data inputs include 16 bidirectional parallel data lines of which the TA = -55 to 125 C for all packages eight A data lines are inputs (3-state outputs) and the B data lines are outputs (inputs) dependung on the signal level on the A/B input. In addition, an input for SERIAL DATA is also provided. All register stages are D-type master-slave flip-flops with separate master and slave clock inputs generated internally to allow synchronous or asynchronous data transfer from master to slave. * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full package-temperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply
LOGIC DIAGRAM
PIN ASSIGNMENT
PIN 24=VCC PIN 12= GND
1
www..com
KK4034B
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
www..com
KK4034B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Minimum Three State Leakage Current Test Conditions VOUT= 0.5 V or VCC - 0.5V VOUT= 1.0 V or VCC - 1.0 V VOUT= 1.5 V VCC - 1.5V VOUT= 0.5 V or VCC - 0.5V VOUT= 1.0 V or VCC - 1.0 V VOUT= 1.5 V VCC - 1.5V VIN=GND or VCC V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 18 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 0.4 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 0.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 12.0 Unit V
VIL
V
VOH
V
VOL
VIN=GND or VCC
V
IIN IOZ
VIN= GND or VCC Output in High-Impedance State VIN= GND or VCC VOUT= GND or VCC VIN= GND or VCC
A A
ICC
Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current
5.0 10 15 20 5.0 10 15 5.0 5.0 10 15
5 10 20 100 0.64 1.6 4.2 -2 -0.64 -1.6 -4.2
5 10 20 100 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4
150 300 600 3000 0.36 0.9 2.4
A
IOL
VIN= GND or VCC UOL=0.4 V UOL=0.5 V UOL=1.5 V
mA
IOH
Minimum Output VIN= GND or VCC High (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V
mA -1.15 -0.36 -0.9 -2.4
3
www..com
KK4034B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200k, Input tr=tf=20 ns)
VCC Symbol fmax Parameter Maximum Clock Frequency (Figure 2) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 2 5 7 700 240 170 400 160 120 200 100 80 Guaranteed Limit -55C 25C 2 5 7 700 240 170 400 160 120 200 100 80 7.5 125C 1 2.5 3.5 1400 480 340 800 320 240 400 200 160 Unit MHz
tPHL, tPLH
Maximum Propagation Delay, A(B) Parallel Data In to B(A) Parallel Data Out; Serial to Parallel Data Out (Figures 1,2) Maximum Propagation Delay, A/B or AE to "A" Output (Figure 3) Maximum Output Transition Time, Any Output (Figures 1,2) Maximum Input Capacitance
ns
tPLZ, tPHZ, tPZL, tPZH tTHL, tTLH
ns
ns
CIN
pF
TIMING REQUIREMENTS (CL=50pF, RL=200 k, Input tr=tf=20 ns)
VCC Symbol tsu Parameter Minimum Setup Time, Serial Data to Clock (Figure 4) Minimum Setup Time, Parallel Data to Clock (Figure 4) Minimum Hold Time, Clock to Data (Figure 4) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 160 60 40 50 30 20 50 15 10 350 140 80 250 100 70 15 15 15 Guaranteed Limit -55C 25C 160 60 40 50 30 20 50 15 10 350 140 80 250 100 70 15 15 15 125C 320 120 80 100 60 40 100 30 20 700 280 160 500 200 140 30 30 30 Unit ns
tsu
ns
th
ns
tw
Minimum Pulse Width, AE, P/S, A/S (Figure 5) Minimum Pulse Width, Clock (Figure 2)
ns
tw
ns
tr ,tf
Minimum Input Rise or Fall Time, Clock (Figure 2)
ns
4
www..com
KK4034B
TRUTH TABLE FOR REGISTER INPUT-LEVELS AND RESULTING REGISTER OPERATION
"A" Enable L L L L L L H H H H H H P/S L L H H H H L L H H H H A/B L H L L H H L H L L H A/S X X L H L H X X L H L Operation* Serial Mode; Synch. Serial Data Input, "A" Parallel Data Outputs Disabled Serial Mode, Synch. Serial Data Input, "B" Parallel Data Output Parallel Mode; "B" Synch. Parallel Data Inputs, "A" Parallel Data Outputs Disabled Parallel Mode; "B" Asynch. Parallel Data Inputs, "A" Parallel Data Outputs Disabled Parallel Mode; "A" Parallel Data Inputs Disabled, "B" Parallel Data Outputs, Synch. Data Recirculation Parallel Mode; "A" Parallel Data Inputs Disabled, "B" Parallel Data Outputs, Asynch. Data Recirculation Serial Mode; Synch. Serial Data Input, "A" Parallel Data Output Serial Mode; Synch. Serial Data Input, "B" Parallel Data Output Parallel Mode; "B" Synch. Parallel Data Input, "A" Parallel Data Output Parallel Mode; "B" Asynch. Parallel Data Input, "A" Parallel Data Output Parallel Mode; "A" Synch. Parallel Data Input, "B" Parallel Data Output
H H Parallel Mode; "A" Asynch. Parallel Data Input, "B" Parallel Data Output * Outputs change at positive transition of clock in the serial mode and when the A/S control input is "low" in the parallel mode. During transfer from parallel to serial operation A/S should remain low in oder to prevent DS transfer into Flip Flops. X = Don't Care PARALLEL OPERATION A high P/S input signal allows data transfer into the register via the parallel data lines synchronously with the positive transition of the clock provided the A/S input is low. If the A/S input is high the transfer is independent of the clock. The direction of data flow is controlled by the A/B input. When this signal is high the A data lines are inputs (and B data lines are outputs); a low A/B signal reverses the direction of data flow. The AE input is an additional feature which allows many registers to feed data to a common bus. The A DATA lines are enabled only when this signal is high. Data storage through recirculation of data in each register stage is accomplished by making the A/B signal high and the AE signal low. SERIAL OPERATION A low P/S signal allows serial data to transfer into the register synchronously with the positive transition of the clock. The A/S input is internally disabled when the register is in the serial mode (asynchronous serial operation is not allowed). The serial data appears as output data on either the B lines (when A/B is high) or the A lines (when A/B is low and the AE signal is high).
5
www..com
KK4034B
FLIP-FLOP TRUTH TABLE
Inputs CLM CLS D L L L X H H H X = don't care
Output Q L L INVALID CONDITION L H H INVALID CONDITION
Figure 1. Asynchronous operation
Figure 2. Synchronous operation
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
Figure 5. Switching Waveforms
6
www..com
KK4034B
TIMING DIAGRAM
7
www..com
KK4034B
EXPANDED LOGIC DIAGRAM
Steering logic diagram
Register stage logic diagram (1/8 stages)
8
www..com
KK4034B
N SUFFIX PLASTIC (MS - 001AF)
A 24 13 B 1 12
Dimensions, mm Symbol A B C MIN 31.24 6.10 0.36 1.14 2.54 7.62 0 2.92 7.62 0.20 0.38 10 3.81 8.26 0.36 MAX 32.51 7.11 5.33 0.56 1.78
F
L
D F G H
J
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
M H
J K L
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
M N
DW SUFFIX SOIC (MS - 013AD)
A 24 13
Dimensions, mm Symbol. A
B P
MIN 15.20 7.40 2.35 0.33 0.40 1.27 9.53 0 0.10 0.23 10.0 0.25
MAX 15.60 7.60 2.65 0.51 1.27
H
B C D
C R x 45
1
G
12
F G
M
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
H J K M P R
8 0.30 0.32 10.65 0.75
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B - 0.25 mm (0.010) per side.
9


▲Up To Search▲   

 
Price & Availability of KK4034B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X