Part Number Hot Search : 
IDT5T9 C74AC C25005 LA4581MB 1123746 CXA1562S CDZ10B08 TSOP2
Product Description
Full Text Search
 

To Download KD2003-DC10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KD2003-DC10A
Printheads
Thick film thermal printhead (8 dots / mm)
KD2003-DC10A
The KD2003-DC10A is a 24 V standard thick film thermal printhead with a printing speed up to 6 inches / s that has been developed mainly for label printer use.
Applications High speed label printer High speed bar code printer High speed ticket printer Various high speed terminal printers
Features 1) Newly developed thick-film fast response thermal element is employed for this series and 6 inches / s or 150 mm / s is possible without thermal history control. It is possible to print 10 inches / s or 250 mm / s if external thermal history control is used. 2) 150km life realized by attributing durable new protection film. 3) New partial glaze construction makes it compatible with the thermal transfer application.
External dimensions (Unit : mm)
91 80 (EFFECTIVE PRINT WIDTH) DOT #1 DOT #640 6.10.4 (5)
Max.45 Max.36
(3)
Ma
x. 20
Max.10 #2 #20 #6 #1 Max.5.5
#1 CONNECTOR A
#19 CONNECTOR B
3-M3 (EFFECTIVE DEPTH 3) 3H10 LENGTH 4 (EFFECTIVE DEPTH 3) 400.3 200.3 DOT #640 200.2
250.5
(20.8)
60.50.3 3H10 (EFFECTIVE DEPTH 3)
20.50.3
7.30.3 15.30.3 17.80.2
1/3
KD2003-DC10A
Printheads
Equivalent circuit
VH DOT #640 DOT #1
VSF L/S GND VDD STB2 STB1 N.C. /LAT LATCH REGISTER #640 #321 #320
#1
CLK DI4 DO4 DI3 DO3 DI2 DO2 DI1 DO1 TM TM
CONNECTOR
SHIFT REGISTER
SHIFT REGISTER
SHIFT REGISTER
SHIFT REGISTER
THERMISTOR 30k B: 3950K
VSF : Usually VSF and VH are connected. When measuring R value of Heatelement , VSF and VH should be separated.
DI No. DI1 DI2 DI3 DI4
DOT No. 1 to 192 193 to 320 321 to 512 513 to 640
STB No. STB1 STB2
DOT No. 1 to 320 321 to 640
Fig. 1
Pin assignments
CONNECTOR A CONNECTOR B
No. 1 2 3 4 5 6 7 8 9 10
Circuit GND VSF GND VDD STB2 CLK DI4 DO4 N.C. LAT
No. 11 12 13 14 15 16 17 18 19 20
Circuit TM TM DI3 DO3 DI2 DO2 N.C. STB1 DI1 DO1
No. 1 2 3 4 5 6
Circuit VH VH VH GND GND GND
2/3
KD2003-DC10A
Printheads
Timing chart
tw CLK
CLOCK(CLK)
t setup DI DATA IN(DI) High: BLACK Low: WHITE DATA OUT(DO) High: BLACK Low: WHITE
t hold DI
td DO
t setup LAT LATCH(LAT) High: HOLD Low: THROUGH
t hold LAT
tw LAT STROBE(STB)
t setup STB
tdo DRIVER OUT
tdo
Fig.2
Characteristics
Parameter Effective printing width Dot pitch Total dot number Average resistance value Applied voltage Applied power Print cycle Maximum number of dots energized simultaneously Maximum clock frequency Maximum roller diameter Running life / pulse life Operating temperature Symbol - - - Rave VH PO SLT - - - - - Typical 80 0.125 640 650 24 0.80 0.82 640 12 20.0 150 / (1x108) 5 to 45 Unit mm mm dots V W / dot ms dots MHz mm km / pulses C
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of KD2003-DC10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X