|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Multilayer Chip Ferrite Beads ----SHB-1608 Features 1. Effective for suppressing noise at high frequencies. 2. Suited for preventing the abnormal oscillation from high frequency amplifying circuits. 3. Excellent solder heat resistance for soldering. 4. High reliability in the circuits of high current. 5. Lead Free (RoHS Compliance) www..com PAGE 1/4 Applications 1. Noise suppression in digital equipments. 2. Computers and peripheral devices, VCR and camera. 3. Noise suppression in automotive electronic equipment, car stereo, car engine controller. 4. Noise suppression for OA electronic instruments. Ordering Information SHB (1) (1) Series SHB : For Signal line (2) Material & Design S, B : For high speed M : For high impedance type T : For Low speed (3) Dimension First two digits : length () Last two digits : width () 1 M (2) 1608 (3) - 102 (4) J (5) T (6) (4) Impedance (at 100MHz) First two digits are impedance values. Last digit is the number of zeros (5) Termination J : Nickel barrier (6) Packaging B : Bulk package T : Tape & Reel (178 [ 7 inches ]) L : Tape & Reel (254 [ 10 inches ]) Shape and Dimensions Unit : mm [inches] L W T C 1.60.15 0.80.15 0.80.15 0.300.20 SHB-11608.063.006 .031.006 .031.006 .012.008 Type W C L T *All specifications are subject to change without notice. Multilayer Chip Ferrite Beads ----SHB-1608 Electrical Parameters Part No. SHB-1M1608-300 SHB-1M1608-600 SHB-1M1608-800 SHB-1M1608-121 SHB-1M1608-221 SHB-1M1608-301 SHB-1M1608-501 SHB-1M1608-601 SHB-1M1608-801 SHB-1M1608-102 SHB-1S1608-100 SHB-1S1608-200 SHB-1S1608-300 SHB-1S1608-400 SHB-1S1608-550 SHB-1S1608-800 SHB-1S1608-121 SHB-1S1608-221 SHB-1T1608-260 SHB-1T1608-300 SHB-1T1608-600 SHB-1T1608-800 SHB-1T1608-121 SHB-1T1608-221 SHB-1T1608-301 SHB-1T1608-331 SHB-1T1608-601 SHB-1T1608-102 SHB-1T1608-202 SHB-1B1608-222 lZl at 100MHz() typ. 30 60 80 120 220 300 500 600 800 1000 10 20 30 40 55 80 120 220 26 30 60 80 120 220 300 330 600 1000(at 60MHz) 2000(at 70MHz) 2200 min. 22 45 60 90 165 225 375 450 600 750 7.5 15 22 30 42 60 90 165 20 22 45 60 90 165 225 250 450 750 1500 1650 DC Resistance () max. 0.08 0.09 0.10 0.12 0.20 0.30 0.40 0.40 0.60 0.60 0.05 0.12 0.12 0.12 0.15 0.25 0.25 0.40 0.05 0.05 0.10 0.10 0.20 0.30 0.35 0.35 0.50 0.70 1.20 0.85 www..com PAGE 2/4 Rated current (mA) max. 500 200 200 200 200 200 200 200 200 150 300 300 300 300 200 200 200 200 500 500 400 300 250 200 200 200 200 200 100 200 Parts with other electrical characteristics available upon request. Test equipment : HP4291 + HP16192A Electrical Characteristic Curves SHB-1M1608-300J HB-1M1608-300J 100 SHB-1M1608-600J HB-1M1608-600J 200 200 SHB-1M1608-800J HB-1M1608-800J 80 150 150 Impedance [] Impedance [] 60 Z 100 Z R 40 Impedance [] Z 100 R R 50 X 50 20 X 0 1M 10M 100M 1G X 0 1M 10M 100M 1G 0 1M 10M 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] *All specifications are subject to change without notice. Multilayer Chip Ferrite Beads ----SHB-1608 HB-1M1608-121J SHB-1M1608-121J 300 500 250 www..com PAGE 3/4 HB-1M1608-221J SHB-1M1608-221J 600 500 HB-1M1608-301J SHB-1M1608-301J 400 Z Impedance [] Impedance [] Impedance [] 200 300 Z R 400 Z R 150 R 300 200 100 200 X 50 100 X X 10M 100M 1G 100 0 1M 10M 100M 1G 0 1M 0 1M 10M 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] SHB-1M1608-601J HB-1M1608-601J 1000 1400 1200 800 SHB-1M1608-102J HB-1M1608-102J 200 SHB-1S1608-100J HB-1S1608-100J Z Impedance [] 600 R 400 800 600 400 R Impedance [ohm] 1000 Impedance [] Z 150 100 X 200 X 200 50 Z R X 1G 0 1M 0 1M 10M 100M 1G 0 1M 10M 100M 1G 10M 100M Frequency [Hz] Frequency [Hz] Frequency [Hz] SHB-1S1608-200J HB-1S1608-200J 200 200 SHB-1S1608-300J HB-1S1608-300J 200 SHB-1S1608-400J HB-1S1608-400J 150 150 150 Impedance [] Impedance [] Impedance [] 100 100 Z R 100 Z R Z 50 R 50 50 X 0 1M 10M 100M 1G 0 1M 10M 100M X 1G 0 1M 10M 100M X 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] SHB-1S1608-550J HB-1S1608-550J 300 500 SHB-1S1608-800J HB-1S1608-800J 500 SHB-1S1608-121J HB-1S1608-121J 250 400 400 Z Impedance [] Impedance [] 150 Z R 300 Impedance [] 200 Z R 300 R 200 200 100 100 100 50 X 10M 100M 1G 0 1M 10M 100M X 1G 0 1M 10M 100M X 1G 0 1M Frequency [Hz] Frequency [Hz] Frequency [Hz] *All specifications are subject to change without notice. Multilayer Chip Ferrite Beads ----SHB-1608 HB-1S1608-221J SHB-1S1608-221J 1000 100 www..com PAGE 4/4 HB-1T1608-300J SHB-1T1608-300J 200 HB-1T1608-800J SHB-1T1608-800J 800 80 150 Impedance [] Impedance [] 600 60 Impedance [] Z 400 100 Z R R 40 Z R 50 200 20 X 0 1M 10M 100M 1G 0 1M 10M X 100M 1G 0 1M 10M X 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] 200 SHB-1T1608-121J HB-1T1608-121J SHB-1T1608-221J HB-1T1608-221J 300 500 SHB-1T1608-301J HB-1T1608-301J 250 150 Z Impedance [] 200 Z R Impedance [] 400 Impedance [] Z 300 100 R 150 R 200 100 50 X 0 1M 10M 100M 1G 50 X 100 X 0 1M 10M 100M 1G 0 1M 10M 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] SHB-1T1608-601J HB-1T1608-601J 1000 1400 1200 800 1000 SHB-1T1608-102J HB-1T1608-102J 2500 SHB-1T1608-202J HB-1T1608-202J 2000 Impedance [] Impedance [] 600 Z R Impedance [] Z R Z 1500 800 600 400 R 400 1000 200 X 10M 100M 1G 200 0 1M X 500 X 0 1M 10M 100M 1G 0 1M 10M 100M 1G Frequency [Hz] Frequency [Hz] Frequency [Hz] SHB-1B1608-222J HB-1B1608-222J 3000 2500 2000 Impedance [] Z R 1500 1000 X 500 0 1M 10M 100M 1G Frequency [Hz] *All specifications are subject to change without notice. |
Price & Availability of HB-1M1608-102 |