Part Number Hot Search : 
52000 D1005 D4004 SA120 ON2947 ZTX555 23990 LTC2600
Product Description
Full Text Search
 

To Download H1102NLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
With Various Turns Ratios
RoHS peak reflow temperature rating: 245C Meets IEEE 802.3 specification Compact footprint for use in the most space-restrictive applications
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
RoHS Compliant Part Number H1100NL3a H1101NL3a H1102NL
3a
Turns Ratio TX 2:1 1.25:1 1:1 1:1.414 1:1 1:1 1:1 1:1 1:1 RX 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1
Insertion Loss 100 kHz-100 MHz (dB MAX) -1.1 -1.1 -1.1 -1.1 -1.0 -0.9 -1.0 -1.0 -1.1
Return Loss (dB TYP) 30 MHz -20 -20 -20 -18 -18 -18 -20 -20 -16 60 MHz -14 -14 -14 -12 -14 -12 -14 -14 -10 80 MHz -11.5 -11.5 -11.5 -11.5 -12 -11 -12 -12 -10
Differential to Common Mode Rejection (dB TYP) 30 MHz -42 -42 -42 -42 -40 -40 -42 -42 -42 50 MHz -37 -37 -37 -37 -40 -35 -37 -37 -37 100 MHz -33 -33 -33 -30 -40 -30 -32 -32 -32 30 MHz -45 -45 -45 -45 -35 -45 -45 -45 -35
Crosstalk (dB TYP) 60 MHz -40 -40 -40 -40 -35 -45 -40 -40 -30 100 MHz -35 -35 -35 -35 -35 -37 -35 -35 -30
Hipot (Vrms MIN) 1500 1500 1500 1500 1500 1500 1500 1500 1500
H1121NL3c H1183NL3a H1199NL3a HX1188NL1, 3a HX1198 NL1, 3a H1302NL3a
1. Operating temperature -40oC to +85oC 2. For Tape & Reel packaging, add a "T" suffix at the end of the part number when ordering, e.g. H1102NLT. 3. MSL = Moisture Sensitivity Level a=1 b=2 c=3 d=4
Mechanical
H11XXNL, H1121NL, *H1183NL, H1199NL, HX1188NL, HX1198NL, H1302NL
* For part number H1183NL, all dimensions are the same, except the height is .220" (5,59 mm).
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
Weight . . . . . . .0.9 grams Tube . . . . . . . . . . 40/tube Tape & Reel . . . . 600/reel
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4643715
www.pulseeng.com
1
H325.Q (9/09)
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
With Various Turns Ratios
Schematics
H110XNL, H1121NL, HX1188NL H1199NL
TRANSMIT
TRANSMIT
1 2 3
RECEIVE
16 15 14
1 3 2
RECEIVE
16 14 1:1 15
6 7 8 10
11
7 6 11 1:1
10
9
8
9
HX1198NL, H1183NL
H1302NL
1
TRANSMIT
16 15 14 13 12 11 10 1:1 9
1 2 3 1:1
RECEIVE
16 15 14
2 3 4 5
1:1
6
11 7 10 1:1 9
6 7 8
8
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4643715
www.pulseeng.com
2
H325.Q (9/09)
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
With Various Turns Ratios
Typical Application Circuit
H1102NL
For More Information:
Pulse Worldwide Headquarters
12220 World Trade Dr. San Diego, CA 92128 U.S.A.
Pulse Europe
Einsteinstrasse 1 D-71083 Herrenberg Germany
Pulse China Headquarters Pulse North China
B402, Shenzhen Academy of Aerospace Technology Bldg. 10th Kejinan Rd. Hwigh-Tech Zone Nanshan District Shenzen, PR China 518057 TEL: 86 755 33966678 FAX: 86 755 33966700 Room 2704/2705 Super Ocean Finance Ctr. 2067 Yan An Rd. West Shanghai 200336 China Tel: 86 21 62787060 Fax: 86 2162786973
Pulse South Asia Pulse North Asia
135 Joo Seng Rd. #03-02 PM Industrial Bldg. Singapore 368363 No. 26, Kao Ching Rd. Yang Mei Chen Taoyuan Hsien Taiwan R. O. C. Tel: 886 3 4643715 Fax: 886 3 4641911
www.pulseeng.com Tel: 49 7032 7806 0 Tel: 858 674 8100 Fax: 49 7032 7806 135 Fax: 858 674 8262
TEL: 65 6287 8998 FAX: 65 6280 0080
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2009. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
3
H325.Q (9/09)


▲Up To Search▲   

 
Price & Availability of H1102NLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X