Part Number Hot Search : 
HCTS21D 708V6Q 4AHCT1 HD74HC04 TPD4104 F2004 PS104RS N27C25
Product Description
Full Text Search
 

To Download DO-214AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5.0(C)A - SMBJ170(C)A
SMBJ5.0(C)A - SMBJ170(C)A
Features * * * * *
Glass passivated junction. 600W Peak Pulse Power capability on 10/1000 s waveform. Excellent clamping capability. Low incremental surge resistance. Fast response time; typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0 ns for bidirectional. Typical IR less than 1.0 A above 10V.
SMB/DO-214AA
COLOR BAND DENOTES CATHODE ON UNIDIRECTIONAL DEVICES ONLY. NO COLOR BAND ON BIDIRECTIONAL DEVICES.
*
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix. - Electrical Characteristics apply in both directions.
600 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
Symbol
PPPM IPPM IFSM Tstg TJ
TA = 25C unless otherwise noted
Parameter
Peak Pulse Power Dissipation on 10/1000 s waveform Peak Pulse Current on 10/1000 s waveform Non-repetitive Peak Forward Surge Current superimposed on rated load (JEDEC method) Storage Temperature Range Operating Junction Temperature
(Note 1)
Value
minimum 600 see table 100 -55 to +150 -55 to +150
Units
W A A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave or equivalent square wave; Duty cycle = 4 pulses per minute maximum.
2001 Fairchild Semiconductor Corporation
SMBJ5.0(C)A-SMBJ170(C)A, Rev. D
SMBJ5.0(C)A - SMBJ170(C)A
Transient Voltage Supressors
(continued)
Electrical Characteristics
Uni-directional Bi-directional (C) Device SMBJ5.0(C)A SMBJ6.0(C)A SMBJ6.5(C)A SMBJ7.0(C)A SMBJ7.5(C)A SMBJ8.0(C)A SMBJ8.5(C)A SMBJ9.0(C)A SMBJ10(C)A SMBJ11(C)A SMBJ12(C)A SMBJ13(C)A SMBJ14(C)A SMBJ15(C)A SMBJ16(C)A SMBJ17(C)A SMBJ18(C)A SMBJ20(C)A SMBJ22(C)A SMBJ24(C)A SMBJ26(C)A SMBJ28(C)A SMBJ30(C)A SMBJ33(C)A SMBJ36(C)A SMBJ40(C)A SMBJ43(C)A SMBJ45(C)A SMBJ48(C)A SMBJ51(C)A SMBJ54(C)A SMBJ58(C)A SMBJ60(C)A SMBJ64(C)A SMBJ70(C)A SMBJ75(C)A SMBJ78(C)A SMBJ85(C)A SMBJ90(C)A SMBJ100(C)A SMBJ110(C)A SMBJ120(C)A SMBJ130(C)A SMBJ150(C)A SMBJ160(C)A SMBJ170(C)A Part Marking*
TA = 25C unless otherwise noted
Reverse Breakdown Voltage Stand-off Voltage VBR (V) VRWM (V) min max 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 7.0 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.8 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104.0 111.0 123.0 135.0 147.0 159.0 185.0 197.0 209.0
Test Current IT (mA) 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Max Clamping Voltage @IPPM VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0
Max Peak Pulse Surge Current IPPM (A) 65.2 58.3 53.6 50.0 46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.9 24.6 23.1 21.7 20.5 18.5 16.9 15.4 14.3 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.8 7.3 6.9 6.4 6.2 5.8 5.3 5.0 4.8 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2
Max Reverse Leakage VRWM IR (uA)** 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
KE KG KK(AK) KM KP(AP) KR(AR) KT(AT) KV(AV) KX(AX) KZ LE(BE) LG LK(BK) LM(BM) LP(LM) LR LT(BT) LV LX(BX) LZ(BZ) ME(CE) MG MK(CK) MM(CM) MP(CP) MR(CR) MT(CT) MV MX MZ NE NG NK NM NP NR NT NV NX NZ PE PG PK PM PP PR
* Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices. ** For bidirectional parts with VRWM<10V, the IR max limit is doubled.
SMBJ5.0(C)A-SMBJ170(C)A, Rev. D
SMBJ5.0(C)A - SMBJ170(C)A
Transient Voltage Supressors
(continued)
Typical Characteristics
Peak Pulse Power Rating Curve
100
100
Pulse Derating Curve
PULSE POWER (kW)
TA = 25 C
10
PULSE POWER (%)
75
50
1
25
0.1 0.0001
0
0.001
0.01 0.1 PULSE WIDTH (ms)
1
10
0
25
50 75 100 125 150 175 AMBIENT TEMPERATURE ( C)
200
Pulse Waveform
150 PEAK PULSE CURRENT (%)
tf = 10sec Peak Value Ippm TA = 25 C Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of Ipp
Junction Capacitance
6000 4000 2000 CAPACITANCE (pF) 1000 500 200 100 50 20
Measured at Stand-Off Voltage (V mw) TA = 25 C f = 1.0 MHz Visg = 50m Vp-p Measured at Zero Bias
100
Half Value-Ipp 2
50
10/1000sec Waveform as Defined by R.E.A. e-kt td
0
0
1
2 TIME (ms)
3
4
10
1
5 10 50 REVERSE VOLTAGE (V)
100
200
Non-Repetitive Surge Current
200 FORWARD SURGE CURRENT (A)
T A = T Amax 8.3ms Single Half Sine-Wave JEDEC Method
100
50
20
10
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
SMBJ5.0(C)A-SMBJ170(C)A, Rev. D
DO-214AA(SMB) Tape and Reel Data
DO-214AA(SMB) Packaging Configuration: Figure 1.0
Packaging Description:
DO-214AA(SMB) parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. Alternate carrier tape is made of antistatic plastic. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 7,500 units per 13" or 330cm diameter reel. The reel comes in plastic or carton which is made of polystyrene plastic (anti-static coated) and thick white paper respectively. Further information is described in the Packaging Information table. These full reels are individually labeled and placed inside a bleach box (illustrated in figure 1.0) made of recyclable carton paper with a Fairchild logo printing. One box contains two reels maximum. Certain number of these boxes are placed inside shipping box which comes in different sizes depending on the number of parts shipped.
Antistatic Cover Tape
Embossed Carrier Tape Human Readable/ Barcode Label
Cathode
F924 18L3
F924 18L3
DO-214AA(SMB) unit orientation
DO-214AA(SMB) Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size (inch diameter) Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Under package code P5 TNR 3,000 13 336x336x38 6,000 0.093 0.705 Human readable label Under package code MA TNR 3,000 13 336X 336X 38 6,000 0.093 0.705 Barcode label
336mm x 336mm x 38mm Intermediate container for 13" reel option
Human Readable Label sample
CAUTION: This container provides protection for static sensitive devices. Handle devices with caution upon removal. MADE IN ONE OR MORE OF THE FOLLOWING COUNTRIES: PHILIPPINES (MACTAN, EXPORT PROCESSING ZONE), MALAYSIA, CHINA, S. KOREA, TAIWAN, THAILAND, SINGAPORE AND JAPAN.
Human readable/barcode Label
I.D.
SS22
ANTI-STATIC
D/C
F63TNR Label sample
LOT: CBVK741B019 FSID: SS22 QTY: 3000 SPEC:
F924 18L3
F924 18L3
F924 18L3
Human Readable/Barcode Label (on top)
T0012
Lot
Qty 3000 CBVK741B019
DO-214AA(SMB) Tape Leader and Trailer Configuration: Figure 2.0
D/C1: T0012 QTY1: SPEC REV: D/C2: QTY2: CPN: FAIRCHILD SEMICONDUCTOR INTERNATIONAL
(F63TNR)3.2
Carrier Tape Cover Tape
Trailer Tape 160mm minimum or
Components
Leader Tape 390mm minimum
(c)2000 Fairchild Semiconductor International
July 2000, Rev. A
DO-214AA(SMB) Tape and Reel Data, continued
DO-214AA(SMB) Embossed Carrier Tape Configuration: Figure 3.0
T E1
P0
D0
F K0 Wc B0 E2 W
Tc A0 P1 D1
User Directio of Feed n
Dimensions are in millimeter Pkg type
DO-214AA(SMB) (12mm)
A0
3.79 +/-0.15
B0
5.72 +/-0.15
W
12.0 +/-0.3
D0
1.55 +/-0.05
D1
1.125 +/-0.125
E1
1.75 +/-0.10
E2
10.25 min
F
5.5 +/-0.05
P1
8.0 +/-0.1
P0
4.0 +/-0.1
K0
2.46 +/-0.30
T
0.25 +/-0.10
Wc
9.3 +/-0.025
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximu m Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0
Typical component center line
Sketch C (Top View)
Component lateral movement
Sketch B (Top View)
Component Rotatio n
DO-214AA(SMB) Reel Configuration: Figure 4.0
W1 Measured at Hub
B Min Dim C
Dim A max
Dim N
Dim D min
DETAIL AA
See detail AA
13" Diameter Option
W2 max Measured at Hub
Dimensions are in inches and millimeters
Tape Size
12mm
Reel Option
13" Dia
Dim A
13.0 330
Dim B
0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2
Dim N
1.97 50 min
Dim W1
0.488 +0.078/-0.000 12.4 +2/-0
Dim W2
0.567 14.4
July 2000, Rev. A
DO-214AA(SMB) Package Dimensions
DO-214AA(SMB) (FS PKG Code P6)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.093
0.185 (4.699) 0.160 (4.064)
4.12 3.92
0.083 (2.108) 0.075 (1.905)
2
1
0.155 (3.937) 0.130 (3.302)
2.30 2.10
+
2.65 2.45 5.59 5.39
0.220 (5.588) 0.200 (5.080)
0.096 (2.438) 0.083 (2.108)
Minimum Recommended Land Pattern
0.050 (1.270) 0.030 (0.762) 0.008 (0.203) 0.002 (0.051)
0.012 (0.305) 0.006 (0.152)
(c)2000 Fairchild Semiconductor International
August 1999, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM
PACMANTM POPTM PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM Star* PowerTM StealthTM
SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H1


▲Up To Search▲   

 
Price & Availability of DO-214AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X