Part Number Hot Search : 
PBSS41 2455RBV 4N65F 03929 20N06 A12APAB 2SC36 LSBK2040
Product Description
Full Text Search
 

To Download DL-5328-1625-XFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1625 nm DFB LASER DIODE MODULE
UNCOOLED MQW DFB LD WITH PIGTAIL
FEATURES 1625 nm Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life Single Frequency Operation with High SMSR Speed up to 2.5 Gbps 0 to 70oC operation without active cooling Build-in InGaAs monitor APPLICATION Trunk Line, OTDR
DL-5300S-1625
********************************************************************************************************************************************************
DL-5300S-1625 Series
*******************************************************************************************************************************************************
DESCRIPTION DL-5300S-1625 series are designed for coupling a single mode optical fiber with 1625 nm MQW DFB uncooled laser diode. These modules are ideally suitable for long reach and intermediate reach OC-3, OC-12, and OC-48 transmission application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith VOP Pf Parameter Threshold Current Operating Voltage Optical Output Power Part No: DL-532XS-1625 DL-533XS-1625 Center Wavelength CW CW, IF= Ith+25mA CW, IF= Ith+25mA 1.0 2.0 1620 30 mW 1625 35 150 100 1.5 1500 0.1 1630 nm dB ps dB A A Test Conditions Min. Typ. 10 1.2 Max. 15 1.5 Unit mA V
c SMSR t r, t f P f / P f Im ID
CW, Po= P f
Side Mode Suppression Ratio CW, Ith+25mA Rise And Fall Times Tracking Error PD Monitor Current PD Dark Current IF=Ith, Ith+25mA , 20~ 80% APC, 0~+70 C CW, Ith+25mA ,VRD=1V VRD=5V
Ct
PD Capacitance
VRD=5V, f=1MHz
10
15
pF
ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power (532XS/533XS) LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 1.5/3 2 10 1.0 0 to 70 -40~+85 Unit mW V V mA C C
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2003 V2.0
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
DL-5300S-1625
********************************************************************************************************************************************************
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D L -
Code 2 3 Pout (mw) 1 2
53
-1 6 2 5 -
Code V H X Code S F T X SA FA TA Flange Vertical Horizontal No Flange Connector SC/PC FC/PC ST/PC No connector SC/APC FC/APC ST/APC
Isolator No Single-Stage
Code Blank S
Code Pin Assignment 0 Type A 5 Type B 8 Type C Code Blank S Speed 1.25 Gbps 2.5 Gbps
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2003 V2.0


▲Up To Search▲   

 
Price & Availability of DL-5328-1625-XFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X