Part Number Hot Search : 
AUIRF77 LC7533M F5013AT CDB4329 PC2501 2SK1313L KRA111S 1117SJ
Product Description
Full Text Search
 

To Download DDTC114TUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1-ONLY SERIES) UA
NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistor, R1 only
SOT-323
A C BC
Dim A B C D E G H J K L M a
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
* * * * * * * * Case: SOT-323, Molded Plastic Case Material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.006 grams (approx.) Ordering Information (See Page 2)
B G H K E
0.65 Nominal
M
J
D
F
L
R1
P/N DDTC113TUA DDTC123TUA DDTC143TUA DDTC114TUA DDTC124TUA DDTC144TUA DDTC115TUA DDTC125TUA R1 (NOM) 1KW 2.2KW 4.7KW 10KW 22KW 47KW 100KW 200KW MARKING N01 N03 N07 N12 N16 N19 N23 N25
C
All Dimensions in mm
B
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value 50 50 5 100 200 833 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30323 Rev. 2 - 1
1 of 3
DDTC (R1-ONLY SERIES) UA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min 50 50 5 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 Max Unit 3/4 3/4 3/4 0.5 0.5 V V V mA mA IC = 50mA IC = 1mA IE = 50mA VCB = 50V VEB = 4V IC/IB = 10mA/1mA IC/IB = 5mA/0.5mA IC/IB = 2.5mA/.25mA IC/IB = 1mA/.1mA IC/IB = 5mA/0.5mA IC/IB = 2.5mA/.25mA IC/IB = 1mA/0.1mA IC/IB = .5mA/.05mA IC = 1mA, VCE = 5V 3/4 VCE = 10V, IE = -5mA, f = 100MHz DDTC113TUA DDTC123TUA DDTC143TUA DDTC114TUA DDTC124TUA DDTC144TUA DDTC115TUA DDTC125TUA Test Condition
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
Collector-Emitter Saturation Voltage
VCE(sat)
3/4
3/4
0.3
V
DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
hFE DR1 fT
100 -30 3/4
250 3/4 250
600 +30 3/4
3/4 % MHz
Ordering Information
Device DDTC113TUA-7 DDTC123TUA-7 DDTC143TUA-7 DDTC114TUA-7 DDTC124TUA-7 DDTC144TUA-7 DDTC115TUA-7 DDTC125TUA-7 Notes:
(Note 2) Packaging SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 2006 T Jul 7 Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30323 Rev. 2 - 1
YM
2 of 3
DDTC (R1-ONLY SERIES) UA
TYPICAL CURVES - DDTC114TUA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
hFE, DC CURRENT GAIN (NORMALIZED)
75C
VCE = 10
4
IE = 0mA
COB, CAPACITANCE (pF)
-25C 25C
3
100
2
10
1
0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
75C
IC, COLLECTOR CURRENT (mA)
25C
VO = 0.2
10
-25C
Vin, INPUT VOLTAGE (V)
1
-25C 75C
1
25C
0.1
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30323 Rev. 2 - 1
3 of 3
DDTC (R1-ONLY SERIES) UA


▲Up To Search▲   

 
Price & Availability of DDTC114TUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X