|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE MODELS: BAS40W BAS40W-04 BAS40W-05 BAS40W-06 Lead-free Green BAS40W/-04/-05/-06 SURFACE MOUNT SCHOTTKY BARRIER DIODE Features * * * * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5) A C BC SOT-323 Dim A B C D B G H K M E Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0 Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8 Mechanical Data * * * * * * * * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking: See Diagrams Below &Page 3 Weight: 0.006 grams (approximate) 0.65 Nominal E G H J K L M a J D F L TOP VIEW All Dimensions in mm BAS40W Marking: K43 BAS40W-04 Marking: K44 BAS40W-05 Marking: K45 BAS40W-06 Marking: K46 Maximum Ratings @ TA = 25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range @ t = 1.0s Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj TSTG Value 40 28 200 600 200 625 -55 to +125 -65 to +150 Unit V V mA mA mW C/W C C Electrical Characteristics @ TA = 25C unless otherwise specified Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Notes: 1. 2. 3. 4. 5. Symbol V(BR)R VF IR CT trr Min 40 3/4 3/4 3/4 3/4 Max 3/4 380 1000 200 5.0 5.0 Unit V mV mV nA pF ns Test Condition IR = 10mA IF = 1.0mA, tp < 300ms IF = 40mA, tp < 300ms VR = 30V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W Device mounted on FR4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration test pulse used to minimize self-heating effect. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. DS30114 Rev. 12 - 2 1 of 3 www.diodes.com BAS40W/-04/-05/-06 a Diodes Incorporated IR, INSTANTANEOUS REVERSE CURRENT (nA) IF, INSTANTANEOUS FORWARD CURRENT (A) 1 10000 TA = 125C 1000 TA = 75C 0.1 100 0.01 TA = -40C TA = 0C TA = 25C TA = 25C 10 TA = 0C 0.001 1 TA = -40C TA = 75C TA = 125C 0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Voltage 0.1 0 10 20 30 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics 250 3 CT, TOTAL CAPACITANCE (pF) f = 1MHz Pd, POWER DISSIPATION (mW) 0 10 20 30 40 200 2 150 100 1 50 0 0 0 40 80 120 160 200 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve, Total Package DS30114 Rev. 12 - 2 2 of 3 www.diodes.com BAS40W/-04/-05/-06 Ordering Information (Note 5 and 6) Device BAS40W-7-F BAS40W-04-7-F BAS40W-05-7-F BAS40W-06-7-F Notes: Packaging SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information XXX XXX = Product Type Marking Code (See Sheet 1 Diagrams) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September Date Code Key Year Code Month Code 2000 L Jan 1 2001 M Feb 2 2002 N 2003 P March 3 Apr 4 2004 R 2005 S May 5 2006 T Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS30114 Rev. 12 - 2 YM IMPORTANT NOTICE 3 of 3 www.diodes.com BAS40W/-04/-05/-06 |
Price & Availability of BAS40W-05-7-F |