Part Number Hot Search : 
EC1SC16 74HC57 UMTS200 MEGA3 2SB790 APE30124 ES51964 SMA475
Product Description
Full Text Search
 

To Download AP2302GN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2302GN
Pb Free Plating Product
Advanced Power Electronics Corp.
Capable of 2.5V gate drive Small package outline Surface mount package
S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
20V 85m 3.2A
Description
SOT-23
G
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Drain-Source Voltage Gate-Source Voltage
www..com
Parameter
Rating 20 12
Units V V A A A W W/
Continuous Drain Current , VGS @ 4.5V Continuous Drain Current , VGS @ 4.5V Pulsed Drain Current
1,2 3
3
3.2 2.6 10 1.38 0.01 -55 to 150 -55 to 150
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200114054
AP2302GN
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
2
Min. 20 0.5 -
Typ. 0.1 6 4.4 0.6 1.9 5.2 37 15 5.7 145 100 50
Max. Units 85 115 1.2 1 10 100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=3.6A VGS=2.5V, ID=3.1A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=5V, ID=3.6A VDS=20V, VGS=0V VDS=20V ,VGS=0V VGS=12V ID=3.6A VDS=10V VGS=4.5V VDS=10V ID=3.6A RG=6,VGS=5V RD=2.8 VGS=0V VDS=10V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.2V
1
Min. -
Typ. -
Max. Units 1 10 1.2 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
2
IS=1.6A, VGS=0V
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2302GN
10 7
T A =25 C
8
o
ID , Drain Current (A)
ID , Drain Current (A)
4.5V 3.5V 3.0V 2.5V
6
T A =150 C 4.5V 3.5V 3.0V 2.5V V G =2.0V
o
5
6
4
3
4
V G =2.0V
2
2
1
0 0.0 0.5 1.0 1.5 2.0 2.5
0 0.0 0.5 1.0 1.5 2.0 2.5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
1.8
I D = 3.1 A T A =25 C
90
I D =3.6A
1.6
o
V G =4.5V
Normalized R DS(ON)
RDS(ON) (m )
1.4
80
1.2
1.0
70
0.8
60 2 3 4 5
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
10.0
1.4
1.0
1.0
T j =150 o C
T j =25 o C
VGS(th) (V)
0.6 0.2 -50
IF (A)
0.1 0.1 0.5 0.9 1.3
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2302GN
12 1000
f=1.0MHz
10
VGS , Gate to Source Voltage (V)
I D =3.6A V DS =4.5V
8
C (pF)
6
100
C iss C oss
4
C rss
2
0 0 2 4 6 8 10
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
10
0.2
0.1
0.1
0.05
ID (A)
1ms
1
PDM
0.01
t T
10ms
0.1
0.01
Single Pulse
T A =25 o C Single Pulse
100ms 1s DC
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
0.01
0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off)tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP2302GN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X