Part Number Hot Search : 
MBRB1 F1000 MC332 EMK41H2 00390 CO55CC CS42888 DL4934
Product Description
Full Text Search
 

To Download AP2301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Description
The AP2301 and AP2311 are single channel current-limited integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB standards and is available with both polarities of Enable input. The devices have fast short-circuit response time for improved overall system robustness, and have integrated output discharge function to ensure completely controlled discharging of the output voltage capacitor. They provide a complete protection solution for applications subject to heavy capacitive loads and the prospect of short circuit, and offer reverse current blocking, over-current, over-temperature and short-circuit protection, as well as controlled rise time and under-voltage lockout functionality. A 7ms deglitch capability on the open-drain Flag output prevents false over-current reporting and does not require any external components. All devices are available in SO-8, MSOP-8-EP and DFN3030E-8 packages.
www..com
Pin Assignments
( Top View ) GND 1 IN 2 IN 3 EN 4 SO-8
8 7 6
NC OUT OUT
NEW PRODUCT
5 FLG
( Top View ) GND IN IN EN
1 2 3 4 8 7 6 5
NC OUT OUT FLG
Features
* * * * * * * * * * * * * * * * * Single channel current-limited power switch Output discharge function Fast short-circuit response time: 2s 2.5A accurate current limiting Reverse current blocking 70m on-resistance Input voltage range: 2.7V - 5.5V Built-in soft-start with 0.6ms typical rise time Over-current and thermal protection Fault report (FLG) with blanking time (7ms typ) ESD protection: 2KV HBM, 300V MM Active low (AP2301) or active high (AP2311) enable Ambient temperature range: -40C to 85C SO-8, MSOP-8-EP and DFN3030E-8: Available in "Green" Molding Compound (No Br, Sb) Lead Free Finish / RoHS Compliant (Note 1) UL Recognized, File Number E322375 IEC60950-1 CB Scheme Certified
MSOP-8-EP
( Top View )
GND IN IN EN
1 2 3 4 8 7 6 5
NC OUT OUT FLG
DFN3030E-8
Applications
* * * * LCD TVs & Monitors Set-Top-Boxes, Residential Gateways Laptops, Desktops, Servers, e-Readers Printers, Docking Stations, HUBs
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 1 of 18 www.diodes.com June 2010
(c) Diodes Incorporated
Notes:
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Application Circuit
Enable Active High
Power Supply 2.7V to 5.5V
10k 0.1uF IN OUT 0.1uF
www..com
Load
120uF
FLG
NEW PRODUCT
EN ON OFF
GND
Available Options Part Number AP2301 AP2311 Channel 1 1 Enable pin (EN) Active Low Active High Recommended maximum continuous load current (A) 2.0A Typical current limit (A) 2.5A Package SO-8 MSOP-8-EP DFN3030E-8
Pin Descriptions
Pin Name GND IN EN FLG OUT NC Exposed Pad Pin Number 1 2, 3 4 5 6, 7 8 Ground Voltage input pin; connect a 0.1F or larger ceramic capacitor from IN to GND as close as possible. (all IN pins must be tied together externally) Enable input, active low (AP2301) or active high (AP2311) Over-temperature and over-current fault reporting with 7ms deglitch; active low open-drain output. FLG is disabled for 7ms after turn-on. Voltage output pin (all OUT pins must be tied together externally) No internal connection; recommend tie to OUT pins Recommend connecting to the GND externally for improved power dissipation Descriptions
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
2 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Functional Block Diagram
www..com
IN
Current Sense UVLO Driver Current Limit Discharge Control
OUT
NEW PRODUCT
EN
FLG
Thermal Sense
Deglitch
GND
Absolute Maximum Ratings
Symbol ESD HBM ESD MM VIN VOUT VEN , VFLG Iload TJmax TST
Notes:
Parameter Human Body Model ESD Protection Machine Model ESD Protection Input Voltage Output Voltage Enable Voltage Maximum Continuous Load Current Maximum Junction Temperature Storage Temperature Range (Note 2)
Ratings 2 300 6.5 VIN + 0.3 6.5 Internal Limited 150 -65 to 150
Unit KV V V V V A C C
2. UL Recognized Rating from -30C to 70C (Diodes qualified TST from -65C to 150C)
Recommended Operating Conditions
Symbol VIN IOUT TA Parameter Input voltage Output Current Operating Ambient Temperature Min 2.7 0 -40 Max 5.5 2.0 85 Unit V A C
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
3 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Electrical Characteristics (TA = 25oC, VIN = +5.0V, CIN = 0.1F, CL = 1F, unless otherwise stated)
Symbol VUVLO VUVLO ISHDN IQ ILEAK IREV RDS(ON) Parameter Input UVLO Input UVLO Hysteresis Input Shutdown Current Input Quiescent Current Input Leakage Current Reverse Leakage Current VIN rising VIN decreasing Disabled, OUT = open Enabled, OUT = open Disabled, OUT grounded Disabled, VIN= 0V, VOUT= 5V, IREV at VIN VIN = 5V, IOUT= 2.0A Switch on-resistance VIN = 3.3V, IOUT= 2.0A ILIMIT ITrig ISHORT TSHORT VIL VIH ILEAK-EN ILEAK-O TD(ON) TR TD(OFF) TF RFLG IFOH TBlank TDIS RDIS TSHDN THYS Over-Load Current Limit (Note 4) Short-Circuit Current Limit Short-circuit Response Time EN Input Logic Low Voltage EN Input Logic High Voltage EN Input leakage Output leakage current Output turn-on delay time Output turn-on rise time Output turn-off delay time Output turn-off fall time FLG output FET on-resistance FLG Off Current FLG blanking time Discharge time Discharge resistance (Note 4) Thermal Shutdown Threshold Thermal Shutdown Hysteresis SO-8 (Note 5) Thermal Resistance Junction-toMSOP-8-EP (Note 6) Ambient DFN3030E-8 (Note 6) VIN= 5V, VOUT= 4.5V TA = 25oC -40oC TA 85oC
o TA = 25 C
www..com
Test Conditions (Note 3)
Min 1.6
Typ. 2.0 50 0.1 60 0.1 0.01 70 90
Max 2.4
Unit V mV A A A A
1 100 1 1 84 105 108 135
NEW PRODUCT
m
-40oC TA 85oC -40 C TA 85 C
o o
2.0
2.5 2.5 2.75 2
2.85
A A A s
Current limiting trigger threshold Output Current Slew rate (<100A/s) Enabled into short circuit VOUT = 0V to IOUT = ILIMIT (OUT shorted to ground) VIN = 2.7V to 5.5V VIN = 2.7V to 5.5V VIN = 5V, VEN = 0V and 5.5V Disabled, VOUT= 0V CL= 1F, Rload= 5 CL= 1F, Rload= 5 CL= 1F, Rload= 5 CL= 1F, Rload= 5 IFLG = 10mA VFLG= 5V Assertion or deassertion due to overcurrent and over-temperature condition CL= 1F, VIN = 5V, disabled to VOUT < 0.5V VIN = 5V, disabled, IOUT= 1mA Enabled 4 2
0.8 0.01 0.5 0.1 0.6 0.1 0.05 20 0.01 7 0.6 100 140 20 96 92 84 0.1 40 1 15 1.5 1 1
V V A A ms ms ms ms A ms ms C C C/W C/W C/W
JA
Notes:
3. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately. 4. The discharge function is active when the device is disabled (when enable is de-asserted or during power-up power-down when VIN < VUVLO). The discharge function offers a resistive discharge path for the external storage capacitor for limited time. 5. Device mounted on 2" x 2" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout. 6. Device mounted on 2" x 2" FR-4 substrate PCB, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground plane.
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
4 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Performance Characteristics
VEN VEN TD(OFF) TF
90% 10% 90% 10%
www..com
50%
50%
50%
50%
TR TD(ON) VOUT
TR TD(ON) VOUT
10% 90%
TD(OFF) TF
90% 10%
NEW PRODUCT
Figure 1. Voltage Waveforms: AP2301 (left), AP2311 (right)
All Enable Plots are for Enable Active Low Turn-On Delay and Rise Time Turn-Off Delay and Fall Time
VOUT 2V/div VEN 5V/div Device enabled Device disabled IIN 1A/div IIN 1A/div
VOUT 2V/div VEN 5V/div
TA=25C VIN=5V CL=1uF ROUT=2.5
TA=25C VIN=5V CL=1uF ROUT=2.5
Turn-On Delay and Rise Time
Turn-Off Delay and Fall Time
TA=25C VIN=5V CL=120uF ROUT=2.5
VOUT 2V/div Device enabled VEN 5V/div IIN 1A/div
TA=25C VIN=5V CL=120uF ROUT=2.5
VOUT 2V/div VEN 5V/div Device disabled
Inrush current limit
IIN 1A/div
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
5 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Performance Characteristics (Continued)
Device Enabled Into Short-Circuit
TA=25C VIN=5V CL=120uF ROUT=1
www..com
Inrush Current
VEN 5V/div TA=25C VIN=5V ROUT=2.5
VEN 5V/div
CL=120uF
CL=220uF
NEW PRODUCT
IOUT 1A/div
IOUT 1A/div
CL=470uF
Full-Load to Short-Circuit Transient Response
VOUT 2V/div IIN 2A/div Device turns off and re-enables into current limit FLG 5V/div Output short circuited TA=25C VIN=5V ROUT=2.5
Short-Circuit to Full-Load Recovery Response
Output short circuit removed VOUT 2V/div TA=25C VIN=5V ROUT=2.5
IIN 2A/div FLG 5V/div
Short circuit present and device thermal cycles
No-Load to Short-Circuit Transient Response
VOUT 2V/div Output short circuited TA=25C VIN=5V ROUT=0
Short-Circuit to No-Load Recovery Response
Output short circuit removed VOUT 2V/div TA=25C VIN=5V ROUT=0
IIN 2A/div
Device enters current limit IIN 2A/div Short circuit present and device thermal cycles
FLG 5V/div
FLG 5V/div
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
6 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Performance Characteristics (Continued)
Power ON Short-Circuit with Blanking Time and Recovery
FLG 5V/div TA=25C VIN=5V ROUT=2.5 CL=120uF VOUT 5V/div TA=25C VIN=5V
www..com
FLG 5V/div IOUT 1A/div
NEW PRODUCT
VOUT 5V/div IOUT 2A/div VIN 5V/div
UVLO Increasing
TA=25C VIN=5V ROUT=2.5 CL=120uF
UVLO Decreasing
VIN 2V/div
VIN 2V/div TA=25C VIN=5V ROUT=2.5 CL=120uF
IOUT 2A/div IOUT 2A/div
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
7 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Performance Characteristics (Continued)
Turn-on Time vs. Input voltage
100 90
www..com
Turn-off Time vs. Input voltage
260 240 220 200 180 160 140 120 100 80 60 40 20 0 2.0
Turn-on Time (us)
80 70 60 50 40 30 20 10 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
CL=1uF RL=5 TA=25C
NEW PRODUCT
Turn-off Time (us)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Input Voltage (V)
Rise Time vs. Input voltage
1000 900 800 700 600 500 400 300 200 100 0 2.0
100 90
Fall Time vs. Input voltage
Rise Time (us)
Fall Time (us)
80 70 60 50 40 30 20 10 0
CL=1uF RL=5 TA=25C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Input Voltage (V)
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
8 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Performance Characteristics (Continued)
www..com
Supply Current,Output Enabled vs. Temperature Supply Current Output Disabled (uA)
100
Supply Current,Output Disabled vs. Temperature
0.30 0.25 0.20 0.15 0.10 0.05 0.00 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30 -50 -25 0 25 50 75 100 125
Supply Current Output Enabled (uA)
90 80 70 60 50 40 30 20 10 0 -50 -25 0
VIN=5.5V VIN=5V
VIN=5.5V VIN=5V
NEW PRODUCT
VIN=3.3V
VIN=2.7V
VIN=3.3V VIN=2.7V
25
50
75
100
125
Temperature (C)
Temperature (C)
R DS(ON) vs. Temperature
180 170 160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 -50
Short-Circuit Output Current vs. Temperature
3.0
Short-Circuit Output Current (A)
VIN=2.7V VIN=3.3V VIN=5V
2.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 2.0
VIN=2.7V
VIN=3.3V
RDS(ON) (m)
VIN=5V VIN=5.5V
VIN=5.5V
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (C)
Temperature (C)
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
9 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Typical Performance Characteristics (Continued)
Undervoltage Lockout vs. Temperature
2.2
www..com
Threshold Trip Current vs. Input Voltage 3.5 3.4
CL=120uF TA=25C
Undervoltage Lockout (V)
2.1
Threshold Trip Current (A)
100 125
3.3 3.2 3.1 3.0 2.9 2.8 2.7 2.6
2.0
UVLO Rising
NEW PRODUCT
1.9
1.8
UVLO Falling
1.7
1.6 -50 -25 0 25 50 75
2.5 2.0 2.5 3.0 3.5 4.0 4.5 Input Voltage (V) 5.0 5.5 6.0
Temperature (C)
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
10 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Application Note
Power Supply Considerations
A 0.1F to 2.2F X7R or X5R ceramic bypass capacitor placed between IN and GND, close to the device, is recommended. When an external power supply is used, or an additional ferrite bead is added to the input, high inrush current may cause voltage spikes higher than the device maximum input rating during short circuit condition. In this case a 2.2F or bigger capacitor is recommended. Placing a high-value electrolytic capacitor on the input and output pin(s) is recommended when the output load is heavy. This precaution reduces power-supply transients that may cause ringing on the input. Additionally, bypassing the output with a 0.1F to 1.0F ceramic capacitor improves the immunity of the device to short circuit transients.
www..com
NEW PRODUCT
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense FETs do not increase the series resistance of the current path. When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage accordingly. Complete shutdown occurs only if the fault stays long enough to activate thermal limiting. Three possible overload conditions can occur. In the first condition, the output has been shorted to GND before the device is enabled or before VIN has been applied. The AP2301/AP2311 senses the short circuit and immediately clamps output current to a certain safe level namely ILIMIT. In the second condition, an output short or an overload occurs while the device is enabled. At the instance the overload occurs, higher inrush current may flow for a very short period of time before the current limit function can react. The input capacitor(s) rapidly discharge through the device, activating current limit circuitry. Protection is achieved by momentarily opening the P-MOS high-side power switch and then gradually turning it on. After the current limit function has tripped (reached the over-current trip threshold), the device switches into current limiting mode and the current is clamped at ILIMIT. In the third condition, the load has been gradually increased beyond the recommended operating current. The current is permitted to rise until the current-limit threshold (ITRIG) is reached or until the thermal limit of the device is exceeded. The AP2301/AP2311 is capable of delivering current up to the current-limit threshold without damaging the device. Once the threshold has been reached, the device switches into its current limiting mode and is set at ILIMIT.
FLG Response
When an over-current or over-temperature shutdown condition is encountered, the FLG open-drain output goes active low after a nominal 7-ms deglitch timeout. The FLG output remains low until both over-current and overtemperature conditions are removed. Connecting a heavy capacitive load to the output of the device can cause a momentary over-current condition, which does not trigger the FLG due to the 7-ms deglitch timeout. The AP2301/AP2311 is designed to eliminate false over-current reporting without the need of external components to remove unwanted pulses.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the small surface-mount packages to pass large current. Using the maximum operating ambient temperature (TA) and RDS(ON), the power dissipation can be calculated by: PD = RDS(ON)x I2 Finally, calculate the junction temperature: TJ = PD x RJA + TA Where: TA= Ambient temperature C RJA = Thermal resistance PD = Total power dissipation AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
11 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH Application Note (Continued)
Thermal Protection
Thermal protection prevents the IC from damage when heavy-overload or short-circuit faults are present for extended periods of time. The AP2301/AP2311 implements a thermal sensing to monitor the operating junction temperature of the power distribution switch. Once the die temperature rises to approximately 140C due to excessive power dissipation in an over-current or short-circuit condition the internal thermal sense circuitry turns the power switch off, thus preventing the power switch from damage. Hysteresis is built into the thermal sense circuit allowing the device to cool down approximately 20C before the switch turns back on. The switch continues to cycle in this manner until the load fault or input power is removed. The FLG open-drain output is asserted when an over-temperature shutdown or over-current occurs with 7-ms deglitch.
www..com
NEW PRODUCT
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal power switch from being turned on until the power supply has reached at least 2V, even if the switch is enabled. Whenever the input voltage falls below approximately 2V, the power switch is quickly turned off. This facilitates the design of hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue of the output voltage when either no external output resistance or load resistance is present at the output.
Ordering Information
AP 23 X 1 XXX G - X
Enable 0 : Active Low 1 : Active High Channel 1 : 1 Channel Package S : SO-8 MP : MSOP-8-EP FGE : DFN3030E-8 Green G : Green Packing 7/13 : Tape & Reel
Device AP23X1SG-13 AP23X1MPG-13 AP23X1FGEG-7
Notes:
Package Code S MP FGE
Packaging (Note 7) SO-8 MSOP-8-EP DFN3030E-8
7"/13" Tape and Reel Quantity Part Number Suffix 2500/Tape & Reel -13 2500/Tape & Reel -13 3000/Tape & Reel -7
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
12 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
www..com
Marking Information
(1) SO-8
( Top view )
NEW PRODUCT
8 Logo Part Number 0 : Active Low 1 : Active High
7
6
5 1 : 1 Channel G : Green YY : Year : 08, 09,10~ WW : Week : 01~52; 52 represents 52 and 53 week X : Internal Code 4
AP23 X 1
YY WW X X
1
2
3
(2) MSOP-8-EP
( Top view ) 8 Logo Part Number 0 : Active Low 1 : Active High 1 7 6 5 A~Z : Green MSOP-8-EP Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week 1 : 1 Channel
YWXE
AP23 X 1
2 3 4
(3) DFN3030E-8
( Top View ) XX YW X XX : Identification Code Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Green
Package DFN3030E-8
13 of 18 www.diodes.com
Part Number AP2301FGEG-7 AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
Identification Code BB
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2311FGEG-7 DFN3030E-8 BC
www..com
Package Outline Dimensions (All Dimensions in mm)
(1) Package type: SO-8
NEW PRODUCT
3.85/3.95
5.90/6.10
0.10/0.20
0.254 0.62/0.82
Gauge Plane Seating Plane
Detail "A"
7~9 1.30/1.50 1.75max. 0.15/0.25
0.35max. 45
7~9
Detail "A"
0/8
1.27typ 4.85/4.95
0.3/0.5
8x-0.60 5.4 6x-1.27 8x-1.55
Land Pattern Recommendation (Unit: mm)
(2) Package type: MSOP-8-EP
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
14 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
www..com
8x-0.45 2.9/3.1 4.7/5.1 4.4 6x-0.65 1 0.75/0.95 1.10Max. 0.15Typ. 0.65Bsc. 0.22/0.38 8x-1.4 1
EXPOSED PAD (BOTTOM)
NEW PRODUCT
Land Pattern Recommendation (Unit:mm) "A"
1
EXPOSED PAD (BOTTOM) 0.05/0.15 0.4/0.8 0.95Ref. DETAIL "A"
0.25 Gauge plane
0/8
Seating Plane
0.05 2.9/3.1
1.65/1.95
Package Outline Dimensions (Continued)
(3) Package type: DFN3030E-8
0.15Typ.
0.10 C 8X0.08 C 0.57/0.63 0/0.05 0.25 A
1.35/1.65
TOP MARK
Side View
8x-0.30 C L
0.65
C
2X-
2.95/3.05
(Pin #1 ID)
B
A C L 1.60 2.35 2.75
C L 8x-0.65 C L
Pin #1
2.95/3.05
1.40/1.60
R0 .20
Land Pattern Recommendation (Unit: mm)
2X0.25 B 0.30/0.60 8X0.65Typ. 0.20/0.30 0.10 CAB
Top View Bottom View
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
15 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
www..com
NEW PRODUCT Taping Orientation (Note 8)
For DFN3030E-8
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
16 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
www..com
NEW PRODUCT
Notes:
8. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
17 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
www..com
NEW PRODUCT
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
18 of 18 www.diodes.com
June 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AP2301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X