Part Number Hot Search : 
NTXV1 MX25L S1C33S01 KSA2690 PT12310 39054 ON2246 1N3062
Product Description
Full Text Search
 

To Download AL-XJF361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Super Amber Axial LED Lamps Part Number: AL-XJF361 Package outlines & Re-flow Profile
Reflow Temp/Time
Soldering iron Basic spec is 5sec when 260. If temperature is higher, time should be shorter (+10 -1sec ).Power dissipation of iron should be smaller than 15W, and temperatures should be controllable .Surface temperature of the device should be under 230 .
ITEM
Resin (mold) Lens color Printed circuit board Dice Emitted color
MATERIALS
Epoxy Water Clear BT AlGaInP Super Amber
NOTES:
1. All dimensions are in millimeters (inches); 2. Tolerances are 0.1mm (0.004inch) unless otherwise noted.
2006/10/18
A-BRIGHT
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
(TA=25) Value
35 2.00 2.60 63.0 150.0 610 6055 30 100
Part Number: AL-XJF361 ELECTRO-OPTICAL CHARACTERISTICS Parameter
Viewing angle at 50% IV Forward voltage Luminous intensity Wavelength
Spectral Line Half-Width
Test Condition Symbol
IF=10mA (Typ.) (Max.) (Min.) (Typ.) IF=20mA IF=20mA IF=20mA IF=20mA 21/2 VF IV p d
Unit
Deg V mcd nm nm mA
Peak pulsing current (1/10 duty f=1kHz)
IFP
Absolute maximum ratings Parameter
Forward current Reverse voltage Reverse current Power Dissipation Operating temperature range Storage temperature range Lead soldering temperature
(TA=25) Symbol
IF VR IR PD Top Tstg
Value
30 5 100 120 -25 ~+80 -30 ~+85 260 For 5 Seconds
Unit
mA V A mW
2006/10/18
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Part Number: AL-XJF361 Test items and results of reliability
A-BRIGHT
Refer to reliability test standard specification for in this line.
2006/10/18
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Part Number: AL-XJF361 Typical Optical-Electrical Characteristic Curves
A-BRIGHT
2006/10/18
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Part Number: AL-XJF361 Typical Optical-Electrical Characteristic Curves
A-BRIGHT
2006/10/18


▲Up To Search▲   

 
Price & Availability of AL-XJF361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X