Part Number Hot Search : 
2SD1216 06100 BP210 APT20M L6560A W6253 TIP42B BP210
Product Description
Full Text Search
 

To Download AG-320240D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AG-320240D
FEATURE
1.Construction : LCD, Bezel, PCB, white edge-type LED back-light, touch panel. 2.Pure driver type. 3.Besides +5V for logic circuit, -20V is needed for LCD driving. 4.Normal temperature type.
320x240 dots 1/240 Duty POWER SUPPLY
ELECTRICAL CHARACTERISTICS
ParameterLCD Driving Voltage Supply Current (Driver) Symbol VDD-VO IDD Condition 25oC VDD=5.0V Typ.Value Unit. 21 7 V mA
BUILT-IN CONTROLLER
1 LED9 VSS 2 3 4 D3 12 M 5 D2 13 CL2 6 D1 14 CL1 7 D0 15 FLM 8 VEE
LED+ /DISPOFF 10 VDD 11 VO
w
w
w
t a .D
S a
e h
U t4 e
.c
m o
A BLOCK
w
w
w
.D
a
aS t
ee h
4U t
om .c
39


▲Up To Search▲   

 
Price & Availability of AG-320240D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X