Part Number Hot Search : 
MAC6071A 19591253 LQH32CN DNA100 74HC04 TM32F CIT2412 000X00
Product Description
Full Text Search
 

To Download AG-320240A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A G - 3 2 0 2 4 0 A 1 (5.7"QVGA)
FEATURE
1.Construction : STN/FSTN LCD, Bezel, Heat Seal, Zebra and PCB. 2.Optional : EL, CCFL, White LED back-light, Touch Panel, T/P controller. 3.Built-in Controller / Pure Driver. 4.Besides +5V for logic circuit, -20V is needed for LCD driving (Optional DC/DC converter). 5.Normal / Extended temperature type.
320x240 dots 1/240 Duty POWER SUPPLY
ELECTRICAL CHARACTERISTICS
Parameter LCD Driving Voltage Supply Current (Controller) Supply Current (Driver) Symbol VDD-VO IDD IDD Condition Typ.Value 25oC VDD=5.0V VDD=5.0V 21.7 15 5 Unit. V mA mA
BUILT-IN CONTROLLER
1 2 3 4 5 6 7 8 9 10 11 12
PURE DRIVER
1 D0 11 VSS 2 D1 12 VEE 3 4
/RESET /RD /WR /CS A0 DB0 DB1 DB2 DB3 DB4 DB5 DB6 13 DB7 14 15 16 17 18 SK 19 D0 20 DI 21 22 23 A 24 K
VDD VSS VEE V0
CS INT
w
THICKNESS: VERSION EL & NO BACKLIGHT CCFL BACKLIGHT
w
w
t a .D
S a
e h
U t4 e
5 D2 13 D3 14 VO FGND
.c
m o
7 NC 8 LP 9 CP 10 VDD
6
/DISPOFF FLM
T1 _ 6.5 + 0.3 + 0.3 6.5 _
T2 11.0Max. 11.0Max.
T3 12.5Max. 12.5Max.
38
w
w
w
Connector CCFL:JAE:1L-G-4P-S3T2-E LED:XH-H-04P FFC:MOLEX:52207-2490(Top) MOLEX:52207-2490(Top)
.D
a
aS t
ee h
4U t
om .c


▲Up To Search▲   

 
Price & Availability of AG-320240A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X