Part Number Hot Search : 
GT801 16NO7 A1003 R1EX240 BU2506 D2560 400000 NJM23
Product Description
Full Text Search
 

To Download AG-12232B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AG-12232A
FEATURE
1.Construction : STN/FSTN LCD, Bezel, Zebra and PCB. 2.Optional LED or EL back-light. 3.Controller : SED1520DAA or equivalent. 4.Besides +5V for logic circuit, -5V is needed for LCD driving. (Optional DC/DC Converter) 5.Normal / Extended temperature type.
122x32 dots 1/32 Duty BLOCK DIAGRAM & POWER SUPPLY
ELECTRICAL CHARACTERISTICS
Item LCD Driving Voltage Supply Current Symbol VDD-VO IDD Condition 25oC VDD=5.0V Typ.Value 6.4 0.5 Unit. V mA
INTERFACE
1 VSS 11 DB1 2 VDD 12 DB2 3 VO 13 DB3 4 AO 14 DB4 5 CS1 15 DB5 6 CS2 16 DB6 7 CL 17 DB7 8 / RD 18 9 /WR 19 10 DB0 20
RES A/EL1 K/EL2
w
w
w
t a .D
S a
e h
U t4 e
.c
m o
THICKNESS: T1 T2 VERSION _ EL & NO BACKLIGHT 5.4 + 0.3 10.5Max _ 10.4 + 0.3 15.5Max LED BACKLIGHT
20
w
w
w
.D
a
aS t
ee h
4U t
om .c
A BLOCK


▲Up To Search▲   

 
Price & Availability of AG-12232B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X