Part Number Hot Search : 
DS310 TPD41 87FE52AE 356AJ 34006 ZS10B 356AJ UN211T
Product Description
Full Text Search
 

To Download 9007-05-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9000 Series/Spartan SIP Reed Relays
E CONOMY SIP REED RELAYS REED RELAYS
W! NE
The SIP relay is the industry choice for a wide variety of designs where economy, performance and a compact package are needed. The 9007 Spartan Series is a general purpose economy version of the 9001 for applications with less stringent requirements. The 9081 Spartan Series is similar to the 9007, but with an alternate industry standard footprint of .2"x.4"x.2". These relays are well suited for applications in Security, Instrument and Modems. The specification tables allow you to select the appropriate relay for your application.
FEATURES SERIES FEATURES
Hermetically sealed contacts for long life High dielectric strength available, consult factory. High speed switching compared to electromechanical relays. Molded thermoset body on integral lead frame design. Two industry standard footprints. Optional Coil Suppression Diode - protects coil drive circuits. UL File # E67117, CSA File # LR 28537. 9081UL/cUL File # E67117.
Dimensions in Inches (Millimeters)
Model 9081
Model 9007
30 o
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
9000 Series/Spartan SIP Reed Relays
Model Number Parameters
COIL SPECS. Nom. Coil Voltage Max. Coil Voltage Coil Resistance Operate Voltage Release Voltage CONTACT RATINGS Switching Voltage Switching Current Carry Current Contact Rating Life Expectancy-Typical Static Contact Resistance (max. init.) Dynamic Contact Resistance (max. init.)
1
W! NE
9007 Test Conditions Units
VDC VDC VDC - Max. VDC - Min. Volts Amps Amps Watts x 10 Ops.
6
2
9081
2
.2.4.2 SIP
5 6.5 500 3.75 0.4 12 15.0 1000 9.1 1.0 200 0.5 1.0 10 100 0.200 N/A 5 6.5 500 3.75 0.4 12 24 15.0 32 1000 2000 9.1 18 1.0 2 200 0.5 1.0 10 100 0.200 N/A
+/- 10%, 25 C Must Operate by Must Release by Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Signal Level 1.0V, 1.0mA 50mV, 10mA 0.5V, 50mA at 100 Hz, 1.5 msec
RELAY SPECIFICATIONS Insulation Resistance (minimum) Capacitance - Typical Across Open Contacts Open Contact to Coil
Between all Isolated Pins at 100V, 25C, 40% RH No Shield Shield Floating Shield Guarding No Shield Shield Floating Shield Guarding Contacts Open, Shield Floating Between Contacts Contacts to Shield Contacts/Shield to Coil At Nominal Coil Voltage, 30 Hz Square Wave Zener-Diode Suppression Diode Suppression
4
pF pF pF pF pF pF pF VDC/peak AC VDC/peak AC VDC/peak AC msec. msec.
x 10
10
x 10
10
0.7 1.4 250 1500 0.50 0.20 -
0.7 1.4 250 1500 0.50 0.20 Top View: Dot stamped on relay refers to pin #1 Grid = .1"x.1" (2.54mm x 2.54mm)
Contact to Shield Dielectric Strength (minimum) Operate Time - including bounce - Typical Release Time - Typical
+
+
Notes:
1
Consult factory for life expectancy at other switching loads. 2 Optional diode is connected to pin #2 (+) and pin #3(-). Correct coil polarity must be observed. 3 These relays contain bias magnets. Correct coil polarity must be observed. Pin #2(+) 4 Consists of 20V Zener-diode and 1N1002 diode in series, connected in parallel with coil.
Environmental Ratings
Storage Temp:-35C to +100C; Operating Temp:-20C to +85C Solder Temp: 270C max; 10 sec. max The operate and release voltage and the coil resistance are specified at 25C. These values vary by approximately 0.4%/C as the ambient temperature varies. Vibration: 20 G's to 2000 Hz; Shock: 50 G's
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com


▲Up To Search▲   

 
Price & Availability of 9007-05-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X