Part Number Hot Search : 
FAN2012 WR12AL MCSO1V BU100 28F160 BU100 MJD31CT4 5KP78
Product Description
Full Text Search
 

To Download 7812H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
OM7800IH Series
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic JEDEC TO-257AA Package
FEATURES
* * * * * * Isolated Hermetic Package, JEDEC TO-257AA Outline Output Voltages: 5V, 12V, 15V (Other Voltages Available) Output Voltages Set Internally To 1% or 2% Built-In Thermal Overload Protection Short Ciruit Current Limiting Product Is Available Screened To OM803
DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed metal package whose outline is similar to the industry standard TO-220 plastic package. All protective features are designed into the circuit including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 1.5 amps of output current. These units feature internally trimmed output voltages to 1% or 2% of nominal voltage. Standard voltages are 5V, 12V, and 15V. However, other voltages are available up to 24 volts. These units are ideally suited for Military applications where a hermetically sealed package is required.
ABSOLUTE MAXIMUM RATINGS @ 25C
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Typical Power/Thermal Characteristics: Rated Power @ 25 C TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17.5W TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3W Thermal Resistance qJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2C/W qJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42C/W
Notes: Product also available in Non-Isolated construction. To order this version, delete "I" from part number. Example: Isolated Non-Isolated OM78XXIH OM78XXH Use letter "A" after part number to designate 1% output voltage tolerance. Example: OM7805AIH
3.3
4 11 R4 Supersedes 1 07 R3
3.3 - 217
www..com
OM7800IH Series
ELECTRICAL CHARACTERISTICS 5 Volt
Parameter Output Voltage Symbol VOUT VRLINE VIN = 10V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 4.92 Max. 5.08 5.15 5 Unit V V mV mV mV mV mV mV mV mV mA mA mA Test Conditions TA = 25C VIN = 7.5V to 20V Line Regulation (Note 1) VIN = 8.0V to 12V VIN = 7.5V to 20V
* * *
4.85
12 4 10 12
Load Regulation (Note 1)
VRLOAD
IO = 5mA to 1.5 Amp
*
IO = 250mA to 750 mA
25 6
*
Standby Current Drain ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT Output Noise Voltage (Note 3) Long Term Stability (Note 3) DVOUT Dt TA = 25C, t = 1000 hrs. NO TA = 25C, DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 7.5V to 20V
15 6
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * *
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz 66
2.8
*
60 40
V/V RMS
75
mV
ELECTRICAL CHARACTERISTICS 12 Volt
Parameter Output Voltage Symbol VOUT VRLINE
VIN = 19V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 11.88 Max. 12.12 12.36 18 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = 14.5V to 27V
* *
11.64
Line Regulation (Note 1)
VIN = 14.5V to 27V VIN = 16V to 22V
50 9
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
30 32
* *
60 20 40 6.0
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V IO = 5mA to 1000mA VIN = 15V to 30V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage
* * * *
1.5
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
3.3
Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
*
f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 61
2.8
*
54 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
120
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range.
3.3 - 218
www..com
OM7800IH Series
ELECTRICAL CHARACTERISTICS 15 Volt
Parameter Output Voltage Symbol VOUT VRLINE VIN = 23V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 14.8 Max. 15.2 15.4 20 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = 18.5V to 30V
* *
14.6
Line Regulation (Note 1)
VIN = 17.5V to 30V VIN = 20V to 26V
50 15
*
Load Regulation (Note 1) VRLOAD IO = 5mA to 1.5 Amp IO = 5mA to 1.0 Amp IO = 250mA to 750 mA
25 35
* *
75 21 45 6.0
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt TA = 25C, DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 18.5V to 30V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * *
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 54
2.8
*
52 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
150
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS PEAK OUTPUT
3.5 3
DROPOUT VOLTAGE
2.5 100
IOUT = 1A
RIPPLE REJECTION
Tj = -55C
Input To Output Differential (V)
2.5 2 1.5
Tj = 150C Tj = 25C
1.5
IOUT = 0A
IOUT = 500mA
Ripple Rejection (dB)
2
80
VOUT = 5V
3.3
Output Current (A)
60
1
40
1 0.5
DVOUT = 100mV
0.5
DVOUT = 100MV
VIN - V = 8VDC + 3.5 Vrms IOUT = 1A Tj = 25C
20 25 50 75 100 125 150 10 100 1k 10k 100k
0 0 5 10 15 20 25 30 35
0 -75 -50 -25
0
Input To Output Differential (V)
Junction Temperature (C)
Frequency (Hz)
3.3 - 219
www..com
OM7800IH Series
TYPICAL APPLICATIONS
Fixed Output Regulator Circuit For Increasing Output Voltage
INPUT
OM78XX OM7662SC
OUTPUT
INPUT
OM7605SC
VXX R1 0.1F
OM78XX
OUTPUT
1Ft
0.1F*
1F IQ
R2
*Increasing value of output capacitor improves system transient response. tRequired only if regulator is located an appreciable distance from power supply filter.
VO = VXX (1+ R1 ) + IQ R2
R2
High Output Current, Short Circuit Protected
INPUT R1
Adjustable Output Regulator, 7 To 30 Volts
RSC 2N6124
2N4398
INPUT OUTPUT 0.33F 1F
OM7662SC OM78XX LM741
OUTPUT
OM7662SC OM78XX 1F
0.1F 10K
+
MECHANICAL OUTLINE
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527 .430 .410 .038 MAX.
PIN CONNECTION
Tab
3.3
.150 .140
.750 .500
.005
OM78XXIH Isolated Front View Pin 1: Input Pin 2: Ground Pin 3: Output Tab: Isolated 1 23
OM78XXH Non-Isolated Front View Pin 1: Input Pin 2: Ground Pin 3: Output Tab: Ground
.035 .025
.100 TYP.
.120 TYP.
Note: * Case is metal/hermetically sealed * Isolated Tab
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of 7812H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X