Part Number Hot Search : 
SEMH4 AN731 MC7815C PBU407 ZUY53W BF195 00901 AP01L60
Product Description
Full Text Search
 

To Download 3-001-R-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 revision for dwg # 1PB-3-001-R-11
rev
-
ch.no.
-
description original design
date
11/2/2007
revised by Philipp E.
50.60 mm [2.0 in]
103.57 mm [4.1 in]
Isometric View 1:2
68.06 mm [2.7 in]
PG 13.5 or M20
2xR11.20 mm [.4 in]
Plastic enclosure suited for non-illuminated push buttons with maximum 2 contact elements.
unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL
This Drawing is the property of
R
= = = =
1 mm 0.5 mm 0.2 mm - mm
M E T R I C
35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490
and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished.
titel
22 mm Thermoplastic Enclosures White/Black Operator Capacity 2 3-001-R-11
11/2/2007 11/2/2007 11/2/2007
drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal
drawing no.:
rev.:
-
1PB-3-001-R-11
scale:
-
sheet: 1
of: 1


▲Up To Search▲   

 
Price & Availability of 3-001-R-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X