Part Number Hot Search : 
BUL39D B2300 RODUCTS SR100 12F60 T6313A TLP747G 78D05
Product Description
Full Text Search
 

To Download 2SD1691L-X-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SD1691
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
FEATURES
*High Power Dissipation *Complementary to 2SB1151
1
NPN SILICON TRANSISTOR
1 TO-220
TO-220F1
1
TO-126
1 TO-126C
ORDERING INFORMATION
Ordering Number Lead Free Plating Halogen Free 2SD1691L-x-T60-K 2SD1691G-x-T60-K 2SD1691L-x-T6C-K 2SD1691G-x-T6C-K 2SD1691L-X-TA3-T 2SD1691G-x-TA3-T 2SD1691L-x- TF1-T 2SD1691G-x- TF1-T Package TO-126 TO-126C TO-220 TO-220F1 Pin Assignment 1 2 3 E C B E C B B C E B C E Packing Bulk Bulk Tube Tube
www.unisonic.com.tw Copyright (c) 2010 Unisonic Technologies Co., Ltd
1 of 4
QW-R204-015,C
2SD1691
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
NPN SILICON TRANSISTOR
PARAMETER SYMBOL RATING UNIT Collector-Base Voltage VCBO 60 V Collector-Emitter Voltage VCEO 60 V Emitter-Base Voltage VEBO 7 V DC Ic 5 Collector Current A Pulse (PW10ms,Duty Cycle50%) Icp 8 Base Current IB 1 A TO-126/ TO-126C 20 23 Collector Power Dissipation (Tc=25C) TO-220F1 Pc W TO-220 54 Junction Temperature TJ 150 C Storage Temperature Range TSTG -55 ~ +150 C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C,unless otherwise specified )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Turn On Time Switching Time Storage Time Fall Time SYMBOL ICBO IEBO hFE1 hFE2 hFE3 VCE(SAT) (Note) VBE(SAT) (Note) TON TSTG TF
IB1 IB2 IB1=-IB2=0.2A DUTY CYCLE1% IB2 Vcc=10V
TEST CONDITIONS VCB=50V,IE=0 VEB=7V,Ic=0 VCE=1V,Ic=0.1A VCE=1V,Ic=2A VCE=2V,Ic=5A Ic=2A,IB=0.2A Ic=2A,IB=0.2A
20sec IB1 INPUT 5 OUTPUT
MIN
TYP
MAX 10 10 400
UNIT A A
60 160 50 0.1 0.9 0.2 1.1 0.2
0.3 1.2 1 2.5 1
V V
s
Note: Pulse test: PW50S, Duty Cycle2% Pulse
CLASSIFICATION OF hFE2
RANK RANGE O 160-320 Y 200-400
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R204-015,C
2SD1691
TYPICAL CHARACTERISTICS
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R204-015,C
2SD1691
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R204-015,C


▲Up To Search▲   

 
Price & Availability of 2SD1691L-X-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X