Part Number Hot Search : 
SC230 10211 BCM563 10A03 ST753 332ME BC846B 42225
Product Description
Full Text Search
 

To Download 2SA743 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
2SA743 2SA743A
DESCRIPTION *With TO-126 package *Complement to type 2SC1212/1212A APPLICATIONS *For low frequency power amplifier applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER 2SA743 VCBO Collector-base voltage 2SA743A 2SA743 VCEO Collector- emitter voltage 2SA743A VEBO IC Emitter-base voltage Collector current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 8 150 -55 +150 Open collector Open base -80 -4 -1 0.75 W V A Open emitter -80 -50 V CONDITIONS VALUE -50 V UNIT
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SA743 IC=-10mA ;RBE=; 2SA743A 2SA743 IC=-1mA ;IE=0 2SA743A IE=-1mA ;IC=0 IC=-1A ;IB=-0.1A IC=-50mA ; VCE=-4V 2SA743 2SA743A VCE=-50V; RBE=1k< VCE=-80V; RBE=1k< IC=-50mA ; VCE=-4V IC=-1A ; VCE=-4V IC=-30mA ; VCE=-4V CONDITIONS SYMBOL
2SA743 2SA743A
MIN -50
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -80 -50 V -80 -4 -0.75 -0.65 -1.5 -1.0 -20 -20 60 20 120 MHz 200 V V V A A
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBE
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage
ICER
Collector cut-off current
hFE-1 hFE-2 fT
DC current gain DC current gain Transition frequency
hFE-1 Classifications B 60-120 C 100-200
2
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA743 2SA743A
Fig.2 Outline dimensions
3
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
2SA743 2SA743A
4


▲Up To Search▲   

 
Price & Availability of 2SA743

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X