Part Number Hot Search : 
CZRF36VB CFRM105 H838602 15S12 SML1016 2815S CZRF36VB CFRM105
Product Description
Full Text Search
 

To Download 22-03-2221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0022032221 Active
2.54mm (.100") Pitch KK(R) Wire-to-Board Header, Single Row, Vertical, 22 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-10-07 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 4030 Board-to-Board, Wire-to-Board KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 22 22 Natural (White) 25 94V-0 No None Brass Tin Nylon 1 Vertical 0.135 In 3.43 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 200 5.00 No No No Yes No 0C to +75C Through Hole
Search Parts in this Series 4030Series Mates With 2695 , 6471 , 7880 , 4455 , 7720
Electrical
Current - Maximum per Contact Voltage - Maximum 4A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info
Old Part Number A-4030-22A102
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-4030-001 PS-10-07 SDA-4030
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-03-2221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X