Part Number Hot Search : 
AC03DSM 09016 PE8706 324004P CY2210 1502B N4002 40331
Product Description
Full Text Search
 

To Download 19-217-BHC-YL2M2TY-3T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 0603 Package Chip LED(0.4mm Height)
19-217/BHC-YL2M2TY/3T
Features
Package in 8mm tape on 7diameter reel. Compatible with automatic placement equipment. Compatible with infrared and vapor phase reflow solder process. Mono-color type. Pb-free The product itself will remain within RoHS complaint Version.
Descriptions
The 19-217 SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. Besides, lightweight makes them ideal for miniature applications. etc.
Applications
Backlighting in dashboard and switch. Telecommunication: indicator and backlighting in telephone and fax. Flat backlight for LCD, switch and symbol. General use.
Device Selection Guide
Part No. 19-217/BHC-YL2M2TY/3T Chip Material InGaN Emitted Color Blue Resin Color Water Clear
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 1 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T Package Outline Dimensions
Note: The tolerances unless mentioned is 0.1mm, Unit = mm
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 2 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Absolute Maximum Ratings (Ta=25)
Parameter Reverse Voltage Forward Current Peak Forward Current (Duty 1/10 @1KHz) Power Dissipation Electrostatic Discharge(HBM) Operating Temperature Storage Temperature Soldering Temperature Symbol VR IF IFP Pd ESD Topr Tstg Tsol Rating 5 25 100 95 150 -40 ~ +85 -40 ~ +90 Unit V mA mA mW V
Reflow Soldering : 260 for 10 sec. Hand Soldering : 350 for 3 sec.
Electro-Optical Characteristics (Ta=25)
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol Iv 21/2 p d VF IR Min. 14.5 --------470 ----2.6 ----Typ. ----120 468 ----25 --------Max. 28.5 --------475 ----3.0 50 Unit mcd deg nm IF=5mA nm nm V A VR=5V Condition
Notes:
1.Tolerance of Luminous Intensity 11% 2.Tolerance of Dominant Wavelength 1nm 3.Tolerance of Forward Voltage 0.05V
Everlight Electronics Co., Ltd. Device No: DSE-0001439 http://www.everlight.com Prepared date: 8-May-2009 Rev.2 Page: 3 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Bin Range Of Dom. Wavelength
Group Y Bin Y Min 470 Max 475 Unit nm Condition IF=5mA
Bin Range Of Luminous Intensity
Bin L2 M1 M2 Min 14.5 18.0 22.5 Max 18.0 22.5 28.5 mcd IF=5mA Unit Condition
Bin Range Of Forward Voltage
Group Bin 28 T 29 30 31 Min 2.60 2.70 2.80 2.90 Max 2.70 2.80 2.90 3.00 V IF=5mA Unit Condition
Notes:
1.Tolerance of Luminous Intensity 11% 2.Tolerance of Dominant Wavelength 1nm 3.Tolerance of Forward Voltage 0.05V
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 4 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Typical Electro-Optical Characteristics Curves
Ta=25C Relative luminous intensity ( % ) I (mA)
Ta=25C
Wavelength (nm)
Forward Current
Forward Voltage VF (V)
Ta=25C Relative luminous intensity ( % ) Relative luminous intensity ( %) 0 20 40 60 80 100 Forward Current I (mA) Ta=25C
30
1000
100
10
1 -60 -40 -20
Ambient Temperature Ta(C )
0
10
20
I (mA)
Forward Current
40 1.0 0.9 0.8 0.7 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
Ambient Temperature Ta (C )
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 5 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Label explanation
CAT: Luminous Intensity Rank HUE: Dom. Wavelength Rank REF: Forward Voltage Rank
Pb
EVERLIGHT
RoHS
CPN : P N : XXXXXXXXXXXXX XXXXXXXXXXXXX QTY : XXX CAT : XXX HUE : XXX REF : XXX
LOT NO : XXXXXXXXXX
Reference : XXXXXXXX
MADE IN TAIWAN
Reel Dimensions
Note: The tolerances unless mentioned is 0.1mm, Unit = mm
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 6 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is 0.1mm, Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 7 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10%
No. 1 2
Items Reflow Soldering Temperature Cycle
Test Condition Temp. : 2605 Min. 5sec. H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min Temp. : 100 Temp. : -40 IF = 20 mA 85/ 85% RH
Test Sample Hours/Cycles Size 6 Min. 300 Cycles 22 PCS. 22 PCS.
Ac/Re 0/1 0/1
3 4 5 6 7
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
22 PCS. 22 PCS. 22 PCS. 22 PCS. 22 PCS.
0/1 0/1 0/1 0/1 0/1
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 8 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package: The LEDs should be kept at 30 or less and 90%RH or less. 2.3 After opening the package: The LED's floor life is 1 year under 30 or less and 60% RH or less. If unused LEDs remain, it should be stored in moisture proof packages. 2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 9 of 10
Prepared by: Qiang yafang
19-217/BHC-YL2M2TY/3T
4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. 5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
Everlight Electronics Co., Ltd. Device No: DSE-0001439
http://www.everlight.com Prepared date: 8-May-2009
Rev.2
Page: 10 of 10
Prepared by: Qiang yafang


▲Up To Search▲   

 
Price & Availability of 19-217-BHC-YL2M2TY-3T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X