Part Number Hot Search : 
82152C APL8108 121206 2SC318 68MHZ SMV1129 74HC04B1 0FFI02
Product Description
Full Text Search
 

To Download UT4812Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD UT4812Z
DUAL N-CHANNEL ENHANCEMENT MODE
DESCRIPTION
The UTC UT4812Z can provide excellent RDS(ON) and low gate charge by using advanced trench technology. The UTC UT4812Z is suitable for using as a load switch or in PWM applications.
Power MOSFET
FEATURES
* 30V/6.9A * Low RDS(ON) * Reliable and Rugged * Halogen Free
SYMBOL
ORDERING INFORMATION
Ordering Number UT4812ZG-S08-R Package SOP-8 Packing Tape Reel
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1 of 6
QW-R502-350.A
UT4812Z
PIN CONFIGURATION
Power MOSFET
Source 1 Gate 1 Source 2 Gate 2
1 2 3 4
8 7 6 5
Drain 1 Drain 1 Drain 2 Drain 2
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R502-350.A
UT4812Z
ABSOLUTE MAXIMUM RATINGS (Ta = 25C, unless otherwise specified)
Power MOSFET
PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 30 V Gate-Source Voltage VGSS 20 V Continuous Drain Current (Note 2) ID 6.9 A Pulsed Drain Current (Note 3) IDM 30 A Power Dissipation PD 2 W Junction Temperature TJ +150 C Storage Temperature TSTG -55 ~ + 150 C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Surface Mounted on 1in 2 pad area, t 10sec 3. Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER Junction to Ambient SYMBOL JA MIN TYP 74 MAX 110 UNIT C /W
ELECTRICAL CHARACTERISTICS (TJ =25C, unless otherwise specified)
PARAMETER OFF CHARACTERISTICS Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate-Source Leakage Current ON CHARACTERISTICS Gate Threshold Voltage Drain-Source On-State Resistance (Note) SYMBOL BVDSS IDSS IGSS VGS(TH) RDS(ON) TEST CONDITIONS VGS =0 V, ID =250A VDS =30V, VGS =0 V VDS =0 V, VGS = 20V VDS =VGS, ID =250 A VGS =10V, ID =6.9A VGS =4.5V, ID =5.0A MIN 30 1 5 1 1.9 22.5 34.5 680 102 77 4.6 4.1 20.6 5.2 13.84 1.82 3.2 0.76 3 28 42 820 108 7 6.2 30 7.5 17 TYP MAX UNIT V A A V m m pF pF pF ns ns ns ns nC nC nC V A ns nC
DYNAMIC PARAMETERS Input Capacitance CISS VDS =15 V, VGS =0V, f=1MHz Output Capacitance COSS Reverse Transfer Capacitance CRSS SWITCHING PARAMETERS Turn-ON Delay Time tD(ON) VGS=10V, VDS=15V, RL=2.2, Turn-ON Rise Time tR RGEN =3 Turn-OFF Delay Time tD(OFF) Turn-OFF Fall-Time tF Total Gate Charge QG VDS =15V, VGS =10V, ID =6.9A Gate Source Charge QGS Gate Drain Charge QGD SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS Drain-Source Diode Forward Voltage VSD IS=1A (Note) Maximum Continuous Drain-Source IS Diode Forward Current Body Diode Reverse Recovery Time tRR IF=6.9 A, dI/dt=100A/s Body Diode Reverse Recovery Charge QRR IF=6.9 A, dI/dt=100A/s Note: Pulse width 300s, duty cycle2%.
1 3
16.5 7.8
20 10
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R502-350.A
UT4812Z
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source Breakdown Voltage
Power MOSFET
Drain Current vs. Gate Threshold Voltage 300 250 Drain Current, ID (A) 200 150 100 50 0
300 250 Drain Current, ID (A) 200 150 100 50 0
0 5 10 15 20 25 30 35 40 Drain-Source Breakdown Voltage, BVDSS(V) Drain-Source On-State Resistance Characteristics
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Gate Threshold Voltage, VTH (V)
8 7 6 5 4 3 2 1 0 0
Drain Current vs. Source to Drain Voltage 1.2 1.0 0.8 0.6
VGS=10V ID=6.9A
VGS=4.5V ID=5A
0.4 0.2 0
50 100 150 200 Drain to Source Voltage, VDS (mV)
0
0.4 0.6 0.8 1.0 1.2 0.2 Source to Drain Voltage, VSD (V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R502-350.A


▲Up To Search▲   

 
Price & Availability of UT4812Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X