Part Number Hot Search : 
D74LVC GPP100M 2SD2678 MSA0385 PQ60033 N74LS25 351307 IRFP048
Product Description
Full Text Search
 

To Download TSA5523M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TSA5523M 1.4 GHz I2C-bus controlled multimedia synthesizer
Product specification File under Integrated Circuits, IC02 1996 Dec 17
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
FEATURES * Complete 1.4 GHz single-chip system * Adaptive DC/DC converter driver output * On-board tuning amplifier output * Varicap drive disable * Four NPN open-collector output ports (10 mA) * Four bus-controlled bidirectional ports (NPN open-collector outputs) * In-lock detector * 5-step Analog-to-Digital Converter (ADC) * Mixer/Oscillator (M/O) band-switch output * 15-bit programmable divider * Programmable reference divider ratio (512, 640 or 1024) * Programmable charge-pump current (50 or 250 A) * I2C-bus format - Address plus four data bytes transmission (write mode) - Address plus one status byte transmission (read mode) - Four independent addresses * Low power, low radiation. GENERAL DESCRIPTION The device is a single chip PLL frequency synthesizer designed for TV and VCR tuning systems. The circuit consists of a divide-by-eight prescaler with its own preamplifier, a 15-bit programmable divider, a crystal oscillator and its programmable reference divider, a phase/frequency detector combined with a charge-pump which drives the tuning amplifier, including 33 V output. Three NPN open-collector outputs are provided for band switching together with five open-collector NPN outputs. Four of these ports can also be used as input ports (one ADC and three general purpose I/O ports). ORDERING INFORMATION TYPE NUMBER TSA5523M/C1 PACKAGE NAME SSOP20 DESCRIPTION plastic shrink small outline package; 20 leads; body width 4.4 mm
TSA5523M
An output is provided to control a Philips mixer/oscillator IC controlled by bits P7, P5 and P4. Depending on the reference divider ratio (512, 640 or 1024), the phase comparator operates at 3.90625, 6.25 or 7.8125 kHz with a 4 MHz crystal. The lock detector bit FL is set to logic 1 when the loop is locked and is read on the SDA line (status byte) during a read operation. The ADC is available for digital AFC control. The ADC code is read during a read operation on the I2C-bus. The ADC input is combined with the port P6. In the test mode, this port is also used as a test output for fref and fdiv/2 (see Table 4). In addition, the circuit includes a DC/DC converter driver connected to the IDC pin to control the amplitude of an external oscillator followed by a voltage rectifier. The voltage rectifier is used to generate the correct tuning supply voltage to maintain a constant current into the tuning amplifier. The DC/DC converter driver can be disabled by setting the IDC pin to VCC1 in this event the tuning supply voltage is delivered by a fixed 33 V supply. Five serial bytes (including address byte) are required to address the device, select the VCO frequency, program the ports, set the charge-pump current and set the reference divider ratio. The device has four independent I2C-bus addresses which can be selected by applying a specific voltage on the AS input (see Table 3). APPLICATIONS * Multimedia TV tuners and front-ends * VCR tuners.
VERSION SOT266-1
1996 Dec 17
2
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
QUICK REFERENCE DATA SYMBOL VCC1 ICC1 fRF ViRF PARAMETER supply voltage supply current RF frequency range RF input voltage level 80 to 150 MHz 150 MHz to 1 GHz 1 to 1.4 GHz fXTAL INPN Tamb Tstg crystal oscillator frequency NPN open-collector output current operating ambient temperature IC storage temperature CONDITIONS - 64 -25 -28 -26 - - -20 -40 MIN. 4.5 - 22 - - - - 4 10 - - TYP.
TSA5523M
MAX. 5.5 30 1400 +3 +3 +3 - 15 +85 +150 V
UNIT mA MHz dBm dBm dBm MHz mA C C
1996 Dec 17
3
1996 Dec 17
handbook, full pagewidth
BLOCK DIAGRAM
Philips Semiconductors
RF1 IDC
19 fdiv DC/DC DRIVER 10 CP DIGITAL PHASE COMPARATOR DIVIDER 512/640/1024 AMP fref CHARGE BUMP 9 Vtune 8 15-BIT PROGRAMMABLE DIVIDER
RF2
18
PRESCALER DIVIDE-BY-8
XTAL
1
XTAL OSCOLLATOR
TSA5523M
RSB T2, T1, T0 15-BIT FREQUENCY REGISTER IN-LOCK DETECTOR LOCK OS LOGIC CP
RSA
POWER-ON RESET
1.4 GHz I2C-bus controlled multimedia synthesizer
4
RSA, RSB 8-BIT PORTS REGISTER 7-BIT CONTROL REGISTER GATE T2, T1, T0 BAND SWITCH 14 13 12 11 15 5 6 7 P3 P2 P1 P0 P6 P4 P5 P7
4
SCL
SDA
3
I2C-BUS TRANSCEIVER 20 16 VCC1 GND
AS
2
ADC
COMPARATORS
17
BS
MGG747
Product specification
TSA5523M
Fig.1 Block diagram.
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
PINNING SYMBOL XTAL AS SDA SCL P4 P5 P7 IDC Vtune CP P0 P1 P2 P3 P6 GND BS RF2 RF1 VCC1 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 DESCRIPTION crystal oscillator input address selection input serial data input/output serial clock input Port 4 NPN open-collector band-switch output Port 5 NPN open-collector band-switch output Port 7 NPN open-collector band-switch output DC/DC converter control I/O terminal tuning voltage output NPN open-collector I/O port Port 0 NPN open-collector I/O port Port 1 NPN open-collector I/O port Port 2 NPN open-collector I/O port Port 3 NPN open-collector output Port 6 NPN open-collector output/ADC input ground band-switch output to mixer/oscillator driver RF signal input 2 RF signal input 1 supply voltage (+5 V)
P7 7 IDC 8 Vtune 9 CP 10
MGG746
TSA5523M
handbook, halfpage
XTAL 1 AS 2 SDA 3 SCL 4 P4 5
20 VCC1 19 RF1 18 RF2 17 BS 16 GND
TSA5523M
P5 6 15 P6 14 P3 13 P2 12 P1 11 P0
Fig.2 Pin configuration.
1996 Dec 17
5
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
FUNCTIONAL DESCRIPTION The device is controlled via the two-wire For programming, there is one module address (7 bits) and the R/W bit for selecting the read or the write mode. Write mode: R/W = 0 (see Table 1) After the address transmission (first byte), data bytes can be sent to the device. Four data bytes are needed to fully program the device. The bus transceiver has an auto-increment facility which permits the programming of the device within one single transmission (address + 4 data bytes). The device can also be partially programmed providing that the first data byte following the address is Divider Byte 1 (DB1) or Control Byte (CB). The meaning of the bits in the data bytes is given in Table 1. I2C-bus.
TSA5523M
The first bit of the first data byte transmitted indicates whether frequency data (first bit = 0) or control and ports data (first bit = 1) will follow. Until an I2C-bus STOP condition is sent by the controller, additional data bytes can be entered without the need to re-address the device. The frequency register is loaded after the 8th clock pulse of the second Divider Byte (DB2), the control register is loaded after the 8th clock pulse of the control byte and the ports register is loaded after the 8th clock pulse of the Ports Byte (PB). I2C-bus address selection The module address contains programmable address bits (MA1 and MA0) which offer the possibility of having several synthesizers (up to 4) in one system by applying a specific voltage to the AS input. The relationship between MA1 and MA0 and the input voltage on the AS input is given in Table 2.
Table 1
I2C-bus data format DATA BYTES MSB 1 0 N7 1 P7 1 N14 N6 CP P6 0 N13 N5 T2 P5 0 N12 N4 T1 P4 0 N11 N3 T0 P3 MA1 N10 N2 RSA P2 MA0 N9 N1 RSB P1 LSB 0 N8 N0 OS P0 ACK A(1) A(1) A(1) A(1) A(1)
Address Byte (ADR) Divider Byte 1 (DB1) Divider Byte 2 (DB2) Control Byte (CB) Ports Byte (PB) Note 1. A = Acknowledge. Table 2 Explanation to Table 1 SYMBOL MA1 and MA0 N14 to N0 CP CP = 0 CP = 1 T2, T1 and T0 RSA and RSB OS OS = 0 OS = 1 P7 to P0 Pn = 0 Pn = 1
DESCRIPTION programmable address bits (see Table 3) programmable divider bits N = N14 x 214 + 213 + ... + N1 x 2 + N0 charge-pump current 50 A 250 A test bits; normal operation; T2 = 0, T1 = 0, T0 = 1 (see Table 4) reference divider ratio select bits (see Table 5) tuning amplifier control bit normal operation; tuning voltage is ON tuning voltage is OFF (high impedance), IDC output voltage is LOW NPN open-collector control bits output n is OFF output n is ON
1996 Dec 17
6
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
Table 3 Address selection INPUT VOLTAGE APPLIED TO PIN AS 0 V to 0.1VCC1 open-circuit or 0.2VCC1 to 0.3VCC1 0.4VCC1 to 0.6VCC1 0.9VCC1 to VCC1 Table 4 T2 0 0 1 1 1 1 Table 5 RSA X 0 1 Table 6 P7 1 1 0 1 Test bits T1 0 1 1 1 0 0 T0 1 X 0 1 0 1 DEVICE OPERATION normal mode charge-pump is OFF charge-pump is sinking current charge-pump is sourcing current fref is available on P6 output fdiv/2 is available on P6 output MA1 0 0 1 1 Read mode: R/W = 1 (see Table 7)
TSA5523M
MA0 0 1 0 1
Data can be read out of the device by setting the R/W bit to logic 1. After the slave address has been recognized, the device generates an acknowledge pulse and the first data byte (status byte) is transferred on the SDA line (MSB first). Data is valid on the SDA line during a HIGH level of the SCL clock signal. A second data byte can be read out of the device if the processor generates an acknowledge on the SDA line (master acknowledge). End of transmission will occur if no master acknowledge occurs. The device will then release the data line to allow the processor to generate a STOP condition. When Ports P0 to P2 are used as inputs, the corresponding bits must be logic 0 (high-impedance state). The Power-On Reset flag (POR) is set to logic 1 at power-on. It is reset when an end-of-data is detected by the device (end of a read sequence). Control of the loop is made possible with the in-lock flag FL (FL = 1) which indicates when the loop is locked. The bits I2, I1 and I0 represent the status of the I/O Ports P2, P1 and P0 respectively. A logic 0 indicates a LOW level and a logic 1 indicates a HIGH level (see threshold level in the "Characteristics"). A built-in ADC is available on pin P6. This converter can be used to feed AFC information to the controller from the IF section of the television. The relationship between bits A2, A1 and A0 is given in Table 9. At power-on, the device is reset as follows: all ports are set to the high-impedance state, except P4, P5 and P7 which are set to logic 1. The tuning amplifier is in the high-impedance state (OS = 1). The POR level is fixed to 3 x VBE (2.1 V typ.). If VCC1 goes below the POR level the circuit is reset.
Ratio select bits RSB 0 1 1 Band-switch output levels P5 1 0 1 1 P4 0 1 1 1 OUTPUT VOLTAGE ON PIN BS 0.25 V 0.4VCC1 0.8VCC1 VCC1 VCC1 PHILIPS M/O IC's BAND band A band B band C band C band C REFERENCE DIVIDER 640 1024 512
all other codes
1996 Dec 17
7
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
Table 7 Read data format BYTE Address Byte (ADB) Status Byte (SB) Notes 1. MSB is transmitted first. 2. A: Acknowledge. Table 8 Explanation to Table 7 SYMBOL POR FL I2, I1 and I0 A2, A1 and A0 Table 9 DESCRIPTION power-on reset flag (POR = 1 at power-on) in-lock flag (FL = 1 when the loop is phase-locked) digital levels for I/O ports P2, P1 and P0 respectively digital outputs of the 5-level ADC MSB (1) 1 POR 1 FL 0 I2 0 I1 0 I0 MA1 A2 MA0 A1
TSA5523M
LSB 1 A0
ACK A(2) -
Analog-to-digital converter levels; note 1 A2 1 0 0 0 0 A1 0 1 1 0 0 A0 0 1 0 1 0
VOLTAGE APPLIED ON PORT P6 0.6VCC1 to VCC1 0.45VCC1 to 0.6VCC1 0.3VCC1 to 0.45VCC1 0.15VCC1 to 0.3VCC1 0 to 0.15VCC1 Note 1. Accuracy is 0.03VCC1.
1996 Dec 17
8
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
LIMITING VALUES In according with the Absolute Maximum Rating System (IEC 134). SYMBOL ViRF VCC1 VoIDC VoNPN IoNPN VoCP Vo(tune) VoBS ViSCL Vi/oSDA IoSDA ViAS ViXTAL Tstg Tj(max) tsc PARAMETER prescaler input voltage supply voltage (+5 V) IDC output voltage NPN open-collector output voltage NPN open-collector output current charge-pump output voltage tuning voltage output band-switch output voltage serial clock input voltage serial data input/output voltage data output current address selection input voltage crystal input voltage IC storage temperature maximum junction temperature short-circuit time every pin to VCC1 or GND see Fig.3 CONDITIONS MIN. -0.3 -0.3 -0.3 -0.3 -1 -0.3 -0.3 -0.3 -0.3 -0.3 -1 -0.3 -0.3 -40 - -
TSA5523M
MAX. VCC1 +6 VCC1 +16 +15 VCC1 +40 VCC1 +6 +6 +5 VCC1 VCC1 +150 +150 10 V V V V
UNIT
mA V V V V V mA V V C C s
handbook, halfpage
3
MGG751
Imax (mA) 2
1
0 0 20 40 60 Vtune (V) 80
Fig.3 Rating power on Vtune output pin.
1996 Dec 17
9
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
HANDLING
TSA5523M
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling bipolar devices. Every pin withstands the ESD test in accordance with "MIL-STD-883C category B" (2000 V). Every pin withstands the EDS test in accordance with Philips Semiconductors Machine Model 0 , 200 pF (200 V). THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient in free air VALUE 120 UNIT K/W
CHARACTERISTICS VCC1 = 4.5 to 5.5 V; Tamb = -20 to +85 C; see note 1; unless otherwise specified. SYMBOL General VCC1 ICC1 VPORth Tamb fiRF N supply voltage supply current power-on reset threshold voltage operating ambient temperature RF input frequency divider ratio 15-bit frequency word RXTAL = 25 to 200 f = 4 MHz series capacitor = 18 pF; crystal Philips 4333 1430 4881 VCC1 = 5 V Tamb = 25 C slope is -6 mV/C 4.5 - 1.5 -20 64 256 - 22 2.0 - - - 5.5 30 - +85 1400 32767 V mA V C MHz - PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
XTAL oscillator fXTAL ZXTAL DLXTAL(p-p) frequency range input impedance drive level on pin XTAL (peak-to-peak value) 3.2 600 - 4.0 1200 110 4.48 - - MHz mV
Prescaler VRFin input level VCC1 = 4.5 to 5.5 V; Tamb = -20 to +85 C; see Fig.4 f = 80 to 150 MHz f = 150 to 1000 MHz f = 1000 to 1400 MHz ZiRF input impedance see Fig.5 -25 -28 -26 - - - - - +3 +3 +3 - dBm dBm dBm
1996 Dec 17
10
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
SYMBOL PARAMETER CONDITIONS - - - - - - MIN. - - - 0.2 0.2 - TYP.
TSA5523M
MAX.
UNIT A A V V V nF
NPN open-collector outputs P7 to P0; note 2 ILI VcesatN leakage current leakage current P4, P5, P7 output saturation voltage on Ports P4, P5 and P7 output saturation voltage CPn VCC1 = 5.5 V; Vo = 13.5 V VCC1 = 5.5 V; Vo = 1.5 V Isink = 100 A Isink = 10 mA Isink = 2 mA allowed capacitive loading on VPn = 5.5 V output pins 10 1 0.2 0.4 0.3 10
Input ports P2, P1 and P0; note 3 VIL VIH IIL IIH IIH IIL VIL VIH IIH IIL fCLK LOW level input voltage HIGH level input voltage LOW level input current HIGH level input current Vi = 0 V VCC1 = 5.5 V; Vo = 13.5 V VIH = VCC1 VIL = 0 V - 3 -10 - - -50 - 3.0 VIH = 5.5 V; VCC1 = 0 V VIH = 5.5 V; VCC1 = 5.5 V LOW level input current clock frequency VIL = 0 V; VCC1 = 5.5 V - - -10 - - - - 0.36VCC1 0.7VCC1 3.1 - - - - - - - - - - - 100 - - 1.5 - - 10 V V A A A A
AS input (Address Selection) HIGH level input current LOW level input current 50 -
SCL and SDA inputs LOW level input voltage HIGH level input voltage HIGH level input current 1.5 5.5 10 10 - 400 V V A A A kHz A V
SDA output (I2C-bus mode) ILI VoSDA VoBSA VoBSB VoBSC IDC output VIDCoff IoIDC Gt voltage to switch-off DC/DC converter driver IDC output current transfer gain Rext = 100 k I9 = 100 A VCC1 - 0.5 - -10 - - 1000 VCC1 +100 - V A A/V leakage current output voltage VSDA = 5.5 V Isink = 3 mA IL = 20 A IL = 20 A IL = 20 A IL = 50 A 10 0.4
BS output (mixer/oscillator IC band selection) output voltage for band A output voltage for band B output voltage for band C 0.25 0.4VCC1 0.8VCC1 - 0.5 0.43VCC1 0.9VCC1 - V V V V
1996 Dec 17
11
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
SYMBOL IIH IIL VoCP ILIos PARAMETER CONDITIONS - - - -5 - 0.3 MIN. TYP.
TSA5523M
MAX. - - - +15
UNIT A A V nA A V
Charge-pump output CP HIGH level input current (absolute value) LOW level input current (absolute value) output voltage off-state leakage current CP = 1 CP = 0 in-lock; Tamb = 25 C T2 = 0; T1 = 1 250 50 1.95 +1 - -
Tuning voltage output; Vtune I9(off) Vo9 leakage current when switched-off output voltage when the loop is closed tuning amplifier bias current acceptable ripple voltage on VCC1 (peak-to-peak value) OS = 1; Vtune = 33 V OS = 0; T2 = 0; T1 = 0; T0 = 1; RL = 27 k; Vtune = 33 V DC/DC converter loop is active fripple = 20 Hz to 500 kHz; note 4 10 32.7
Ibias Vripple(p-p) Notes
70 -
100 -
130 30
A mV
1. When a port is active, the collector voltage must not exceed 6 V. 2. All other ports are switched ON with 10 mA during test. 3. When a port is used as input port, the corresponding bit must be programmed to the high-impedance state. 4. FM deviation is 2 kHz (max).
handbook, halfpage
12 Ptot
MGG752
(dBm) 0
-12
-24
-36
-48
0
0.5
1.0
f (GHz)
1.5
Fig.4 Prescaler typical input sensitivity curve (pin 2).
1996 Dec 17
12
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
TSA5523M
handbook, full pagewidth
1 0.5 2
0.2
5 10
+j 0 -j
0.2
0.5
1
2
5
10
100 MHz 10
0.2 1 GHz 1.3 GHz
500 MHz
5
0.5 1
2
MGG753
Fig.5 Prescaler Smith chart (S11) of typical input impedance (ZL = 50 ; pin 2).
APPLICATION INFORMATION Tuning amplifier The tuning amplifier is able to drive the varicap voltage without an external transistor. The Vtune output must be connected to an external load of 27 k connected to the tuning voltage supply. Figures 6 and 7 illustrate a possible loop filter. The component values depend on the oscillator characteristics and the selected reference frequency.
Crystal oscillator The crystal oscillator uses a 4.0 MHz crystal in series with an 18 pF capacitor. The crystal operates in the series resonance mode. The connection to VCC1 is preferred, but it can also be connected to GND.
1996 Dec 17
13
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
TSA5523M
handbook, full pagewidth
Vtune 10 nF
27 k
2.2 nF P0 P1 P2 P3 P6 GND BS RF RF +5 V 10 nF 18 pF 1 nF 1 nF BS RF2 RF1 VCC1 CP Vtune IDC P7 P5 P4 SCL SDA AS XTAL 200 k BC847 10 nF 4 MHz
MGG749
100 nF 22 k 27 k
P0 P1 P2 P3 P6
11 12 13 14 15
10 9 8 7 6 TSA5523M 5 4 3 2 1
10 nF
33 nF BAV99 UHF VHFH VHFL SCL SDA AS 1 mH 56 33 nF +5 V 4.7 nF 1 mH 220 pF
16 17 18 19 20
2 nF
Fig.6 Typical application with DC/DC converter.
handbook, full pagewidth
Vtune 10 nF
27 k
2.2 nF P0 P1 P2 P3 P6 GND BS RF RF +5 V 10 nF 18 pF 1 nF 1 nF BS RF2 RF1 VCC1 CP Vtune IDC P7 P5 P4 SCL SDA AS XTAL 100 nF 27 k +33 V +5 V UHF VHFH VHFL SCL SDA AS
P0 P1 P2 P3 P6
11 12 13 14 15
10 9 8 7 6 TSA5523M 5 4 3 2 1
16 17 18 19 20
4 MHz
MGG750
Fig.7 Standard application.
1996 Dec 17
14
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
TSA5523M
handbook, full pagewidth
3 k XTAL 1
VCC1
20
VCC1
VCC1
VCC1 to prescaler 19 RF1
AS
2
1 k
Vref
VCC1 AS VCC 1 k 18 RF2
SDA
3
VCC1 VCC 1 k
VCC1 17 BS
TSA5523M
SCL
4
P4
5
VCC1 16 GND
VCC1 6 VCC1
VCC1
15
P6
P5
x4 VCC1 P7 7 VCC1 14 P3
VCC1 VCC1 IDC 8 VCC1 VCC1 13 P2
Vtune
9 VCC1 CONTROL VCC1 12 P1
VCC1 DOWN 10 CP UP
VCC1
VCC1
11 P0
MGG748
Fig.8 Input/output pin schematic.
1996 Dec 17
15
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
PACKAGE OUTLINE SSOP20: plastic shrink small outline package; 20 leads; body width 4.4 mm
TSA5523M
SOT266-1
D
E
A X
c y HE vM A
Z
20
11
Q A2 pin 1 index A1 (A 3) Lp L A
1
e bp
10
detail X wM
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.5 A1 0.15 0 A2 1.4 1.2 A3 0.25 bp 0.32 0.20 c 0.20 0.13 D (1) 6.6 6.4 E (1) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.45 Q 0.65 0.45 v 0.2 w 0.13 y 0.1 Z (1) 0.48 0.18 10 0o
o
Note 1. Plastic or metal protrusions of 0.20 mm maximum per side are not included. OUTLINE VERSION SOT266-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 90-04-05 95-02-25
1996 Dec 17
16
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all SSOP packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering Wave soldering is not recommended for SSOP packages. This is because of the likelihood of solder bridging due to closely-spaced leads and the possibility of incomplete solder penetration in multi-lead devices.
TSA5523M
If wave soldering cannot be avoided, the following conditions must be observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow and must incorporate solder thieves at the downstream end. Even with these conditions, only consider wave soldering SSOP packages that have a body width of 4.4 mm, that is SSOP16 (SOT369-1) or SSOP20 (SOT266-1). During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1996 Dec 17
17
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TSA5523M
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
1996 Dec 17
18
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia synthesizer
NOTES
TSA5523M
1996 Dec 17
19
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 1949 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580/xxx France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, MUMBAI 400 018, Tel. +91 22 4938 541, Fax. +91 22 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 247 9145, Fax. +7 095 247 9144 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: PHILIPS TAIWAN Ltd., 23-30F, 66, Chung Hsiao West Road, Sec. 1, P.O. Box 22978, TAIPEI 100, Tel. +886 2 382 4443, Fax. +886 2 382 4444 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1996
Internet: http://www.semiconductors.philips.com
SCA52
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
537021/1200/01/pp20
Date of release: 1996 Dec 17
Document order number:
9397 750 01313


▲Up To Search▲   

 
Price & Availability of TSA5523M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X