Part Number Hot Search : 
MC10E111 CPT40040 2SK3299 T54FCT MTA106D 2SA1474 LPC2361 PG1250
Product Description
Full Text Search
 

To Download SW65-0313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
V 8.00
SW65-0313
Features
n n n n n n n n
SO-16
Typical Isolation: 30 dB (2,000 MHz) Typical Insertion Loss: .75 dB (2,000 MHz) ASIC TTL/CMOS Driver Plastic, 50 mil Pitch, SOIC-16 Low DC Power Consumption 50 Ohm Nominal Impedance Tape and Reel Packaging Available Test Boards Available
Description
M/A-COM's SW65-0313 is a GaAs MMIC absorptive SP2T switch with an integral silicon ASIC driver. This device is in a 16-lead plastic package. This switch offers excellent broadband performance and repeatability from DC to 3 GHz, while maintaining low DC power dissipation. The SW65-0313 is ideally suited for wireless infrastructure applications. Also available in a ceramic package with improved performance.
Package outline conforms to JEDEC standard MS-012AC.
Electrical Specifications: TA = 25C
Parameter Insertion Loss Test Conditions DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz 10%/90%, 90%/10% 1 50% TTL to 90%/10% RF In-band (peak to peak) .05 GHz .5 - 3.0 GHz Two tone inputs 0.05 GHz Up to +5 dBm 0.5 - 3.0 GHz -- -- VCC = +5.0V VEE = -5.0V Iin = 20 A max Iin = 20 A max Units dB dB dB dB dB dB -- -- -- nS nS mV dBm dBm dBm dBm V V mA mA V V Min -- -- -- 35 27 21 -- -- -- -- -- -- -- -- -- -- +4.5 -8.0 -- -- 0.0 2.0 Typical 0.6 0.75 1.2 38 30 24 1.2:1 1.3:1 1.7:1 15 50 50 +25 +30 +40 +46 +5.0 -5.0 0.2 -0.2 -- -- Max 0.75 0.90 1.45 -- -- -- 1.3:1 1.4:1 1.9:1 50 150 150 -- -- -- -- 5.5 -4.75 6 -1 0.8 5.0
Isolation (All arms off) VSWR
Trise Tfall Ton Toff Transients 1 dB Compression Input IP3 VCC VEE ICC IEE Logic "0" Logic "1"
1. Decoupling capacitors (.01 F) are required on the power supply lines.
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313
V 8.00
Pin Configuration 2
Pin # 1 2 3 4 5 6 7 8 Function VEE N/C GND N/C GND RF2 GND GND Pin # 9 10 11 12 13 14 15 16 Function RFC GND RF1 GND N/C GND VCC C1
Recommended PCB Layout
2. N/C = No Connection
Absolute Maximum Ratings 3,4
Parameter Max. Input Power 0.05 GHz 0.5 - 3.0 GHz Bias Voltages VEE VCC Control Voltage 5 Operating Temperature Storage Temperature 3. 4. 5. Absolute Maximum +27 dBm +34 dBm -8.5V +5.5V -0.5V to VCC +0.5V -40C to +85C C1 -65C to +125C 0 1 RF1 On Off RF2 Off On
Truth Table
Operation of this device above any one of these parameters may cause permanent damage. When the RF input is applied to the terminated port, the absolute maximum power is +30 dBm. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz Typical Performance Curves
SW65-0313
V 8.00
Typical Insertion Loss (dB)
+25C 1.5 +85C -40C
2.0 1.8
Typical VSWR
OFF ON
Loss (dB)
1.0
VSWR (dB)
1.6 1.4 1.2
0.5
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Typical Isolation (dB)
80 70
Ordering Information
Part Number SW65-0313 SW65-0313TR SW65-0313-TB Package Bulk Packaging Tape and Reel (1K Reel) Units Mounted on Test Board
Isolation (dB)
60 50 40 30 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of SW65-0313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X