Part Number Hot Search : 
74AVC SG6741SY SC16426 KBP201 HV5622 SST12 645TS MAX9888
Product Description
Full Text Search
 

To Download PC8172XNSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC8172XNSZ Series
PC8172XNSZ Series
I Features
1. Low input current type. (IF=0.1mA) 2. High resistance to noise due to high common rejection voltage. (CMR:MIN. 10kV/s) 3. Compact dual-in line package. 4. Isolation voltage. (Viso (rms) :5kV)
Low Input Current Type Photocoupler
I Outline Dimensions
Anode mark 1.20.3 0.60.2
(Unit : mm)
8172
2 3
1. Programmable controllers. 2. Facsimiles. 3. Telephones.
6.50.5
7.620.3
2.540.25
I Applications
4.580.5
1
4
4.580.5 0.5TYP. 3.50.5 2.70.5
I Absolute Maximum Ratings
Parameter Symbol IF Forward current *1 Peak forward current IFM Input VR Reverse voltage Power dissipation P Collector-emitter voltage VCEO Emitter-collector voltage VECO Output IC Collector current PC Collector power dissipation Total power dissipation Ptot Operating temperature Topr Tstg Storage temperature *2 Viso (rms) Isolation voltage *3 Soldering temperature Tsol
*1 Pulse width100s, Duty ratio=0.001 *2 40 to 60%RH, AC for 1 minute, f=60Hz *3 For 10s
Rating 10 200 6 15 70 6 50 150 170 -30 to +100 -55 to +125 5 260
(Ta=25C) Unit mA mA V mW V V mA mW mW C C kV C
Epoxy resin 0.260.1 : 0 to 13
0.50.1
Internal connection diagram
1 4 1 2 3 2 3 4
Anode Cathode Emitter Collector
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
3.00.5
PC8172XNSZ Series I Electro-optical Characteristics
Parameter Symbol Forward voltage VF Reverse current IR Ct Terminal capacitance ICEO Collector dark current Collector-emitter breakdown voltage BVCEO Emitter-collector breakdown voltage BVECO Collector current IC Collector-emitter saturation voltage VCE (sat) RISO Isolation resistance Cf Floating capacitance tr Rise time Response time tf Fall time
*4
Transfer characteristics
Conditions IF=5mA VR=4V V=0, f=1kHz VCE=50V, IF=0 IC=0.1mA, IF=0 IE=10A, IF=0 IF=0.1mA, VCE=5V IF=5mA, IC=1mA DC500V 40 to 60%RH V=0, f=1MHz VCE=2V, IC=2mA, RL=100 Ta=25C, RL=470, VCM=1.5kV (peak), IF=0mA, VCC=9V, Vnp=100mV
MIN. - - - - 70 6 0.1 - 5x1010 - - - 10
TYP. 1.2 - 30 - - - - 0.1 1x1011 0.6 4 3 -
MAX. 1.4 10 250 100 - - 0.5 0.3 - 1.0 18 18 -
(Ta=25C) Unit V A pF nA V V mA V pF s s kV/s
Output
Input
Common mode rejection voltage
CMR
*4 Refer to Fig.1.
Fig.1 Test Circuit for Common Mode Rejection Voltage
(dV/dt)
VCM RL Vnp VCC 1) Vcp Vnp
VCM
VCM : High wave VO pulse (Vcp Nearly = dV/dtxCfxRL) RL=470 1) Vcp : Voltage which is generated by displacement current in floating VCC=9V capacitance between primary and secondary side.
Fig.2 Forward Current vs. Ambient Temperature
Fig.3 Diode Power Dissipation vs. Ambient Temperature
10
Diode power dissipation P (mW)
15
Forward current IF (mA)
10
5
5
0 -30
0
25
50
75
100
125
0 -30
0
25
50
75
100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
PC8172XNSZ Series Fig.4 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation PC (mW)
Fig.5 Total Power Dissipation vs. Ambient Temperature
Total power dissipation Ptot (mW)
200
200 170 150
150
100
100
50
50
0 -30
0
25
50
75
100
125
0 -30
0
25
50
75
100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Fig.6 Peak Forward Current vs. Duty Ratio
2 000 Peak forward current IFM (mA) 1 000 500 Pulse width 100s Ta=25C
200 100 50
20 10
5 10
-3
2
5 10
-2
2
5 10
-1
2
5
1
Duty ratio
NOTICE
q
The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: - - - Personal computers - -- Office automation equipment - -- Telecommunication equipment [terminal] - - - Test and measurement equipment - - - Industrial control - -- Audio visual equipment - -- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: - -- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) - - - Traffic signals - - - Gas leakage sensor breakers - - - Alarm equipment - -- Various safety devices, etc. (iii)SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: - - - Space applications - -- Telecommunication equipment [trunk lines] - -- Nuclear power control equipment - -- Medical and other life support equipment (e.g., scuba).
q
q
q
Contact a SHARP representative in advance when intending to use SHARP devices for any "specific" applications other than those recommended by SHARP or when it is unclear which category mentioned above controls the intended use. If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Control Law of Japan, it is necessary to obtain approval to export such SHARP devices. This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
q
q
q


▲Up To Search▲   

 
Price & Availability of PC8172XNSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X