Part Number Hot Search : 
81150A LTC2910 FZT649TC CDRH8D43 10150C AD7684 MAJ17 SMS3404
Product Description
Full Text Search
 

To Download MAX999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1129; Rev 5; 2/07
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators
_________________General Description
The MAX961-MAX964/MAX997/MAX999 are low-power, ultra-high-speed comparators with internal hysteresis. These devices are optimized for single +3V or +5V operation. The input common-mode range extends 100mV Beyond-the-RailsTM, and the outputs can sink or source 4mA to within 0.52V of GND and V CC . Propagation delay is 4.5ns (5mV overdrive), while supply current is 5mA per comparator. The MAX961/MAX963/MAX964 and MAX997 have a shutdown mode in which they consume only 270A supply current per comparator. The MAX961/MAX963 provide complementary outputs and a latch-enable feature. Latch enable allows the user to hold a valid comparator output. The MAX999 is available in a tiny SOT23-5 package. The single MAX961/MAX997 and dual MAX962 are available in space-saving 8-pin MAX(R) packages.
____________________________Features
Ultra-Fast, 4.5ns Propagation Delay Ideal for +3V and +5V Single-Supply Applications Beyond-the-Rails Input Voltage Range Low, 5mA Supply Current (MAX997/MAX999) 3.5mV Internal Hysteresis for Clean Switching Output Latch (MAX961/MAX963) TTL/CMOS-Compatible Outputs 270A Shutdown Current per Comparator (MAX961/MAX963/MAX964/MAX997) Available in Space-Saving Packages: 5-Pin SOT23 (MAX999) 8-Pin MAX (MAX961/MAX962/MAX997) 16-Pin QSOP (MAX964)
MAX961-MAX964/MAX997/MAX999
________________________Applications
Single 3V/5V Systems Portable/Battery-Powered Systems Threshold Detectors/Discriminators GPS Receivers Line Receivers Zero-Crossing Detectors High-Speed Sampling Circuits
_______________Ordering Information
PART MAX961ESA MAX961EUA-T MAX962ESA MAX962EUA-T MAX963ESD MAX964ESE MAX964EEE MAX997ESA MAX997EUA-T PIN-PACKAGE 8 SO 8 MAX-8 8 SO 8 MAX-8 14 SO 16 Narrow SO 16 QSOP 8 SO 8 MAX-8 TOP MARK -- -- -- -- -- -- -- -- -- PKG CODE S8-2 U8-1 S8-2 U8-1 S14-1 S16-1 E16-1 S8-2 U8-1
______________________Selector Guide
COMPLEMENTARY OUTPUT NO. OF COMPARATORS PIN-PACKAGE
SHUTDOWN
LATCH ENABLE
MAX999EUA-T 5 SOT23-5 -- U5-1 Note: All devices are specified over the -40C to +85C operating temperature range.
PART
__________________Pin Configurations
TOP VIEW
Q1 5 VCC
MAX961 MAX962 MAX963 MAX964 MAX997 MAX999
1 2 2 4 1 1
Yes No Yes No No No
Yes No Yes Yes Yes No
Yes No Yes No No No
8 SO/MAX 8 SO/MAX 14 SO 16 SO/QSOP 8 SO/MAX 5 SOT23
IN+ 3 4 INGND 2
MAX999
SOT23-5 Pin Configurations continued at end of data sheet. 1
Beyond-the-Rails is a trademark and MAX is a registered trademark of Maxim Integrated Products, Inc.
________________________________________________________________ Maxim Integrated Products
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC to GND................................... -0.3V to +6V All Other Pins..............................................-0.3V to (VCC + 0.3V) Current into Input Pins ......................................................20mA Duration of Output Short Circuit to GND or VCC .......Continuous Continuous Power Dissipation (TA = +70C) 5-Pin SOT23 (derate 7.1mW/C above +70C).......571mW/C 8-Pin SO (derate 5.88mW/C above +70C)...........471mW/C 8-Pin MAX (derate 4.10mW/C above +70C) ......330mW/C 14-Pin SO (derate 8.33mW/C above +70C).........667mW/C 16-Pin SO (derate 8.70mW/C above +70C).........696mW/C 16-Pin QSOP (derate 8.33mW/C above +70C)....667mW/C Operating Temperature Range MAX96_E/MAX99_E.........................................-40C to +85C Storage Temperature Range ............................ -65C to +160C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted.) (Note 1) PARAMETER Supply Voltage Input Common-Mode Voltage Range SYMBOL VCC VCMR CONDITIONS Inferred by PSRR (Note 2) VCM = - 0.1V or 5.1V, VCC = 5V (Note 3) MAX, SOT23 All other packages MAX, SOT23 All other packages MAX, SOT23 All other packages 2.1 3 RIND RINCM VCC = 5V VCC = 5V VCC = 5V, VCM = -0.1V to 5.1V (Note 5) MAX, SOT23 All other packages VCC - 0.52 0.52 30 60 8 130 0.1 0.1 0.05 0.3 0.3 0.3 VCC - 0.52 0.52 1.0 mV/V 0.5 0.3 mV/V V V mA TA = +25C MIN 2.7 -0.1 2.0 2.0 3.5 VCM = - 0.1V or 5.1V, VCC = 5V (Note 4) VIN+ = VIN- = 0V or VCC, VCC = 5V 0.5 0.5 1.5 1.5 15 15 4.5 mV 2.0 30 A 15 V pF k k TYP MAX 5.5 VCC + 0.1 3.5 3.5 TMIN to TMAX MIN 2.7 -0.1 MAX 5.5 VCC + 0.1 6.5 mV 4.0 mV UNITS V V
Input-Referred Trip Points
VTRIP
Input-Referred Hysteresis
Input Offset Voltage
VOS
Input Bias Current
IB
Differential Input Clamp Voltage Input Capacitance Differential Input Impedance Common-Mode Input Impedance
VCC = 5.5V, VIN- = 0V, IIN+ = 100A
Common-Mode Rejection Ratio
CMRR
Power-Supply Rejection Ratio Output High Voltage Output Low Voltage Capacitive Slew Current
PSRR VOH VOL
VCM = 0V (Note 6) ISOURCE = 4mA ISINK = 4mA VOUT = 1.4V, VCC = 2.7V
2
_______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted.) (Note 1) PARAMETER Output Capacitance Supply Current per Comparator Shutdown Supply Current per Comparator Shutdown Output Leakage Current Rise/Fall Time Logic Input High Logic Input Low Logic Input Current Propagation Delay Differential Propagation Delay Propagation-Delay Skew Data-to-Latch Setup Time Latch-to-Data Hold Time Latch Pulse Width Latch Propagation Delay Shutdown Time Shutdown Disable Time tR, tF VIH VIL IIL, IIH tPD tPD tSKEW tSU tH tLPW tLPD tOFF tON VLOGIC = 0V or VCC 5mV overdrive (Note 7) Between any two channels or outputs (Q/Q) Between tPD- and tPD+ MAX961/MAX963 (Note 8) MAX961/MAX963 (Note 8) MAX961/MAX963 (Note 8) MAX961/MAX963 (Note 8) Delay until output is high-Z (>10k) Delay until output is valid 150 250 4.5 0.3 0.3 5 5 5 10 5 5 5 10 MAX961/MAX963, VCC = 5V ICC MAX962/MAX964, VCC = 5V MAX997/MAX999, VCC = 5V ISHDN MAX961/MAX963/MAX964/ MAX997, VCC = 5V MAX961/MAX963/MAX964/ MAX997, VOUT = 0.5V and VCC - 0.5V VCC = 5V (VCC / 2) + 0.4 (VCC / 2) - 0.4 15 7 2.3 (VCC / 2) + 0.4 (VCC / 2) - 0.4 30 8.5 SYMBOL CONDITIONS TA = +25C MIN TYP 4 7.2 5 5 0.27 11 8 6.5 0.5 11 9 6.5 0.5 mA mA MAX TMIN to TMAX MIN MAX UNITS pF
MAX961-MAX964/MAX997/MAX999
1
20
A ns V V A ns ns ns ns ns ns ns ns ns
Note 1: The MAX961EUA/MAX962EUA/MAX997EUA/MAX999EUK are 100% production tested at TA = +25C; all temperature specifications are guaranteed by design. Note 2: Inferred by CMRR. Either input can be driven to the absolute maximum limit without false output inversion, provided that the other input is within the input voltage range. Note 3: The input-referred trip points are the extremities of the differential input voltage required to make the comparator output change state. The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis zone. (See Figure 1.) Note 4: Input offset voltage is defined as the mean of the trip points. Note 5: CMRR = (VOSL - VOSH) / 5.2V, where VOSL is the offset at VCM = -0.1V and VOSH is the offset at VCM = 5.1V. Note 6: PSRR = (VOS2.7 - VOS5.5) / 2.8V, where VOS2.7 is the offset voltage at VCC = 2.7V, and VOS5.5 is the offset voltage at VCC = 5.5V. Note 7: Propagation delay for these high-speed comparators is guaranteed by design characterization because it cannot be accurately measured using automatic test equipment. A statistically significant sample of devices is characterized with a 200mV step and 100mV overdrive over the full temperature range. Propagation delay can be guaranteed by this characterization, since DC tests ensure that all internal bias conditions are correct. For low overdrive conditions, VTRIP is added to the overdrive. Note 8: Guaranteed by design.
_______________________________________________________________________________________
3
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
__________________________________________Typical Operating Characteristics
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25C, unless otherwise noted.)
PROPAGATION DELAY vs. INPUT OVERDRIVE
MAX997toc01
PROPAGATION DELAY vs. TEMPERATURE
MAX997toc0202
PROPAGATION DELAY vs. CAPACITIVE LOAD
MAX997toc03
7.5 7.0 PROPAGATION DELAY (ns) 6.5 6.0 5.5 5.0 4.5 tPD4.0 3.5 0 tPD+
6.8 6.6 PROPAGATION DELAY (ns) 6.4 6.2 6.0 5.8 5.6 5.4 5.2 5.0 tPD+ tPD-
8
PROPAGATION DELAY (ns)
7 tPD6 tPD+ 5
4 -40 -20 0 20 40 60 85 0 20 40 60 80 100 120 TEMPERATURE (C) CAPACITIVE LOAD (pF)
10 20 30 40 50 60 70 80 90 100 INPUT OVERDRIVE (mV)
PROPAGATION DELAY vs. SUPPLY VOLTAGE
MAX997toc04
OUTPUT HIGH VOLTAGE vs. SOURCE CURRENT
TA = +85C TA = +25C TA = -40C VOL (V)
MAX997toc05
OUTPUT LOW VOLTAGE vs. SINK CURRENT
MAX997toc06
6.0
2.80 2.75 2.70
0.5
PROPAGATION DELAY (ns)
0.4 TA = -40C TA = +25C TA = +85C
5.5
VOH (V)
0.3
tPD-
2.65 2.60
0.2
tPD+ 5.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 SUPPLY VOLTAGE (V)
2.55 2.50 1 10 100 1000 10,000 SOURCE CURRENT (A)
0.1 0 1 10 100 1000 10,000 SINK CURRENT (A)
MAX961/MAX963 SUPPLY CURRENT PER COMPARATOR vs. SUPPLY VOLTAGE
MAX997toc07A
MAX962/MAX964 SUPPLY CURRENT PER COMPARATOR vs. SUPPLY VOLTAGE
MAX997toc07B
MAX997/MAX999 SUPPLY CURRENT PER COMPARATOR vs. SUPPLY VOLTAGE
MAX9997toc7C
8.0
7
9 8 SUPPLY CURRENT (mA) 7 6 TA = +85C 5 4 TA = -40C TA = +25C
SUPPLY CURRENT (mA)
7.0
TA = +85C TA = +25C
SUPPLY CURRENT (mA)
7.5
6
5
TA = +85C TA = +25C TA = -40C
6.5
TA = -40C
4
6.0 2 3 4 SUPPLY VOLTAGE (V) 5 6
3 2 3 4 SUPPLY VOLTAGE (V) 5 6
3 2 3 4 SUPPLY VOLTAGE (V) 5 6
4
_______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25C, unless otherwise noted.)
MAX961/MAX963/MAX964/MAX997 SHUTDOWN SUPPLY CURRENT vs. TEMPERATURE
MAX997toc08
VOLTAGE TRIP POINT/INPUT OFFSET VOLTAGE vs. TEMPERATURE
MAX997toc09
VOLTAGE TRIP POINT/INPUT OFFSET VOLTAGE vs. SUPPLY VOLTAGE
3 TRIP POINT / VOS (mV) 2 1 0 -1 -2 VOS VTRIP+
MAX997toc10
310 SHUTDOWN SUPPLY CURRENT (A) VCC = 5.0V
3 2 TRIP POINT / VOS (mV) 1 VOS 0 -1 -2 VTRIP-3 VTRIP+
4
260
210
160 VCC = 2.7V
110
-3 -4 20 40 60 85 2 3 4
VTRIP-
60 -40 -20 0 20 40 60 80 TEMPERATURE (C)
-40
-20
0
5
6
TEMPERATURE (C)
SUPPLY VOLTAGE (V)
INPUT BIAS CURRENT (IB+, IB-) vs. COMMON-MODE VOLTAGE
MAX997toc11
8 6 4 IB+, IB- (A) 2 0 -2 -4 -6 -8 -1 0 1 2 3 4 5 6 VCM (V) TA = -40C TA = +85C TA = +25C VCC = 5.0V VIN = VOS NEGATIVE VALUES REPRESENT CURRENT FLOWING INTO THE DEVICE
INPUT BIAS CURRENT/INPUT OFFSET CURRENT vs. TEMPERATURE
INPUT BIAS/OFFSET CURRENT (A) IB3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -0.5 -40 -20 0 20 40 60 80 TEMPERATURE (C) IOS IB+
MAX997toc12
SHORT-CIRCUIT OUTPUT CURRENT vs. TEMPERATURE
OUTPUT SHORTED TO VCC (SINKING)
MAX997toc13
4.0
140 SHORT-CIRCUIT CURRENT (mA) 120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 TEMPERATURE (C) OUTPUT SHORTED TO GND (SOURCING)
50MHz RESPONSE
VIN = 100mVP-P VOS
MAX997toc14
INPUT 50mV/div
OUTPUT 1V/div GND
5ns/div
_______________________________________________________________________________________
5
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25C, unless otherwise noted.)
PROPAGATION DELAY (tPD+)
GND INPUT 50mV/div GND
PROPAGATION DELAY (tPD-)
MAX997toc16
MAX997toc15
INPUT 50mV/div
OUTPUT 1V/div GND 5ns/div GND 5ns/div
OUTPUT 1V/div
______________________________________________________________Pin Description
PIN MAX997 1, 5 2 3 -- 4 -- -- -- MAX999 -- 4 3 -- 2 -- -- -- MAX961 -- 2 1 4 5 -- -- -- MAX962 -- 2 1 -- 5 -- 4 3 MAX963 -- 1 2 3, 5 4, 11 -- 6 7 -- -- -- -- 8 9 -- -- 10 12 13 14 MAX964 -- 1 2 -- 12 16 3 4 5 6 7 8 9 14 11 10 -- 13 15 -- NAME N.C. IN-, INALE, LEA, LEB GND N.C. INBINB+ INCINC+ INDIND+ SHDN QB QC QD QB VCC Q, QA Q, QA FUNCTION No Connection. Not internally connected. Comparator A Inverting Input Latch-Enable Input. The output latches when LE_ is high. The latch is transparent when LE_ is low. Ground No Connection. Connect to GND to prevent parasitic feedback. Comparator B Inverting Input Comparator B Noninverting Input Comparator C Inverting Input Comparator C Noninverting Input Comparator D Inverting Input Comparator D Noninverting Input Shutdown Input. The device shuts down when SHDN is high. Comparator B Output Comparator C Output Comparator D Output Comparator B Complementary Output Positive Supply Input (VCC to GND must be 5.5V) Comparator A TTL Output Comparator A Complementary Output
IN+, INA+ Comparator A Noninverting Input
-- --
--
-- --
--
-- --
--
-- -- --
--
--
8 -- -- -- -- 7 6 --
--
-- -- -- -- -- 5 1 --
--
3 -- -- -- -- 8 6 7
--
6
-- -- --
8 7
--
6
_______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators
_______________Detailed Description
The MAX961-MAX964/MAX997/MAX999 single-supply comparators feature internal hysteresis, ultra-highspeed operation, and low power consumption. Their outputs are guaranteed to pull within 0.52V of either rail without external pullup or pulldown circuitry. Beyondthe-Rails input voltage range and low-voltage, singlesupply operation make these devices ideal for portable equipment. These comparators all interface directly to CMOS logic. voltage to move quickly past the other, thus taking the input out of the region where oscillation occurs. Standard comparators require hysteresis to be added with external resistors. The fixed internal hysteresis eliminates these resistors. The MAX961/MAX963 include internal latches that allow storage of comparison results. LE has a high input impedance. If LE is low, the latch is transparent (i.e., the comparator operates as though the latch is not present). The comparator's output state is stored when LE is pulled high. All timing constraints must be met when using the latch function (Figure 2).
MAX961-MAX964/MAX997/MAX999
Timing
Most high-speed comparators oscillate in the linear region because of noise or undesirable parasitic feedback. This can occur when the voltage on one input is close to or equal to the voltage on the other input. These devices have a small amount of internal hysteresis to counter parasitic effects and noise. The added hysteresis of the MAX961-MAX964/MAX997/ MAX999 creates two trip points: one for the rising input voltage and one for the falling input voltage (Figure 1). The difference between the trip points is the hysteresis. When the comparator's input voltages are equal, the hysteresis effectively causes one comparator input
Input Stage Circuitry
The MAX961-MAX964/MAX997/MAX999 include internal protection circuitry that prevents damage to the precision input stage from large differential input voltages. This protection circuitry consists of two groups of three front-to-back diodes between IN+ and IN-, as well as two 200 resistors (Figure 3). The diodes limit the differential voltage applied to the comparator's internal circuitry to no more than 3VF, where VF is the diode's forward-voltage drop (about 0.7V at +25C).
VTRIP+ VIN+ VHYST VOS = VTRIP+ + VTRIP2
VIN- = 0V VTRIP-
VOH
Q Q
VOL VOH
VOL
Figure 1. Input and Output Waveforms, Noninverting Input Varied
_______________________________________________________________________________________
7
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
tSU tH DIFFERENTIAL INPUT VOLTAGE VOS
tLPW VCC LE 0V tPD VOH Q VOL VCC 2 tLPD VCC 2
Q
VCC 2 tSKEW tSKEW
Figure 2. MAX961/MAX963 Timing Diagram
MAX961-MAX964 MAX997 MAX999
For a large differential input voltage (exceeding 3VF), this protection circuitry increases the input bias current at IN+ (source) and IN- (sink). (IN+ - IN-) - 3VF Input current = ---------------- 2 x 200 Input currents with large differential input voltages should not be confused with input bias currents (IB). As long as the differential input voltage is less than 3VF, this input current is less than 2IB. The input circuitry allows the MAX961-MAX964/ MAX997/MAX999's input common-mode range to extend 100mV beyond both power-supply rails. The output remains in the correct logic state if one or both inputs are within the common-mode range. Taking either input outside the common-mode range causes the input to saturate and the propagation delay to increase.
200 IN+
TO INTERNAL CIRCUITRY
IN200
TO INTERNAL CIRCUITRY
Figure 3. Input Stage Circuitry
8
_______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
VCC
ISOURCE
MAX961-MAX964 MAX997 MAX999
Q, Q
ISINK GND
Figure 4. Output Stage Circuitry
Figure 5. MAX961 PCB Layout
Output Stage Circuitry
The MAX961-MAX964/MAX997/MAX999 contain a current-driven output stage, as shown in Figure 4. During an output transition, ISOURCE or ISINK is pushed or pulled to the output pin. The output source or sink current is high during the transition, creating a rapid slew rate. Once the output voltage reaches VOH or VOL, the source or sink current decreases to a small value, capable of maintaining the VOH or VOL in static condition. This decrease in current conserves power after an output transition has occurred. One consequence of a current-driven output stage is a linear dependence between the slew rate and the load capacitance. A heavy capacitive load slows down the voltage output transition.
__________Applications Information
Circuit Layout and Bypassing
The MAX961-MAX964/MAX997/MAX999's high bandwidth requires a high-speed layout. Follow these layout guidelines: 1) Use a PCB with a good, unbroken, low-inductance ground plane. 2) Place a decoupling capacitor (a 0.1F ceramic surface-mount capacitor is a good choice) as close to VCC as possible. 3) On the inputs and outputs, keep lead lengths short to avoid unwanted parasitic feedback around the comparators. Keep inputs away from outputs. Keep impedance between the inputs low. 4) Solder the device directly to the printed circuit board rather than using a socket. 5) Refer to Figure 5 for a recommended circuit layout. 6) For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000pF or less) placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes negligible degradation to t PD when the source impedance is low.
9
Shutdown Mode
When SHDN is high, the MAX961/MAX963/MAX964/ MAX997 shut down. When shut down, the supply current drops to 270A per comparator, and the outputs become high impedance. SHDN has a high input impedance. Connect SHDN to GND for normal operation. Exit shutdown with LE low; otherwise, the output is indeterminate.
_______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
___________________________________________________________Pin Configurations
TOP VIEW
IN+ 1 IN- 2 SHDN 3 LE 4 8 VCC Q Q GND INA+ 1 INA- 2 INB+ 3 INB- 4 8 VCC QA QB GND
MAX961
7 6 5
MAX962
7 6 5
SO/MAX
INA- 1 INA+ LEA 2 3 14 QA 13 QA 12 VCC INA- 1 INA+ 2 INB- 3 INB+ 4 INC- 5 INC+ 6 IND- 7 IND+ 8
SO/MAX
16 N.C. 15 QA 14 QB SHDN VCC Q N.C.
N.C. 1 IN- 2 IN+ 3 GND 4
8
MAX997
7 6 5
GND 4 LEB 5 INB- 6 INB+ 7
MAX963
11 GND 10 QB 9 8 QB SHDN
MAX964
13 VCC 12 GND 11 QC 10 QD 9 SHDN
SO/MAX
SO SO/QSOP
___________________Chip Information
MAX961/MAX962 TRANSISTOR COUNT: 286 MAX963/MAX964 TRANSISTOR COUNT: 607 MAX997/MAX999 TRANSISTOR COUNT: 142
10
______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
8LUMAXD.EPS
MAX961-MAX964/MAX997/MAX999
8
4X S
8
INCHES DIM A A1 A2 b c D e E H MIN 0.002 0.030 MAX 0.043 0.006 0.037
MILLIMETERS MAX MIN 0.05 0.75 1.10 0.15 0.95
O0.500.1 0.60.1
E
H
1
0.60.1
1
D
L
S
BOTTOM VIEW
0.014 0.010 0.007 0.005 0.120 0.116 0.0256 BSC 0.120 0.116 0.198 0.188 0.026 0.016 6 0 0.0207 BSC
0.25 0.36 0.13 0.18 2.95 3.05 0.65 BSC 2.95 3.05 4.78 5.03 0.41 0.66 0 6 0.5250 BSC
TOP VIEW
A2
A1
A
e
c b L
SIDE VIEW
FRONT VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, 8L uMAX/uSOP
APPROVAL DOCUMENT CONTROL NO. REV.
21-0036
J
1 1
______________________________________________________________________________________
11
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
QSOP.EPS
PACKAGE OUTLINE, QSOP .150", .025" LEAD PITCH
21-0055
F
1
1
12
______________________________________________________________________________________
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
SOICN .EPS
MAX961-MAX964/MAX997/MAX999
INCHES DIM A A1 B C e E H L MAX MIN 0.053 0.069 0.004 0.010 0.014 0.019 0.007 0.010 0.050 BSC 0.150 0.157 0.228 0.244 0.050 0.016
MILLIMETERS MAX MIN 1.75 1.35 0.25 0.10 0.49 0.35 0.19 0.25 1.27 BSC 3.80 4.00 5.80 6.20 0.40 1.27
N
E
H
VARIATIONS:
1
INCHES
MILLIMETERS MIN 4.80 8.55 9.80 MAX 5.00 8.75 10.00 N MS012 8 AA 14 AB 16 AC
TOP VIEW
DIM D D D
MIN 0.189 0.337 0.386
MAX 0.197 0.344 0.394
D A e B A1 L C
0-8
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, .150" SOIC
APPROVAL DOCUMENT CONTROL NO. REV.
21-0041
B
1 1
______________________________________________________________________________________
13
www..com
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V, Beyond-the-Rails Comparators MAX961-MAX964/MAX997/MAX999
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
SOT-23 5L .EPS
Revision History
Pages changed at Rev 5: 1, 2, 5-7, 9, 11-14
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X