Part Number Hot Search : 
LC89581 HC1G1 SA130 LML2502 C8950 KM4211 LC898 8788NL
Product Description
Full Text Search
 

To Download MAAVCC0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Variable Absorptive Attenuator 800 - 1000 MHz
V 2.00
MAAVCC0001
Features
n n n n n n n n n n
CSP-8, 28 Lead, 6mm
Input IP3: +31 dBm Min. (Full Attenuation Range) Input IP3 is 15 -20 dB Better Than GaAs Linear Operation: +20 dBm Min. Plastic, 28 Lead, 6 mm CSP, SMT Package 38 dB Dynamic Range (With 30 mA Bias Current) Single Control Voltage 50 ohm Impedance Linear Driver, DR65-0002, Available Test Boards are Available Tape and Reel Packaging Available
Description
M/A-COM's MAAVCC0001 is a PIN diode based voltage variable attenuator. This device is in a 6mm square, 28 lead, plastic CSP Package, suitable for surface mounting on PCBs. These attenuators have linear operating power and input intercept point levels 15 - 20 dB better than GaAs FET MMIC voltage variable attenuators. They are ideally suited for use where low distortion, high linear operating power and high dynamic range are required. These devices are optimized for the GSM frequency band, but exhibit excellent performance and repeatability over the entire specified frequency band. The MAAVCC0001 is ideally suited for wireless communications systems.
Package outline conforms to JEDEC standard MO-220B.
Electrical Specifications: TA = 25C
Parameter Insertion Loss Attenuation (Above Loss) Frequency Flatness VSWR Switching Speed Linear Operation Input IP3 I Control Test Conditions 0 volts 12 mA bias current 0 to 30 dB attenuation 0 to 30 dB attenuation 50% Control to 90%/10% RF -- Two-tone inputs up to +10 dBm -- Frequency 800-1000 MHz 925 - 960 MHz 800-1000 MHz 925 - 960 MHz 800-1000 MHz 925 - 960 MHz 800-1000 MHz 925 - 960 MHz 800-1000 MHz 800-1000 MHz 800-1000 MHz 800-1000 MHz Units dB dB dB dB dB dB Ratio Ratio S dBm dBm mA Min. -- -- 30 30 -- -- -- -- -- -- +35 -- Typ. 3.6 3.5 34 34 2.3 0.4 1.5:1 1.3:1 -- +20 +40 -- Max. 4.2 3.9 -- -- 3.0 0.8 1.9:1 1.8:1 10.0 -- --30
Voltage Variable Absorptive Attenuator 800 - 1000 MHz
MAAVCC0001
V 2.00
Typical Performance Curves
Insertion Loss
-40C +25C +85C
Typical VSWR @ +25C
15 dB 1.8 30 dB Ref
4.5 4.0 Loss (dB) 3.5 3.0 2.5 800 850 900 Frequency (MHz) 950 1000
VSWR (Ratio)
1.6
1.4
1.2
1 800 850 900 950 1000
Frequency (MHz)
Attenuation Flatness @ +25C
5 dB 1.5 1.0 10 dB 20 dB 30 dB
Atten. vs. Bias Current @ +25C
0 -5
Attenuation (dB)
-10 -15 -20 -25 -30 -35 -40 0 1 2 3 4 5 6 7 8 9 10 11 12
Flatness (dB)
0.5 0.0 -0.5 -1.0 -1.5 800 850 900 950 1000
Frequency (MHz)
Current (mA)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
Voltage Variable Absorptive Attenuator 800 - 1000 MHz
MAAVCC0001
V 2.00
Pin Configuration
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Function N/C N/C N/C N/C N/C N/C N/C N/C Bias N/C N/C GND RF out GND
1
Recommended PCB Layout
Pin # 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Function N/C N/C N/C N/C N/C N/C N/C N/C N/c Bias 1 N/C GND RF in GND
1. Bias current may be applied to Pin 9 or 24. However, the unused Pin must be isolated.
Absolute Maximum Ratings 2
Parameter Max. Input Power Operating Temperature Storage Temperature Absolute Maximum +27 dBm -40C to +85C -65C to +125C
Ordering Information
Part Number MAAVCC0001 MAAVCC0001TR MAAVCC0001-TB Package Bulk Packaging Tape and Reel (1K Reel) Unit Mounted on Test Board
2. Operation of this device above any one of these parameters may cause permanent damage.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of MAAVCC0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X